Part Number Hot Search : 
MTEZ320A BU705F TC1920 1006C BAW567DW SD103CW CT0201F SP507CB
Product Description
Full Text Search
 

To Download MASWSS0181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
Features
* * * * * * * * * * Low Voltage Operation: 2.5 V Harmonics: <-67 dBc at +34 dBm & 1 GHz Low Insertion Loss: 0.40 dB at 1 GHz High Isolation: 20 dB at 2 GHz 0.5 micron GaAs PHEMT Process Lead-Free SOT-26 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of MASWSS0006
MASWSS0181 V2
Functional Schematic
PIN 1 PIN 6
RF1
V1 RFC 39 pF 1 00 pF V2
100pF 39 pF
GND RF2
1 00 pF 39 pF
Description
M/A-COM's MASWSS0181 is a GaAs PHEMT MMIC single pole two throw (SPDT) high power switch in a lead-free SOT-26 package. The MASWSS0181 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other related handset and general purpose applications. This part can be used in all systems operating up to 3 GHz requiring high power at low control voltage. The MASWSS0181 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
Pin Configuration
Pin No.
1 2 3 4 5 6
Pin Name
RF1 GND RF2 V2 RFC V1
Description
RF Port 1 RF Ground RF Port 2 Control 2 RF Common Port Control 1
Absolute Maximum Ratings 1,2
Parameter
Input Power (0.5 - 3 GHz, 2.5 V Control) Voltage Operating Temperature Storage Temperature
Absolute Maximum
+38 dBm 8.5 volts -40C to +85C -65C to +150C
Ordering Information
Part Number
MASWSS0181 MASWSS0181TR MASWSS0181TR-3000 MASWSS0181SMB
Package
Bulk Packaging 1000 piece reel 3000 piece reel Sample Test Board
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits.
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, Vc = 0 V/2.5 V, Z0 = 50 Ohms3
Parameter
Insertion Loss
4
MASWSS0181 V2
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 2 GHz 2 - 3 GHz Two Tone, +26 dBm/tone, 5 MHz Spacing > 50 MHz -- 1 GHz, PIN = +34 dBm 1 GHz, PIN = +34 dBm 10% to 90% RF, 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF In Band
Units
dB dB dB dB dB dB dB dB dBm dBm dBc dBc S S mV A
Min.
-- -- -- 23.0 -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.40 0.50 0.75 26 20 16 20 16 57 39 -75 -75 0.04 0.06 50 --
Max.
0.65 -- -- -- -- -- -- -- -- -- -- -67 -- -- -- 50
Isolation
Return Loss IP3 P0.1dB 2 Harmonic 3 Harmonic Trise, Tfall Ton, Toff Transients Control Current
rd nd
3. For positive voltage control, external DC blocking capacitors are required on all RF ports. 4. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 100 pF for 0.5 GHz - 3 GHz.
Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
Truth Table 5,6
V1
1
V2
0 1
ANT- RF1
On Off
ANT - RF2
Off On
Handling Procedures
Please observe the following precautions to avoid damage:
5. 6.
0
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Differential voltage, V(state 1) - V(state 0), must be +2.5 V minimum and must not exceed +8 V. 0 = -5 V to 2.5 V, 1 = -2.5 V to +5 V
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
Typical Performance Curves vs. Temperature, 100 pF blocking capacitors
Insertion Loss vs. Frequency
+25C 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 +85C -40C 40
MASWSS0181 V2
Isolation vs. Frequency
+25C +85C -40C
Insertion Loss (dB)
30
Isolation (dB)
20
10
0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
2nd Harmonic vs. Control Voltage, Pin = 34 dBm CW, 1 GHz
+25C -60 +85C -40C
3rd Harmonic vs. Control Voltage, Pin = 34 dBm CW, 1 GHz
+25C -60 +85C -40C
Relative Harmonic (dBc)
Relative Harmonic (dBc)
2.0 2.5 3.0 3.5 4.0 4.5 5.0
-65 -70 -75 -80 -85 -90
-65 -70 -75 -80 -85 -90 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Vc (V)
Vc (V)
Lead-Free SOT-26 Plastic Package
3
Reference Application Note M538 for lead-free solder reflow recommendations.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X