Part Number Hot Search : 
L74HC CNX62A L1050 120UF 050000 2SD2218 FR102 XF001
Product Description
Full Text Search
 

To Download MASWSS0178 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
Features
* Positive Voltage Control: 0 / +5 V * High Isolation: 55 dB @ 0.9 GHz 50 dB @ 1.9 GHz * 50 Internal Terminations * Low Insertion Loss: 0.6 dB @ 0.9 GHz 0.7 dB @ 1.9 GHz * Lead-Free MSOP-8-EP Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * 260C Reflow Compatible * RoHS* Compliant Version of MASWSS0024
MASWSS0178 V3
Functional Block Diagram
Description
The M/A-COM MASWSS0178 GaAs monolithic switch provides high isolation in a lead-free, plastic surface mount package. The MASWSS0178 is ideal for applications across a broad range of frequencies including synthesizer switching, transmit / receive switching, switch matrices and filter banks in systems such as radio and cellular equipment, PCS, GPS, and fiber optic modules. M/A-COM fabricates the MASWSS0178 using a 1.0-micron gate length MESFET process. The process features full chip passivation for performance and reliability.
Pin Configuration 2
Pin
1 2 3 4
Function
Control 1 Control 2 RF Common Ground
Pin
5 6 7 8
Function
RF Port 2 Ground Ground RF Port 1
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
Absolute Maximum Ratings 3,4
Parameter Absolute Maximum
+30 dBm +33 dBm +8.5 Volts -40C to +85C -65C to +150C Input Power (0.5 - 3.0 GHz) 3 V Control 5 V Control Operating Voltage
Ordering Information
Part Number
MASWSS0178 MASWSS0178TR-3000 MASWSS0178SMB
1
Package
Bulk Packaging
Operating Temperature 3000 piece reel Sample Board Storage Temperature
1. Reference Application Note M513 for reel size information.
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / 5 V, Z0 = 50 5
Parameter
Insertion Loss
MASWSS0178 V3
Test Conditions
0.01 - 0.5 GHz 0.5 - 1.0 GHz 1.0 - 2.0 GHz 2.0 - 3.0 GHz 0.01 - 0.5 GHz 0.5 - 1.0 GHz 1.0 - 2.0 GHz 2.0 - 3.0 GHz 0.01 - 0.5 GHz6 0.5 - 1.0 GHz 1.0 - 2.0 GHz 2.0 - 3.0 GHz 2-Tone, 900 MHz, 5 MHz spacing 2-Tone, 900 MHz, 5 MHz spacing 10% to 90% RF & 90% to 10% RF 50% of VC to 10% / 90% RF In-band Vc = 5 V
Units
dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm nS nS mV A
Min.
-- -- -- -- -- 51 44 -- -- -- -- -- -- -- -- -- -- --
Typ.
0.5 0.6 0.7 0.75 59 57 53 43 20 20 20 20 83 43 24 15 12 2
Max.
-- 0.7 0.8 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 13
Isolation
Return Loss
Input IP2 Input IP3 Trise, Tfall Ton, Toff Transients Control Current
5. External DC blocking capacitors are required on all RF ports (47 pF capacitors are recommended). Use larger value capacitors for lower frequency operation (e.g. use 10,000 pF capacitors to optimize insertion and return loss at frequencies below 50 MHz). 6. Terminated return loss is governed by blocking capacitors internal to the device; see applications plot.
Truth Table
V1
0 1
Handling Procedures
V2
1 0
RFC-RF1
Off On
RFC-RF2
On Off
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Logic Level
VLOW "0" VHIGH "1"
Voltage Level
0 0.2 V 3.0 V to 8.0 V
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
Typical Performance Curves
Return Loss
30
MASWSS0178 V3
Insertion Loss
1 .0
OUTPUT RETURN LOSS ("OFF" STATE)
Return Loss (dB)
Insertion Loss (dB)
25
0.8
0.6
20
0.4
INPUT RETURN LOSS ("ON" STATE) 1 5
0.2
0.0
1 0 0.5 1 .0 1 .5 2.0 2.5 3.0
0.0
0.5
1 .0
1 .5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Isolation
Lead-Free MSOP-8-EP
80
60
Isolation (dB)
40
20
0 0.0 0.5 1 .0 1 .5 2.0 2.5 3.0
Frequency (GHz)
Reference Application Note M538 for lead-free solder reflow recommendations.
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
Applications Section Typical Performance Curves, Very Low Frequency, 10000 pF Blocking Capacitors
Return Loss vs. Frequency
0.0
Return Loss - Insertion Path (dB)
MASWSS0178 V3
Insertion Loss vs. Frequency
2.0
-5.0
Return Loss - Termination (dB)
Insertion Loss (dB)
1.5 -10.0
-15.0
1.0
-20.0 0.5 -25.0
-30.0 0 0.1 0.2 0.3 0.4 0.5
0.0 0 0.1 0.2 0.3 0.4 0.5
Frequency (GHz)
Frequency (GHz)
Isolation vs. Frequency
70.0 65.0
Isolation (dB)
60.0 55.0 50.0 45.0 40.0 35.0 30.0 0 0.1 0.2 0.3 0.4 0.5
Frequency (GHz)
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASWSS0178

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X