Part Number Hot Search : 
IRF995 TLRF1060 PB1002S TBA120U PB1002S 80007 FR10A04 04365
Product Description
Full Text Search
 

To Download M7232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @Ob3/4EAeN/|--1/2q
MOSDESIGN SEMICONDUCTOR CORP.
TAIPEI : TEL : FAX : H.K. : TEL : FAX :
886-2- 22783733 886-2- 22783633 852- 27569109 852- 27566961
DIMMER
CONTINUOUS, ON/OFF LIGHT DIMMER
FEATURES \aO-z E Output phase angle : 41X ~159X
E Output pulse width : 33gs. E Operated on 50/60 Hz line frequency. E Sensor duration : ON/OFF 50~332 ms Dimming 350 ms ~ infinite
TI
sAo , }/ Ao 1/2Ou3/4
M7232
150 A1 90 40 B1 B2 A2
934ms 500ms 934ms
APPLICATION ~AI E Light dimmer, AC motor speed controller. ELECTRICAL CHARACTERISTICS q(R)W(R)ae
Characteristics u@qA Operating Voltage u@qy Operating Current AEqy Driving Current u@*Ax Operating Temperature Sym. VDD IOP IOL Temp. Min. 4.5 0.1
w
Typ. 6 0.2 10 25
Max. 8 0.3 w 80
Unit V mA mA J No load @ VDS=1V
REMARKS
-10
APPLICATION DIAGRAM N|OqoI
AC+ (FIRE)
R5
C3
Z
M7232
VDD DO C1 C2 D2 CAP ZC 1 8 AT VSS SL TI R2 D3 D4 ACw (GROUND) TOUCH PLATE R3 C4 R1 C5 VDD D1 C6 C7 R4
4
5
1M
1M
0.033gF ~ 0.068gF 4700PF 47gF/25V 680PF 0.1gF 0.1gF/ 250 ~ 400V 0.1gF/ 250 ~ 400V 39K/2W(110V) R1 75K/2W(220V) R2 1.5M R3 1M~5M R4 100~560[ R5 10K D1 4007 D2 1N4148 D3 1N4148 D4 1N4148 Z 6.2V/1W 110V/1A FUSE 220V/1A C1 C2 C3 C4 C5 C6 C7
* All specs and applications shown above subject to change without prior notice. ( HWqoIW(R)aeENN|O ,1/2qow|ae-x) 1/1 2003-11-18


▲Up To Search▲   

 
Price & Availability of M7232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X