Part Number Hot Search : 
61CNQ035 MC10E1 RP100X DS9006 20M02 MS2213 MAX232 DMA206E1
Product Description
Full Text Search
 

To Download KSC5026M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC5026M
KSC5026M
High Voltage and High Reliability
* High Speed Switching * Wide SOA
1
TO-126 2.Collector 3.Base
1. Emitter
NPN Silicon Transistor
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC ICP IB PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Collector Dissipation (TC=25C) Junction Temperature Storage Temperature Value 1100 800 7 1.5 5 0.8 20 150 - 55 ~ 150 Units V V V A A A W C C
Electrical Characteristics TC=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO VCEX(sus) Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Sustaining Voltage Test Condition IC = 1mA, IE = 0 IC = 5mA, IB = 0 IE = 1mA, IC = 0 IC = 0.75A IB1 = -IB2 = 0.15A L = 5mH, Clamped VCB = 800V, IE = 0 VEB = 5V, IC = 0 VCE = 5V, IC = 0.1A VCE = 5V, IC = 0.5A IC = 0.75A, IB = 0.15A IC = 0.75A, IB = 0.15A VCB =10V, IE = 0, f = 1MHz VCE = 10V, IC = 0.1A VCC = 400V IC = 5IB1 = -2.5IB2 = 1A RL = 400 35 15 0.5 3 0.3 10 8 Min. 1100 800 7 800 10 10 40 2 1.5 V V pF MHz s s s Typ. Max. Units V V V V A A
ICBO IEBO hFE1 hFE2 VCE(sat) VBE(sat) Cob fT tON tSTG tF
Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn On Time Storage Time Fall Time
hFE Classification
Classification hFE1 N 10 ~ 20 R 15 ~ 30 O 20 ~ 40
(c)2002 Fairchild Semiconductor Corporation
Rev. B2, December 2002
KSC5026M
Typical Characteristics
2.0 1.8
1000
VCE = 5V
IC[A], COLLECTOR CURRENT
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 1 2 3 4 5 6 7
hFE, DC CURRENT GAIN
10
100
IB = 120mA IB = 100mA IB = 80mA IB = 60mA IB = 40mA IB = 20mA IB = 10mA IB = 5mA IB = 0
8 9
10
1 0.01
0.1
1
10
100
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[A], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
10
1.6
IC = 5 IB
1.4
VCE = 5V
IC[A], COLLECTOR CURRENT
1.2
1
VBE(sat)
1.0
0.8
0.1
VCE(sat)
0.6
0.4
0.2
0.01 0.01
0.1
1
10
0.0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
IC[A], COLLECTOR CURRENT
VBE[V], BASE-EMITTER VOLTAGE
Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
10
10
IC(max).(Pulse)
s 1m
0 10
IC[A], COLLECTOR CURRENT
s
tON, tSTG, tF [s], TIME
tSTG
1
1
IC(max)
DC
ms 10
tON tF
0.1
0.1
0.01
0.01 0.1
1E-3 1 10 1 10 100 1000
IC[A], COLLECTOR CURRENT
VCE[V], COLLECTOR-EMITTER VOLTAGE
Figure 5. Switching Time
Figure 6. Safe Operating Area
(c)2002 Fairchild Semiconductor Corporation
Rev. B2, December 2002
KSC5026M
Typical Characteristics (Continued)
100
30
IB2 = -0.15A
IC[A], COLLECTOR CURRENT
10
PC[W], POWER DISSIPATION
20
1
10
0.1
0.01 10 100 1000 10000
0 0 25 50
o
75
100
125
150
175
VCE[V], COLLECTOR-EMITTER VOLTAGE
TC[ C], CASE TEMPERATURE
Figure 7. Reverse Bias Safe Operating Area
Figure 8. Power Derating
(c)2002 Fairchild Semiconductor Corporation
Rev. B2, December 2002
KSC5026M
Package Dimensions
TO-126
0.10
3.90
8.00 0.30
3.25 0.20
14.20MAX
o3.20 0.10
11.00
0.20
(1.00) 0.75 0.10 1.60 0.10 0.75 0.10
0.30
(0.50) 1.75 0.20
#1 2.28TYP [2.280.20] 2.28TYP [2.280.20]
13.06
16.10
0.20
0.50 -0.05
+0.10
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B2, December 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of KSC5026M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X