Part Number Hot Search : 
5962R MC140 D1789 UDZS13B 8ZETE1 MC140 C104F PCP1104
Product Description
Full Text Search
 

To Download IXFH9N80Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs Q-Class
N-Channel Enhancement Mode Avalanche Rated Low Qg, High dv/dt
IXFH 9N80Q IXFT 9N80Q
VDSS ID25 RDS(on)
= 800 V = 9A = 1.1
trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 2 TC = 25C
Maximum Ratings 800 800 20 30 9 36 9 20 700 5 180 -55 ... +150 150 -55 ... +150 V V V V A A
TO-247 AD (IXFH)
TO-268 (D3) ( IXFT) A mJ mJ V/ns W C C C C Nm/lb.in. g g Features
l l
G S
(TAB)
G = Gate S = Source
D = Drain TAB = Drain
1.6 mm (0.063 in) from case for 10 s Mounting torque TO-247 TO-268 Test Conditions
300 1.13/10 6 4
Symbol
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 800 3.0 5.0 100 TJ = 25C TJ = 125C 50 1 1.1 V V nA A mA
l l l
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 1 mA VDS = VGS, ID = 2.5 mA VGS = 20 VDC, VDS = 0 VDS = 0.8 VDSS VGS = 0 V
l
IXYS advanced low Qg process Low gate charge and capacitances - easier to drive - faster switching International standard packages Low RDS (on) Unclamped Inductive Switching (UIS) rated Molding epoxies meet UL 94 V-0 flammability classification
Advantages
l l l
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 s, duty cycle d 2 %
Easy to mount Space savings High power density
(c) 1999 IXYS All rights reserved
98629 (6/99)
IXFH IXFT
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 3 5 2200 VGS = 0 V, VDS = 25 V, f = 1 MHz 240 41 20 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 4.7 (External), 20 42 13 56 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 17 22 0.7 (TO-247) 0.25 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Dim. A A1 A2 b b1 b2 C D E e L L1 P Q R S Millimeter Min. Max. 4.7 2.2 2.2 1.0 1.65 2.87 .4 20.80 15.75 5.20 19.81 3.55 5.89 4.32 6.15 5.3 2.54 2.6 1.4 2.13 3.12 .8 21.46 16.26 5.72 20.32 4.50 3.65 6.40 5.49 BSC
1 2 3
9N80Q 9N80Q
TO-247 AD (IXFH) Outline
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25, pulse test
Terminals: 1 - Gate 2 - Drain 3 - Source Tab - Drain
Inches Min. Max. .185 .087 .059 .040 .065 .113 .016 .819 .610 0.205 .780 .140 0.232 .170 242 .209 .102 .098 .055 .084 .123 .031 .845 .640 0.225 .800 .177 .144 0.252 .216 BSC
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 9 36 1.5 A A V
TO-268 Outline
Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = IS, -di/dt = 100 A/s, VR = 100 V 0.75 7.5
250
ns C A
Terminals: 1 - Gate 3 - Source
2 - Drain Tab - Drain
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025


▲Up To Search▲   

 
Price & Availability of IXFH9N80Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X