Part Number Hot Search : 
AOT210L C1417CG MV393 10U17 CSND691 HT48C06 TBA120U DS1225
Product Description
Full Text Search
 

To Download ISPLSI1016EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ispLSI 1016EA
(R)
In-System Programmable High Density PLD Features
* HIGH-DENSITY PROGRAMMABLE LOGIC -- 2000 PLD Gates -- 32 I/O Pins, One Dedicated Input -- 96 Registers -- High-Speed Global Interconnect -- Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc. -- Small Logic Block Size for Random Logic -- Functionally Compatible with ispLSI 1016E * NEW FEATURES -- 100% IEEE 1149.1 Boundary Scan Testable -- ispJTAGTM In-System Programmable via IEEE 1149.1 (JTAG) Test Access Port -- User-Selectable 3.3V or 5V I/O Supports MixedVoltage Systems (VCCIO Pin) -- Open-Drain Output Option TECHNOLOGY * HIGH-PERFORMANCE -- fmax = 200 MHz Maximum Operating Frequency -- tpd = 4.5 ns Propagation Delay -- TTL Compatible Inputs and Outputs -- Electrically Erasable and Reprogrammable -- Non-Volatile -- 100% Tested at Time of Manufacture -- Unused Product Term Shutdown Saves Power * IN-SYSTEM PROGRAMMABLE -- Increased Manufacturing Yields, Reduced Time-toMarket and Improved Product Quality -- Reprogram Soldered Device for Faster Prototyping * OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS -- Complete Programmable Device Can Combine Glue Logic and Structured Designs -- Enhanced Pin Locking Capability -- Three Dedicated Clock Input Pins -- Synchronous and Asynchronous Clocks -- Programmable Output Slew Rate Control to Minimize Switching Noise -- Flexible Pin Placement -- Optimized Global Routing Pool Provides Global Interconnectivity * ispDesignEXPERTTM - LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING -- Superior Quality of Results -- Tightly Integrated with Leading CAE Vendor Tools -- Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZERTM -- PC and UNIX Platforms E2CMOS(R)
Functional Block Diagram
A0
B7 B5 GLB B4 B3
DQ
Output Routing Pool
A2 A3 A4 A5 A6 A7
Logic Array
DQ
DQ
B2 B1 Global Routing Pool (GRP) B0
CLK
0139C/1016EA
Description
The ispLSI 1016EA is a High Density Programmable Logic Device containing 96 Registers, 32 Universal I/O pins, one Dedicated Input pin, two Dedicated Clock Input pins, one Global OE input pin and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1016EA features 5V in-system programmability (ISPTM) and in-system diagnostic capabilities via an IEEE 1149.1 Test Access Port. The ispLSI 1016EA offers non-volatile reprogrammability of the logic, as well as the interconnect to provide truly reconfigurable systems. A functional superset of the ispLSI 1016 architecture, the ispLSI 1016EA device adds user-selectable 3.3V or 5V I/O and open-drain output options. The basic unit of logic on the ispLSI 1016EA device is the Generic Logic Block (GLB). The GLBs are labeled A0, A1...B7 (Figure 1). There are a total of 16 GLBs in the ispLSI 1016EA device. Each GLB has 18 inputs, a programmable AND/OR/Exclusive OR array, and four outputs which can be configured to be either combinatorial or registered. Inputs to the GLB come from the GRP and a dedicated input. All of the GLB outputs are brought back into the GRP so that they can be connected to the inputs of any other GLB on the device.
Copyright (c) 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A. Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
June 2000
1016ea_01
1
Output Routing Pool
A1
DQ
B6
Specifications ispLSI 1016EA
Functional Block Diagram
Figure 1. ispLSI 1016EA Functional Block Diagram
VCCIO
Generic Logic Blocks (GLBs)
GOE 0
B7
I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15
A0 A1
B6
I/O 31 I/O 30 I/O 29 I/O 28
Output Routing Pool (ORP)
B5 B4 B3 B2 B1 B0
Output Routing Pool (ORP)
Input Bus
A3 A4 A5 A6 A7
Global Routing Pool (GRP)
lnput Bus
A2
I/O 27 I/O 26 I/O 25 I/O 24 I/O 23 I/O 22 I/O 21 I/O 20 I/O 19 I/O 18 I/O 17 I/O 16
TDI TDO TMS TCK
Megablock
Clock Distribution Network
CLK 0 CLK 1 CLK 2 IOCLK 0 IOCLK 1
*Note: Y1 and RESET are multiplexed on the same pin
The device also has 32 I/O cells, each of which is directly connected to an I/O pin. Each I/O cell can be individually programmed to be a combinatorial input, registered input, latched input, output or bi-directional I/O pin with 3-state control. The signal levels are TTL compatible voltages and the output drivers can source 2 mA or sink 8 mA. Each output can be programmed independently for fast or slow output slew rate to minimize overall output switching noise. By conneting the VCCIO pin to a common 5V or 3.3V power supply, I/O output levels can be matched to 5V or 3.3V-compatible voltages. Eight GLBs, 16 I/O cells, a dedicated input (if available) and one ORP are connected together to make a Megablock (see Figure 1). The outputs of the eight GLBs are connected to a set of 16 universal I/O cells by the ORP. Each ispLSI 1016EA device contains two Megablocks. The GRP has, as its inputs, the outputs from all of the GLBs and all of the inputs from the bi-directional I/O cells. All of these signals are made available to the inputs of the GLBs. Delays through the GRP have been equalized to minimize timing skew.
Clocks in the ispLSI 1016EA device are selected using the Clock Distribution Network. Two dedicated clock pins (Y0 and Y1) are brought into the distribution network, and five clock outputs (CLK 0, CLK 1, CLK 2, IOCLK 0 and IOCLK 1) are provided to route clocks to the GLBs and I/O cells. The Clock Distribution Network can also be driven from a special clock GLB (B0 on the ispLSI 1016EA device). The logic of this GLB allows the user to create an internal clock from a combination of internal signals within the device.
Programmable Open-Drain Outputs
In addition to the standard output configuration, the outputs of the ispLSI 1016EA are individually programmable, either as a standard totem-pole output or an open-drain output. The totem-pole output drives the specified Voh and Vol levels, whereas the open-drain output drives only the specified Vol. The Voh level on the open-drain output depends on the external loading and pull-up. This output configuration is controlled by a programmable fuse. The default configuration when the device is in bulk erased state is totem-pole configuration. The open-drain/totem-pole option is selectable through the ispDesignEXPERT software tools. 2
Y0 Y1/RESET*
0139/1016EA
Specifications ispLSI 1016EA
Boundary Scan
Figure 2. Boundary Scan Waveforms and Timing Specifications
TMS
TDI Tbtsu Tbtch TCK Tbtcl Tbth Tbtcp
Tbtvo TDO Tbtcpsu Data to be captured Valid Data
Tbtco Valid Data
Tbtoz
Tbtcph Data Captured
Tbtuov Data to be driven out
Tbtuco Valid Data
Tbtuoz Valid Data
Symbol tbtcp tbtch
tbtcl tbtsu tbth trf tbtco tbtoz tbtvo tbtcpsu tbtcph tbtuco tbtuoz tbtuov
Parameter TCK [BSCAN test] clock pulse width TCK [BSCAN test] pulse width high TCK [BSCAN test] pulse width low TCK [BSCAN test] setup time TCK [BSCAN test] hold time TCK [BSCAN test] rise and fall time TAP controller falling edge of clock to valid output TAP controller falling edge of clock to data output disable TAP controller falling edge of clock to data output enable BSCAN test Capture register setup time BSCAN test Capture register hold time BSCAN test Update reg, falling edge of clock to valid output BSCAN test Update reg, falling edge of clock to output disable BSCAN test Update reg, falling edge of clock to output enable
Min 100 50 50 20 25 50 - - - 40 25 - - -
Max - - - - - - 25 25 25 - - 50 50 50
Units ns ns ns ns ns mV/ns ns ns ns ns ns ns ns ns
3
Specifications ispLSI 1016EA
Absolute Maximum Ratings 1
Supply Voltage VCC ................................ -0.5 to +7.0V Input Voltage Applied ........................ -2.5 to VCC +1.0V Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V Storage Temperature ................................ -65 to 150C Case Temp. with Power Applied .............. -55 to 125C Max. Junction Temp. (TJ) with Power Applied ... 150C
1. Stresses above those listed under the "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
SYMBOL PARAMETER Supply Voltage Supply Voltage: Output Drivers Input Low Voltage Input High Voltage Commercial 5V 3.3V TA = 0C to + 70C MIN. 4.75 4.75 3.0 0 2.0 MAX. 5.25 5.25 3.6 0.8 Vcc+1 UNITS V V V V V
VCC VCCIO VIL VIH
Table 2-0005/1016EA
Capacitance (TA=25oC, f=1.0 MHz)
SYMBOL PARAMETER Dedicated Input, I/O, Y1, Y2, Y3, Clock Capacitance (Commercial) Y0 Clock Capacitance TYPICAL 8 10 UNITS pf pf TEST CONDITIONS VCC = 5.0V, VPIN = 2.0V VCC = 5.0V, VPIN = 2.0V
Table 2-0006/1016EA
C1 C2
Erase/Reprogram Specifications
PARAMETER Erase/Reprogram Cycles MINIMUM 10000 MAXIMUM -- UNITS Cycles
Table 2-0008/1016EA
4
Specifications ispLSI 1016EA
Switching Test Conditions
Input Pulse Levels Input Rise and Fall Time 10% to 90% Input Timing Reference Levels Output Timing Reference Levels Output Load 3-state levels are measured 0.5V from steady-state active level. GND to 3.0V 1.5ns 1.5V 1.5V See Figure 3
Table 2-0003/1016EA
Figure 3. Test Load
+ 5V R1 Device Output R2 CL* Test Point
Output Load Conditions (see Figure 3)
TEST CONDITION A B Active High Active Low Active High to Z at VOH -0.5V Active Low to Z at VOL +0.5V R1 470 470 470 R2 390 390 390 390 390 CL 35pF 35pF 35pF 5pF 5pF
*CL includes Test Fixture and Probe Capacitance.
0213a
C
Table 2-0004/1016E
DC Electrical Characteristics
Over Recommended Operating Conditions
SYMBOL PARAMETER Output Low Voltage Output High Voltage Input or I/O Low Leakage Current Input or I/O High Leakage Current I/O Active Pull-Up Current Output Short Circuit Current Operating Power Supply Current IOL = 8 mA IOH = -2 mA, VCCIO = 3.0V IOH = -4 mA, VCCIO = 4.75V 0V VIN VIL (Max.) (VCCIO - 0.2)V VIN VCCIO VCCIO VIN 5.25V 0V VIN VIL VCCIO = 5.0V or 3.3V, VOUT = 0.5V VIL = 0.0V, VIH = 3.0V fTOGGLE = 1 MHz CONDITION MIN. -- 2.4 2.4 -- -- -- -- -- -- TYP.3 -- -- -- -- -- -- -- -- 91 MAX. UNITS 0.4 -- -- -10 10 10 -200 -240 -- V V V A A A A mA mA
VOL VOH IIL IIH IIL-PU IOS1 ICC2, 4, 5
Table 2-0007/1016EA 1. One output at a time for a maximum duration of one second. VOUT = 0.5V was selected to avoid test problems by tester ground degradation. Characterized but not 100% tested. 2. Measured using four 16-bit counters. 3. Typical values are at VCC = 5V and TA = 25C. 4. Unused inputs held at 0.0V. 5. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to the Power Consumption section of this data sheet and the Thermal Management section of the Lattice Semiconductor Data Book CD-ROM to estimate maximum ICC.
5
Specifications ispLSI 1016EA
External Timing Parameters
Over Recommended Operating Conditions
PARAMETER TEST COND.
4
#2 1 2 3 4 5 6 7 8 9
DESCRIPTION
1
-200 -- -- 200
1
-125 -- -- 125 100 167 4.5 -- 0.0 5.5 -- 0.0 -- 5.0 -- -- -- -- 3.0 3.0 3.0 0.0 7.5 10.0 -- -- -- -- 4.5 -- -- 5.5 -- 10.0 -- 12.0 12.0 7.0 7.0 -- -- -- --
-100 -- -- 100 77 125 6.0 -- 0.0 7.0 -- 0.0 -- 6.5 -- -- -- -- 4.0 4.0 3.5 0.0 10.0 12.5 -- -- -- -- 6.0 -- -- 7.0 -- 13.5 -- 15.0 15.0 9.0 9.0 -- -- -- --
MIN. MAX. MIN. MAX. MIN. MAX. 4.5 6.0 -- -- -- -- 3.5 -- -- 4.0 -- 5.5 -- 7.0 7.0 4.5 4.5 -- -- -- --
UNITS ns ns MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tpd1 tpd2 fmax (Int.) fmax (Ext.) fmax (Tog.) tsu1 tco1 th1 tsu2 tco2 th2 tr1 trw1 tptoeen tptoedis tgoeen tgoedis twh twl tsu3 th3
1. 2. 3. 4.
A A A -- -- -- A -- -- -- -- A -- B C B C -- -- -- --
Data Propagation Delay, 4PT Bypass, ORP Bypass Data Propagation Delay, Worst Case Path Clock Frequency with Internal Feedback 3 Clock Frequency, Max. Toggle
Clock Frequency with External Feedback ( tsu2 + tco1) 143
(
1 twh + twl
)
250 3.0 -- 0.0 3.5 -- 0.0 -- 3.5 -- -- -- -- 2.0 2.0 3.0 0.0
GLB Reg. Setup Time before Clock,4 PT Bypass GLB Reg. Clock to Output Delay, ORP Bypass GLB Reg. Hold Time after Clock, 4 PT Bypass GLB Reg. Setup Time before Clock
10 GLB Reg. Clock to Output Delay 11 GLB Reg. Hold Time after Clock 12 Ext. Reset Pin to Output Delay 13 Ext. Reset Pulse Duration 14 Input to Output Enable 15 Input to Output Disable 16 Global OE Output Enable 17 Global OE Output Disable 18 External Synchronous Clock Pulse Duration, High 19 External Synchronous Clock Pulse Duration, Low 20 21 I/O Reg. Setup Time before Ext. Sync Clock (Y1) I/O Reg. Hold Time after Ext. Sync. Clock (Y1)
Unless noted otherwise, all parameters use a GRP load of four GLBs, 20 PTXOR path, ORP and Y0 clock. Refer to Timing Model in this data sheet for further details. Standard 16-bit counter using GRP feedback. Reference Switching Test Conditions section.
Table 2-0030A/1016EA v.2.6
6
Specifications ispLSI 1016EA
Internal Timing Parameters1
PARAM. #
2
DESCRIPTION
-200
-125
-100
MIN. MAX. MIN. MAX. MIN. MAX. -- -- 3.0 0.0 -- -- -- -- -- -- -- 0.3 4.0 -- -- 4.0 4.0 1.1 1.3 1.5 1.7 2.1 -- -- 3.0 0.0 -- -- -- -- -- -- -- 0.3 4.0 -- -- 4.6 4.6 1.9 1.7 1.9 2.1 2.5 -- -- 3.4 0.0 -- -- -- -- -- -- -- 0.4 4.0 -- -- 5.0 5.0 2.2 2.1 2.3 2.5 2.9
UNITS
Inputs
tiobp tiolat tiosu tioh tioco tior tdin
GRP
22 I/O Register Bypass 23 I/O Latch Delay 24 I/O Register Setup Time before Clock 25 I/O Register Hold Time after Clock 26 I/O Register Clock to Out Delay 27 I/O Register Reset to Out Delay 28 Dedicated Input Delay 29 GRP Delay, 1 GLB Load 30 GRP Delay, 4 GLB Loads 31 GRP Delay, 8 GLB Loads 32 GRP Delay, 16 GLB Loads
ns ns ns ns ns ns ns ns ns ns ns
tgrp1 tgrp4 tgrp8 tgrp16
GLB
t4ptbpc t4ptbpr t1ptxor t20ptxor txoradj tgbp tgsu tgh tgco tgro tptre tptoe tptck tgfb
ORP
33 4 ProductTerm Bypass Path Delay (Combinatorial) 34 4 Product Term Bypass Path Delay (Registered) 35 1 ProductTerm/XOR Path Delay 36 20 Product Term/XOR Path Delay 37 XOR Adjacent Path Delay
3
-- -- -- -- -- -- 0.2 1.0 -- -- -- -- 1.5 -- -- --
1.7 1.8 1.9 1.9 1.9 0.6 -- -- 1.4 3.8 2.5 2.1 2.5 0.0 0.8 0.1
-- -- -- -- -- -- 0.3 3.5 -- -- -- -- 2.8 -- -- --
3.4 3.1 3.6 3.6 3.6 1.2 -- -- 1.4 4.9 3.8 5.7 3.9 0.3 1.3 0.2
-- -- -- -- -- -- 0.3 4.0 -- -- -- -- 3.5 -- -- --
4.9 4.9 4.3 4.3 4.3 2.1 -- -- 1.7 5.0 4.5 7.2 4.7 0.3 1.4 0.4
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
38 GLB Register Bypass Delay 39 GLB Register Setup Time before Clock 40 GLB Register Hold Time after Clock 41 GLB Register Clock to Output Delay 42 GLB Register Reset to Output Delay 43 GLB Product Term Reset to Register Delay 44 GLB Product Term Output Enable to I/O Cell Delay 45 GLB Product Term Clock Delay 46 GLB Feedback Delay 47 ORP Delay 48 ORP Bypass Delay
torp torpbp
1. Internal Timing Parameters are not tested and are for reference only. 2. Refer to Timing Model in this data sheet for further details. 3. The XOR adjacent path can only be used by hard macros.
Table 2-0036A/1016EA v.2.6
7
Specifications ispLSI 1016EA
Internal Timing Parameters1
PARAM. # DESCRIPTION -200 -125 -100 UNITS MIN. MAX. MIN. MAX. MIN. MAX. -- -- -- -- -- 0.9 0.9 0.8 0.0 0.8 -- 0.9 5.0 3.1 3.1 1.4 0.9 0.9 1.8 0.0 2.8 0.0 -- -- -- -- -- 1.1 0.9 0.8 0.0 0.8 -- 1.7 5.0 4.0 4.0 3.0 1.1 0.9 1.8 0.0 2.8 2.1 -- -- -- -- -- 1.9 1.5 0.8 0.0 0.8 -- 2.0 5.0 5.1 5.1 3.9 1.9 1.5 1.8 0.0 2.8 5.1
Outputs
tob tsl toen todis tgoe
Clocks
49 Output Buffer Delay 50 Output Buffer Delay, Slew Limited Adder 51 I/O Cell OE to Output Enabled 52 I/O Cell OE to Output Disabled 53 Global OE 54 Clock Delay, Y0 to Global GLB Clock Line (Ref. clk) 55 Clock Delay, Y1 to Global GLB Clock Line 56 Clock Delay, Clock GLB to Global GLB Clock Line 57 Clock Delay, Y1 to I/O Cell Global Clock Line 58 Clock Delay, Clock GLB to I/O Cell Global Clock Line 59 Global Reset to GLB and I/O Registers
ns ns ns ns ns ns ns ns ns ns ns
tgy0 tgy1 tgcp tioy1 tiocp tgr
Global Reset
1. Internal Timing Parameters are not tested and are for reference only.
Table 2-0037A/1016EA v.2.6
8
Specifications ispLSI 1016EA
ispLSI 1016EA Timing Model
I/O Cell GRP #46 Ded. In GLB Feedback #33 GRP4 #30 GRP Loading Delay #29, 31 - 32 Comb 4 PT Bypass GLB Reg Bypass #38 GLB Reg Delay D RST Reset #59 #39 - 42 Q ORP Bypass #48 ORP Delay #47 #49, 50 I/O Pin (Output) ORP I/O Cell
#28 I/O Reg Bypass #22 Input D Register Q RST #23 - 27
I/O Pin (Input)
Reg 4 PT Bypass #34 20 PT XOR Delays #35 - 37
#51, 52
#59
Clock Distribution Y1 #55 - 58
Control RE PTs OE #43 - 45 CK
0491/1016EA
Y0 GOE 0
#54 #53
Derivations of tsu, th and tco from the Product Term Clock 1 tsu
= = = 0.9 = = = = 1.6 = = = = 7.2 = Logic + Reg su - Clock (min) (tiobp + tgrp4 + t20ptxor) + (tgsu) - (tiobp + tgrp4 + tptck(min)) (#22 + #30 + #36) + (#39) - (#22 + #30 + #45) (0.3 + 1.5 + 1.9) + (0.2) - (0.3 + 1.5 + 1.2) Clock (max) + Reg h - Logic (tiobp + tgrp4 + tptck(max)) + (tgh) - (tiobp + tgrp4 + t20ptxor) (#22 + #30 + #45) + (#40) - (#22 + #30 + #36) (0.3 + 1.5 + 2.5) + (1.0) - (0.3 + 1.5 + 1.9) Clock (max) + Reg co + Output (tiobp + tgrp4 + tptck(max)) + (tgco) + (torp + tob) (#22 + #30 + #45) + (#41) + (#47 + #49) (0.3 + 1.5 + 2.5) + (1.4) + (0.8 + 0.9)
th
tco
Derivations of tsu, th and tco from the Clock GLB 1 tsu
= = = 1.1 = = = = 1.4 = = = = 7.2 = Logic + Reg (setup) - Clock (min) (tiobp + tgrp4 + t20ptxor) + (tgsu) - (tgy0(min) + tgco + tgcp(min)) (#22 + #30 + #36) + (#39) - (#54 + #41 + #56) (0.3 + 1.5 + 1.9) + (0.2) - (0.9 + 1.4 + 0.8) Clock (max) + Reg (hold) - Logic (tgy0(max) + tgco + tgcp(max)) + (tgh) - (tiobp + tgrp4 + t20ptxor) (#54 + #41 + #56) + (#40) - (#22 + #30 + #36) (0.9 + 1.4 + 1.8) + (1.0) - (0.3 + 1.5 + 1.9) Clock (max) + Reg (clock-to-out) + Output (tgy0(max) + tgco + tgcp(max)) + (tgco) + (torp + tob) (#54 + #41 + #56) + (#41) + (#47 + #49) (0.9 + 1.4 + 1.8) + (1.4) + (0.8 + 0.9)
th
tco
1. Calculations are based upon timing specifications for the ispLSI 1016EA-200.
Table 2-0042a/1016EA v.2.6
9
Specifications ispLSI 1016EA
Maximum GRP Delay vs GLB Loads
4
GRP Delay (ns)
3
ispLSI 1016EA-100 ispLSI 1016EA-125
2
ispLSI 1016EA-200
1
1
4
8 GLB Load
16
GRP/GLB/1016EA
Power Consumption
Power consumption in the ispLSI 1016EA device depends on two primary factors: the speed at which the device is operating and the number of Product Terms Figure 4. Typical Device Power Consumption vs fmax
150 140 130
ispLSI 1016EA
used. Figure 4 shows the relationship between power and operating speed.
ICC (mA)
120 110 100 90 80 0 50 100 150 200 250
fmax (MHz)
Notes: Configuration of four 16-bit counters Typical current at 5V, 25C
ICC can be estimated for the ispLSI 1016EA using the following equation: ICC(mA) = 23 + (# of PTs * 0.52) + (# of nets * max freq * 0.004) Where: # of PTs = Number of product terms used in design # of nets = Number of signals used in device Max freq = Highest clock frequency to the device (in MHz) The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of four GLB loads on average exists and the device is filled with four 16-bit counters. These values are for estimates only. Since the value of ICC is sensitive to operating conditions and the program in the device, the actual ICC should be verified.
0127/1016EA
10
Specifications ispLSI 1016EA
Pin Description
NAME
I/O 0 - I/O 3 I/O 4 - I/O 7 I/O 8 - I/O 11 I/O 12 - I/O 15 I/O 16 - I/O 19 I/O 20 - I/O 23 I/O 24 - I/O 27 I/O 28 - I/O 31
PLCC PIN NUMBERS 15, 19, 25, 29, 37, 41, 3, 7, 2 14 36 24 33 11 35 16, 20, 26, 30, 38, 42, 4, 8, 17, 21, 27, 31, 39, 43, 5, 9, 18, 22, 28, 32, 40, 44, 6, 10
TQFP PIN NUMBERS 9, 13, 19, 23, 31, 35, 41, 1, 40 8 30 18 27 5 29 10, 14, 20, 24, 32, 36, 42, 2, 11, 15, 21, 25, 33, 37, 43, 3, 12, 16, 22, 26, 34, 38, 44, 4
DESCRIPTION
Input/Output Pins - These are the general purpose I/O pins used by the logic array.
GOE 0/IN 31 TDI TMS TDO TCK Y0 Y1/RESET1
This is a dual function pin. It can be used either as Global Output Enable for all I/O cells or it can be used as a dedicated input pin.
Input - Functions as an input pin to load programming data into the device and also used as one of the two control pins for the ispJTAG state machine. Input - Controls the operation of the ISP state machine. Output - Functions as an output pin to read serial shift register data. Input - Functions as a clock pin for the Serial Shift Register. Dedicated Clock input. This clock input is connected to one of the clock inputs of all of the GLBs on the device. This pin performs two functions: Dedicated Clock input. This clock input is brought into the clock distribution network, and can optionally be routed to any GLB on the device. Active Low (0) Reset pin which resets all of the GLB and I/O registers in the device.
GND VCC VCCIO
1,
23
17, 39 6, 7 28
Ground (GND) VCC Supply voltage for output drivers, 5V or 3.3V.
Table 2-0002C/1016EA
12, 34 13
1. Pins have dual function capability which is software selectable.
11
Specifications ispLSI 1016EA
Pin Configurations
ispLSI 1016EA 44-Pin PLCC Pinout Diagram
GOE 0/IN 31
I/O 27
I/O 26 I/O 25
I/O 24
I/O 23
I/O 22
I/O 21
6 5 4 3 2 1 44 43 42 41 40 I/O 28 I/O 29 I/O 30 I/O 31 Y0 VCC VCCIO TDI I/O 0 I/O 1 I/O 2 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 39 38 37 36 35 34 33 32 31 30 29 I/O 18 I/O 17 I/O 16 TMS Y1/RESET1 VCC TCK I/O 15 I/O 14 I/O 13 I/O 12
ispLSI 1016EA
Top View
I/O 3
I/O 4 I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
1. Pins have dual function capability which is software selectable.
0123A-isp1016EA
ispLSI 1016EA 44-Pin TQFP Pinout Diagram
GOE 0/IN 31
I/O 27
I/O 26 I/O 25
I/O 24
GND I/O 23
I/O 22
44 43 42 41 40 39 38 37 36 35 34 I/O 28 I/O 29 I/O 30 I/O 31 Y0 VCC VCCIO TDI I/O 0 I/O 1 I/O 2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 33 32 31 30 29 28 27 26 25 24 23 I/O 18 I/O 17 I/O 16 TMS Y1/RESET1 VCC TCK I/O 15 I/O 14 I/O 13 I/O 12
ispLSI 1016EA
Top View
1. Pins have dual function capability which is software selectable.
44 TQFP/1016EA
12
I/O 9 I/O 10 I/O 11
I/O 3
I/O 4 I/O 5
I/O 6
I/O 7
GND TDO
I/O 8
I/O 21 I/O 20 I/O 19
I/O 11
GND
TDO
I/O 20 I/O 19
GND
Specifications ispLSI 1016EA
Part Number Description
ispLSI 1016EA --XXX
Device Family Device Number Speed 200 = 200 MHz fmax 125 = 125 MHz fmax 100 = 100 MHz fmax
X
XXX
X Grade Blank = Commercial
Package J44 = PLCC T44 = TQFP Power L = Low
0212/1016EA
ispLSI 1016EA Ordering Information
COMMERCIAL
FAMILY fmax (MHz) 200 200 ispLSI 125 125 100 100 tpd (ns) 4.5 4.5 7.5 7.5 10 10 ORDERING NUMBER ispLSI 1016EA-200LJ44 ispLSI 1016EA-200LT44 ispLSI 1016EA-125LJ44 ispLSI 1016EA-125LT44 ispLSI 1016EA-100LJ44 ispLSI 1016EA-100LT44 PACKAGE 44-Pin PLCC 44-Pin TQFP 44-Pin PLCC 44-Pin TQFP 44-Pin PLCC 44-Pin TQFP
Table 2-0041A/1016EA
13


▲Up To Search▲   

 
Price & Availability of ISPLSI1016EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X