Part Number Hot Search : 
LM258DR2 MAX40 1E9CS 1E9CS LA7054 EG201 CERA56U 15N06V
Product Description
Full Text Search
 

To Download ISL59440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL59440
Data Sheet September 21, 2005 FN6162.1
400MHz Multiplexing Amplifier
The ISL59440 is a 400MHz bandwidth 4:1 multiplexing amplifier designed primarily for video switching. This Muxamp has user-settable gain and also features a high speed three-state function to enable the output of multiple devices to be wired together. All logic inputs have pull-downs to ground and may be left floating. The ENABLE pin, when pulled high, sets the ISL59440 to the low current power-down mode for power sensitive applications - consuming just 5mW.
TABLE 1. CHANNEL SELECT LOGIC TABLE S1 0 0 1 1 X X S0 0 1 0 1 X X ENABLE 0 0 0 0 1 0 HIZ 0 0 0 0 X 1 OUTPUT IN0 IN1 IN2 IN3 Power Down High Z
Features
* 411MHz (-3dB) Bandwidth (AV = 1, VOUT = 100mVP-P) * 200MHz (-3dB) Bandwidth (AV = 2, VOUT = 2VP-P) * Slew Rate (AV = 1, RL = 500, VOUT = 4V) . . . . .1053V/s * Slew Rate (AV = 2, RL = 500, VOUT = 5V) . . . . .1470V/s * Adjustable Gain * High Speed Three-state Output (HIZ) * Low Current Power-down. . . . . . . . . . . . . . . . . . . . . .5mW * Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
* HDTV/DTV Analog Inputs * Video Projectors * Computer Monitors * Set-top Boxes * Security Video
Pinout
ISL59440 (16 Ld QSOP) TOP VIEW
NIC IN0 NIC IN1 GND IN2 NIC IN3 1 2 3 4 5 6 7 8 + 16 ENABLE 15 HIZ 14 IN-
* Broadcast Video Equipment
Ordering Information
PART NUMBER ISL59440IA ISL59440IA-T7 ISL59440IA-T13 ISL59440IAZ (Note) ISL59440IAZ-T7 (Note) PART MARKING ISL59440IA ISL59440IA ISL59440IA PACKAGE 16 Ld QSOP 16 Ld QSOP 16 Ld QSOP TAPE & REEL 7" 13" 7" 13" PKG. DWG. # MDP0040 MDP0040 MDP0040 MDP0040 MDP0040 MDP0040
13 OUT 12 V+ 11 V-
10 S1 9 S0
ISL59440IAZ 16 Ld QSOP (Pb-free) ISL59440IAZ 16 Ld QSOP (Pb-free)
Functional Diagram
EN0 S0 EN1 S1 DECODE EN2 IN0 IN1 IN2 IN3 EN3 AMPLIFIER BIAS HIZ - OUT + IN-
ISL59440IAZ-T13 ISL59440IAZ 16 Ld QSOP (Note) (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ENABLE ENABLE pin must be low in order to activate the HIZ state
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2005. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
ISL59440
Absolute Maximum Ratings (TA = 25C)
Supply Voltage (V+ to V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V Supply Turn-on Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/s IN- Input Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Digital & Analog Input Current (Note 1) . . . . . . . . . . . . . . . . . . 50mA Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7). . . . 2.5kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Storage Temperature Range . . . . . . . . . . . . . . . . . . -65C to +150C Ambient Operating Temperature . . . . . . . . . . . . . . . . -40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . . -40C to +125C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Curves JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Curves
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER GENERAL
V+ = +5V, V- = -5V, GND = 0V, TA = 25C, RL = 500 to GND unless otherwise specified. CONDITIONS MIN TYP MAX UNIT
DESCRIPTION
IS Enabled
IS Disabled
Supply Current Disabled Supply Current I+ Disabled Supply Current I-
No load, VIN = 0V, ENABLE Low No load, VIN = 0V, ENABLE High No load, VIN = 0V, ENABLE High VIN = 2V, RL = 500, AV = 2 RL = 10 to GND
12.5 0.5
14.5 1 3
16.5 1.5 10
mA mA A V mA
VOUT IOUT VOS Ib+ IbRout
Positive and Negative Output Swing Output Current Output Offset Voltage Input Bias Current Feedback Bias Current Output Resistance
3.5
80 -12
3.9
130 4 2.5 7 1.4 0.2 10 +12 -1.5 15
mV A A M M
VIN = 0V
-4 -15
HIZ = logic high, (DC), AV =1 HIZ = logic low, (DC), AV =1
RIN ACL or AV ITRI LOGIC VH VL IIH IIL AC GENERAL - 3dB BW
Input Resistance Voltage Gain Output Current in Three-state
VIN = 3.5V RF = RG = 500, VOUT = 3V VOUT = 0V 1.990 -20
2.005 6
2.020 20
V/V A
Input High Voltage (Logic Inputs) Input Low Voltage (Logic Inputs) Input High Current (Logic Inputs) Input Low Current (Logic Inputs)
2 0.8 55 -10 90 0 135 10
V V A A
-3dB Bandwidth
AV = 1, RF = 332, VOUT = 200mVP-P, CL = 1.6pF, CG = 0.6pF AV = 2, RF = RG = 511, VOUT = 2VP-P, CL = 5.5pF, CG = 0.6pF
400 200 22 62
MHz MHz MHz MHz
0.1dB BW
0.1dB Bandwidth
AV = 1, RF = 332, VOUT = 200mVP-P, CL = 1.6pF, CG = 0.6pF AV = 2, RF = RG = 511, VOUT = 2VP-P, CL = 5.5pF, CG = 0.6pF
2
FN6162.1 September 21, 2005
ISL59440
Electrical Specifications
PARAMETER dG V+ = +5V, V- = -5V, GND = 0V, TA = 25C, RL = 500 to GND unless otherwise specified. (Continued) CONDITIONS NTC-7, RL = 150, CL = 1.6pF, AV = 1 NTC-7, RL = 150, CL = 5.5pF, AV = 2 dP Differential Phase Error NTC-7, RL = 150, CL = 1.6pF, AV = 1 NTC-7, RL = 150, CL = 5.5pF, AV = 2 +SR Slew Rate 25% to 75%, AV = 1, VOUT = 4V, RL = 500, CL = 1.6pF 25% to 75%, AV = 2, VOUT = 5V, RL = 500, CL = 5.5pF -SR Slew Rate 25% to 75%, AV = 1, VOUT = 4V, RL = 500, CL = 1.6pF 25% to 75%, AV = 2, VOUT = 5V, RL = 500, CL= 5.5pF PSRR ISO Power Supply Rejection Ratio Channel Isolation DC, PSRR V+ & V- combined f = 10MHz, Ch-Ch X-Talk and Off Isolation, CL = 5.5pF -50 MIN TYP 0.01 0.05 0.02 0.02 1053 1470 925 1309 -58 75 MAX UNIT % % V/s V/s V/s V/s dB dB
DESCRIPTION Differential Gain Error
SWITCHING CHARACTERISTICS VGLITCH Channel-to-Channel Switching Glitch ENABLE Switching Glitch HIZ Switching Glitch tSW-L-H tSW-H-L Channel Switching Time Low to High Channel Switching Time High to Low VIN = 0V, CL = 5.5pF, AV = 2 VIN = 0V, CL = 5.5pF, AV = 2 VIN = 0V, CL= 5.5pF, AV = 2 1.2V logic threshold to 10% movement of analog output 1.2V logic threshold to 10% movement of analog output 1 800 375 25 20 mVP-P mVP-P mVP-P ns ns
TRANSIENT RESPONSE tR, tF Rise & Fall Time, 10% to 90% AV = 1, RF = 332, VOUT = 100mVP-P, CL = 1.6pF, CG = 0.6pF AV = 2, RF = RG = 511, VOUT = 2VP-P, CL = 5.5pF, CG = 0.6pF tS OS 0.1% Settling Time Overshoot AV = 2, RF = RG = 511, VOUT = 2VP-P, CL = 5.5pF, CG = 0.6pF AV = 1, RF = 332, VOUT = 100mVP-P, CL = 1.6pF, CG = 0.6pF AV = 2, RF = RG = 511, VOUT = 2VP-P, CL = 5.5pF, CG = 0.6pF tPLH Propagation Delay - Low to High, 10% to 10% AV = 1, RF = 332, VOUT = 100mVP-P, CL = 1.6pF, CG = 0.6pF AV = 2, RF = RG = 511, VOUT = 2VP-P, CL = 5.5pF, CG = 0.6pF tPHL Propagation Delay- High to Low, 10% to 10% AV = 1, RF = 332, VOUT = 100mVP-P, CL = 1.6pF, CG = 0.6pF AV = 2, RF = RG = 511, VOUT = 2VP-P, CL = 5.5pF, CG = 0.6pF 0.65 1.51 9.0 17.85 12.65 0.54 0.99 0.57 1.02 ns ns ns % % ns ns ns ns
3
FN6162.1 September 21, 2005
ISL59440 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = 25C, unless otherwise specified.
5 4 3 NORMALIZED GAIN (dB) 2 1 0 -1 -2 -3 -4 -5 1 10 FREQUENCY (MHz) 100 1000 CL INCLUDES 1.6pF BOARD CAPACITANCE CL = 1.6pF AV = 1 VOUT = 200mVP-P RF = 332 CL = 9.7pF CL = 7.2pF NORMALIZED GAIN (dB) CL = 5.5pF 5 4 3 2 1 0 -1 -2 -3 -4 -5 1 10 100 1000 FREQUENCY (MHz) RL = 150 RL = 75 AV = 1 VOUT = 200mVP-P CL=1.6pF RF = 332
RL = 500 RL = 1k
FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs RL
5 4 3 NORMALIZED GAIN (dB) 2 1 0 -1 -2 -3 -4 -5 1 10 FREQUENCY (MHz) 100 1000 CL INCLUDES 1.6pF BOARD CAPACITANCE CL = 1.6pF CL = 7.2pF CL = 5.5pF CL = 9.7pF AV = 2 VOUT = 2VP-P RG = RF = 511 NORMALIZED GAIN (dB)
5 4 3 2 1 0 -1 -2 -3 -4 -5 1 10 100 1000 FREQUENCY (MHz) RL = 150 RL = 75 RL = 1k RL = 500 AV = 2 VOUT = 2VP-P CL = 5.5pF RG = RF = 511 RL = 75
FIGURE 3. LARGE SIGNAL GAIN vs FREQUENCY vs CL
FIGURE 4. LARGE SIGNAL GAIN vs FREQUENCY vs RL
0.8 A =1 0.7 V V OUT = 200mVP-P RF = 332 0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 1 10 FREQUENCY (MHz) 100 1000 CL INCLUDES 1.6pF BOARD CAPACITANCE CL = 9.7pF CL = 7.2pF CL = 5.5pF NORMALIZED GAIN (dB) CL = 1.6pF
0.8 AV = 1 RL = 75 VOUT = 200mVP-P 0.6 CL = 1.6pF RL = 150 0.5 RF = 332 0.7 0.4 0.3 0.2 0.1 0 -0.1 -0.2 1 10 100 1000 FREQUENCY (MHz) RL = 1k
NORMALIZED GAIN (dB)
RL = 500
FIGURE 5. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 6. SMALL SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
4
FN6162.1 September 21, 2005
ISL59440 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = 25C, unless otherwise specified.
0.2 0.1 0 NORMALIZED GAIN (dB) -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 1 10 FREQUENCY (MHz) 100 1000 CL INCLUDES 1.6pF BOARD CAPACITANCE AV = 2 VOUT = 2VP-P RG = RF = 511 CL = 5.5pF CL = 1.6pF CL = 7.2pF NORMALIZED GAIN (dB) CL = 9.7pF 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 1 10 100 1000 FREQUENCY (MHz) RL = 1k RL = 500 AV = 2 VOUT = 2VP-P CL = 5.5pF RG = RF = 511 RL = 75
(Continued)
RL = 150
FIGURE 7. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 8. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
20 AV = 2 10 V = 200mV IN P-P 0 CL = 5.5pF RG = RF = 511 -10 PSRR (dB) -20 (dB) -30 -40 -50 -60 -70 -80 0.3 1 10 FREQUENCY (MHz) PSRR (V-) 100 1000 PSRR (V+)
-10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 0.001 0.01 0.1 1 3 6 10 100 500 OFF ISOLATION CROSSTALK AV = 2 VIN = 1VP-P CL = 5.5pF RG = RF = 511
FREQUENCY (MHz)
FIGURE 9. PSRR CHANNELS
FIGURE 10. CROSSTALK AND OFF ISOLATION
24 -IIN CURRENT NOISE (pA/Hz)
AV = 1, RF = 500 INPUT VOLTAGE NOISE (nV/Hz)
60
AV = 1, RF = 500
20
50
16
40
12
30
8
20
4 0 0.1
10 0 0.1
1
10
100
1
10
100
FREQUENCY (kHz)
FREQUENCY (kHz)
FIGURE 11. INPUT NOISE vs FREQUENCY
FIGURE 12. INPUT NOISE vs FREQUENCY
5
FN6162.1 September 21, 2005
ISL59440 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = 25C, unless otherwise specified.
(Continued)
S0, S1 1V/DIV 1V/DIV
S0, S1
0 10mV/DIV 0 1V/DIV VOUT
0 VOUT 0
20ns/DIV
20ns/DIV
FIGURE 13. CHANNEL TO CHANNEL SWITCHING GLITCH VIN = 0V, AV = 2
FIGURE 14. CHANNEL TO CHANNEL TRANSIENT RESPONSE VIN = 1V, AV = 2
Enable 1V/DIV 1V/DIV
Enable
0 20mV/DIV VOUT 0 2V/DIV
0
0
VOUT
20ns/DIV
20ns/DIV
FIGURE 15. ENABLE SWITCHING GLITCH VIN = 0V, AV = 2
FIGURE 16. ENABLE TRANSIENT RESPONSE VIN = 1V, AV = 2
HIZ 1V/DIV 1V/DIV
HIZ
0 200mV/DIV 1V/DIV
0
0 VOUT
VOUT 0
20ns/DIV
20ns/DIV
FIGURE 17. HIZ SWITCHING GLITCH VIN = 0V, AV = 2
FIGURE 18. HIZ TRANSIENT RESPONSE VIN = 1V, AV = 2
6
FN6162.1 September 21, 2005
ISL59440 Typical Performance Curves VS = 5V, RL = 500 to GND, TA = 25C, unless otherwise specified.
160 120 OUTPUT VOLTAGE (mV) 80 40 0 -40 -80 -120 -160 TIME (4ns/DIV) AV = 1 CL = 1.6pF RF = 332 RL = 500 2.4 2 OUTPUT VOLTAGE (V) 1.6 1.2 0.8 0.4 0 -0.4 -0.8 AV = 2 CL= 5.5pF RG = RF = 511 RL = 500 TIME (4ns/DIV)
(Continued)
FIGURE 19. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 20. LARGE SIGNAL TRANSIENT RESPONSE
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 1.4 POWER DISSIPATION (W) POWER DISSIPATION (W) 1.2 1 0.8 0.6 0.4 0.2 0 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) 893mW
QS OP JA 16 =1 12 C /W
1.2 1 0.8 0.6 0.4 0.2 0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
633mW
J QS O
A =1
58
P1
6
C
/W
0
25
50
75 85 100
125
150
AMBIENT TEMPERATURE (C)
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
100 AV = 1, VOUT = 100mVP-P AV = 2, VOUT = 2VP-P OUTPUT RESISTANCE ()
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
10
AV = 2 1
AV = 1
0.1 0.1
1
10 FREQUENCY (MHz)
100
1000
FIGURE 23. ROUT vs FREQUENCY
7
FN6162.1 September 21, 2005
ISL59440 Pin Descriptions
PIN NUMBER 1, 3, 7 2 4 5 6 8 9 10 11 12 13 14 15 16 PIN NAME NIC IN0 IN1 GND IN2 IN3 S0 S1 VV+ OUT INHIZ ENABLE Circuit 1 Circuit 1 Circuit 4 Circuit 1 Circuit 1 Circuit 2 Circuit 2 Circuit 4 Circuit 4 Circuit 3 Circuit 1 Circuit 2 Circuit 2 EQUIVALENT CIRCUIT DESCRIPTION Not Internally Connected; it is recommended this pin be tied to ground to minimize crosstalk Input for channel 0 Input for channel 1 Ground pin Input for channel 2 Input for channel 3 Channel selection pin LSB (binary logic code) Channel selection pin MSB (binary logic code) Negative power supply Positive power supply Output Inverting input of output amplifier Output disable (active high); there are internal pull-down resistors, so the device will be active with no connection; "HI" puts the output in high impedance state Device enable (active low); there are internal pull-down resistors, so the device will be active with no connection; "HI" puts device into power-down mode
V+ IN VCIRCUIT 1. V+ OUT VCIRCUIT 3. LOGIC PIN 21K 33K + 1.2V V+ GND. VCIRCUIT 2.
V+ GND VCIRCUIT 4.
CAPACITIVELY COUPLED ESD CLAMP
AC Test Circuits
ISL59440 RG RF AV =1, 2 VIN 50 or 75 CL RS 475 or 462.5 50 or 75 TEST EQUIPMENT 50 or 75 RG ISL59440 RF AV = 1, 2 RS CL 50 or 75 TEST EQUIPMENT 50 or 75
VIN 50 or 75
FIGURE 24A. TEST CIRCUIT FOR MEASURING WITH A 50 OR 75 INPUT TERMINATED EQUIPMENT
FIGURE 24B. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE APPLICATION. BANDWIDTH AND LINEARITY FOR RL LESS THAN 500 WILL BE DEGRADED.
NOTE: Figure 24A illustrates the optimum output load when connecting to input terminated equipment. Figure 24B illustrates
backloaded test circuit for video cable applications.
8
FN6162.1 September 21, 2005
ISL59440 Application Circuits
CF 332 *CL = CT + COUT VIN 50 0.6pF + Cg VOUT CT 1.6pF COUT 0pF RL = 500
PC Board Capacitance
0.4pF < CG < 0.7pF
*CL: TOTAL LOAD CAPACITANCE CT: TRACE CAPACITANCE COUT: OUTPUT CAPACITANCE
FIGURE 25A. GAIN OF 1 APPLICATION CIRCUIT
511 511 VIN 50 0.6pF + CG VOUT CT 1.6pF COUT 3.9pF RL = 500 *CL = CT + COUT
PC Board Capacitance
0.4pF < CG < 0.7pF
FIGURE 25B. GAIN OF 2 APPLICATION CIRCUIT
Application Information
General
The ISL59440 is a 4:1 mux that is ideal as a matrix element in high performance switchers and routers. The ISL59440 is optimized to drive 5pF in parallel with a 500 load. The capacitance can be split between the PCB capacitance and an external load capacitance. Its low input capacitance and high input resistance provides excellent 50 or 75 terminations.
traces should not run parallel to each other. Small size surface mount resistors (604 or smaller) are recommended.
Capacitance at the Output
The output amplifier is optimized for capacitance to ground (CL) directly on the output pin. Increased capacitance causes higher peaking with an increase in bandwidth. The optimum range for most applications is ~1.0pF to ~6pF. The optimum value can be achieved through a combination of PC board trace capacitance (CT) and an external capacitor (COUT). A good method to maintain control over the output pin capacitance is to minimize the trace length (CT) to the next component, and include a discrete surface mount capacitor (COUT) directly at the output pin.
Parasitic Effects on Frequency Performance Capacitance at the Inverting Input
The AC performance of current-feedback amplifiers in the non-inverting gain configuration is strongly affected by stray capacitance at the inverting input. Stray capacitance from the inverting input pin to the output (CF), and to ground (CG), increase gain peaking and bandwidth. Large values of either capacitance can cause oscillation. The ISL59440 has been optimized for a 0.4pf to 0.7pF capacitance (CG). Capacitance (CF) to the output should be minimized. To achieve optimum performance the feedback network resistor(s) must be placed as close to the device as possible. Trace lengths greater than 1/4 inch combined with resistor pad capacitance can result in inverting input to ground capacitance approaching 1pF. Inverting input and output 9
Feedback Resistor Values
The AC performance of the output amplifier is optimized with the feedback resistor network (RF, RG) values recommended in the application circuits. The amplifier bandwidth and gain peaking are directly affected by the value(s) of the feedback resistor(s) in unity gain and gain >1 configurations. Transient response performance can be tailored simply by changing these resistor values. Generally, lower values of RF and RG increase bandwidth and gain peaking. This has the effect of decreasing rise/fall times and increasing overshoot.
FN6162.1 September 21, 2005
ISL59440
Ground Connections
For the best isolation and crosstalk rejection, the GND pin and NIC pins must connect to the GND plane.
HIZ State
An internal pull-down resistor connected to the HIZ pin ensures the device will be active with no connection to the HIZ pin. The HIZ state is established within approximately 30ns (Figure 18) by placing a logic high (> 2V) on the HIZ pin. If the HIZ state is selected, the output is a high impedance 1.4M. Use this state to control the logic when more than one mux shares a common output. In the HIZ state the output is three-stated, and maintains its high Z even in the presence of high slew rates. The supply current during this state is basically the same as the active state.
Control Signals
S0, S1, ENABLE, HIZ - These pins are TTL/CMOS compatible control inputs. The S0 pin selects which one of the inputs connect to the output. The ENABLE, HIZ pins are used to disable the part to save power and three-state the output amplifiers, respectively. For control signal rise and fall times less than 10ns the use of termination resistors close to the part will minimize transients coupled to the output.
Power-Up Considerations
The ESD protection circuits use internal diodes from all pins the V+ and V- supplies. In addition, a dV/dT- triggered clamp is connected between the V+ and V- pins, as shown in the Equivalent Circuits 1 through 4 section of the Pin Description table. The dV/dT triggered clamp imposes a maximum supply turn-on slew rate of 1V/s. Damaging currents can flow for power supply rates-of-rise in excess of 1V/s, such as during hot plugging. Under these conditions, additional methods should be employed to ensure the rate of rise is not exceeded. Consideration must be given to the order in which power is applied to the V+ and V- pins, as well as analog and logic input pins. Schottky diodes (Motorola MBR0550T or equivalent) connected from V+ to ground and V- to ground (Figure 26) will shunt damaging currents away from the internal V+ and V- ESD diodes in the event that the V+ supply is applied to the device before the V- supply. If positive voltages are applied to the logic or analog video input pins before V+ is applied, current will flow through the internal ESD diodes to the V+ pin. The presence of large decoupling capacitors and the loading effect of other circuits connected to V+, can result in damaging currents through the ESD diodes and other active circuits within the device. Therefore, adequate current limiting on the digital and analog inputs is needed to prevent damage during the time the voltages on these inputs are more positive than V+.
ENABLE & Power Down States
The enable pin is active low. An internal pull-down resistor ensures the device will be active with no connection to the ENABLE pin. The Power Down state is established when a logic high (>2V) is placed on the ENABLE pin. In the Power Down state, the output has no leakage but has a large capacitance (on the order of 15pF), and is capable of being back-driven. Under this condition, large incoming slew rates can cause fault currents of tens of mA. Do not use this state as a high Z state for applications driving more than one mux on a common output.
Limiting the Output Current
No output short circuit current limit exists on this part. All applications need to limit the output current to less than 50mA. Adequate thermal heat sinking of the parts is also required.
V+ SUPPLY LOGIC POWER GND SIGNAL DE-COUPLING CAPS V- SUPPLY
SCHOTTKY PROTECTION S0 GND IN0 IN1
V+
V+ LOGIC CONTROL
EXTERNAL CIRCUITS
VV+
V+ V+ OUT VV-
V-
V-
FIGURE 26. SCHOTTKY PROTECTION CIRCUIT
10
FN6162.1 September 21, 2005
ISL59440 PC Board Layout
The frequency response of this circuit depends greatly on the care taken in designing the PC board. The following are recommendations to achieve optimum high frequency performance from your PC board. * The use of low inductance components such as chip resistors and chip capacitors is strongly recommended. * Minimize signal trace lengths. Trace inductance and capacitance can easily limit circuit performance. Avoid sharp corners, use rounded corners when possible. Vias in the signal lines add inductance at high frequency and should be avoided. PCB traces greater than 1" begin to exhibit transmission line characteristics with signal rise/fall times of 1ns or less. High frequency performance may be degraded for traces greater than one inch, unless strip lines are used. * Match channel-channel analog I/O trace lengths and layout symmetry. This will minimize propagation delay mismatches. * Maximize use of AC de-coupled PCB layers. All signal I/O lines should be routed over continuous ground planes (i.e. no split planes or PCB gaps under these lines). Avoid vias in the signal I/O lines. * Use proper value and location of termination resistors. Termination resistors should be as close to the device as possible. * When testing use good quality connectors and cables, matching cable types and keeping cable lengths to a minimum. * Minimum of 2 power supply de-coupling capacitors are recommended (1000pF, 0.01F) as close to the device as possible - Avoid vias between the cap and the device because vias add unwanted inductance. Larger caps can be farther away. When vias are required in a layout, they should be routed as far away from the device as possible. * The NIC pins are placed on both sides of the input pins. These pins are not internally connected to the die. It is recommended these pins be tied to ground to minimize crosstalk.
11
FN6162.1 September 21, 2005
ISL59440 QSOP Package Outline Drawing
NOTE: The package drawing shown here may not be the latest version. To check the latest revision, please refer to the Intersil website at
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 12
FN6162.1 September 21, 2005


▲Up To Search▲   

 
Price & Availability of ISL59440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X