Part Number Hot Search : 
1N5234B 2N3442G C0603X LRB715T1 HCTS390K LC503 UPD780 SA160
Product Description
Full Text Search
 

To Download HS-6253V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 133MHz FSB CRT/Panel
PC/104 IrDA USB DOC WDT Single +5V H/W Monitor
HS-6253
DIMM 5-pin KB Panel AC97
PCI-ISA Bus Single Board Computer
IDE FDD RealTek RTL8100 COM 3 COM 4 RS-422/485 USB
Dual LAN Audio ATA/33/66/100 RS-232/422/485 4 COM
800MHz Embedded CPU PCI-ISA Bus SBC with CRT/Panel, Audio & Dual LAN
Parallel
Single +5V!!
Ordering Guide
HS-6253 800MHz Embedded CPU PCI-ISA Bus SBC with CRT/Panel, Audio & Dual LAN HS-6253V 800MHz Embedded CPU PCI-ISA Bus SBC with CRT/Panel HS-6253LV 800MHz Embedded CPU PCI-ISA Bus SBC with CRT/Panel & LAN
VIA VT8606 VIA VT82C686 2-pin Power In Fan VIC C3
Dual RJ-45
PS/2 MS COM 2 CRT DiskOnChip COM 1 PS/2 KB
5-pin Power In
Battery AMI BIOS
SMC37C669 PC/104
Features
VIA C3 800MHz Embedded CPU Supports 66/100/133MHz FSB Two DIMM sockets with a max. capacity of 1GB VIA VT8606/VT82C686B system chipset SMC 37C669, VIA VT82C686B super I/O chipset VIA VT8606 CRT/Panel display controller Dual RealTek RTL8100 10/100 Based LAN
AC97 3D audio controller Fast PCI ATA/33/66/100 IDE controller Four COM, four USB connectors PC/104 Bus connector DiskOnChip socket supporting memory sizes of up to 288MB Supports Single +5V power in Supports Hardware Monitor
Specifications
* CPU: VIA C3 800MHz Embedded CPU * Bus Interface: PCI-ISA Bus * Memory: Two DIMM sockets with a max. capacity of 1GB * Chipset: VIA VT8606/VT82C686B * I/O Chipset: SMC 37C669, VIA VT82C686B * VGA: VIA VT8606 integrated S3 3D supporting CRT/Panel displays * LAN: Dual RealTek RTL8100 10/100 Based LAN * Audio: AC97 3D audio controller * IDE: Two IDE disk drives supporting ATA/33/66/100 and with transfer rates of 33/66/100MB/sec. * FDD: Supports up to two floppy disk drives * Parallel: One enhanced bi-directional parallel port supporting SPP/ECP/EPP * Serial Port: 16C550 UART-compatible RS-232/422/485 x 1 and RS-232 x 3 serial ports with 16-byte FIFO * PC/104: PC/104 connector for 16-bit ISA Bus * IrDA: One TX/RX IrDA header * USB: Four USB connectors * Keyboard: PS/2 6-pin Mini DIN or 5-pin connector * Mouse: PS/2 6-pin Mini DIN or 4-pin header * DiskOnChip: DiskOnChip socket supporting memory sizes of up to 288MB * BIOS: AMI PnP Flash BIOS * Watchdog Timer: Sets 1/2/10/20/110/220 seconds activity trigger with Reset or NMI * CMOS: Battery backup * Operating Temperature: 0~60oC * Hardware Monitor: VIA VT82C686B * Dimensions: 18.6 x 12.2 cm
R


▲Up To Search▲   

 
Price & Availability of HS-6253V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X