Part Number Hot Search : 
KE180 ADG774 STTA506D A723CD TMR2421 AUR60A MAX038 0ANCY
Product Description
Full Text Search
 

To Download HP5082-7740 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays Technical Data
5082-761X Series 5082-762X Series 5082-765X Series 5082-766X Series 5082-773X Series 5082-7740 5082-775X Series 5082-7760 HDSP-360X Series HDSP-460X Series HDSP-E15X Series
Features
* Industry Standard Size * Industry Standard Pinout 7.62 mm (0.300 inch) DIP Leads on 2.54 mm (0.100 inch) Centers * Choice of Colors Red, AlGaAs Red, High Efficiency Red, Yellow, Green * Excellent Appearance Evenly Lighted Segments Gray Package Gives Optimum Contrast 50 Viewing Angle * Design Flexibility Common Anode or Common Cathode Single Digits Left or Right Hand Decimal Point 1. Overflow Character * Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display * High Light Output * High Peak Current * Excellent for Long Digit String Multiplexing * Intensity and Color Selection Available See Intensity and Color Selected Displays Data Sheet * Sunlight Viewable AlGaAs
Description
The 7.6 mm (0.3 inch) and 10.9 mm (0.43 inch) LED seven
segment displays are designed for viewing distances up to 3 metres (10 feet) and 5 metres (16 feet). These devices use an industry standard size package and pinouts. All devices are available as either common anode or common cathode.
Devices
Red 50827730 7731 7740 7736 7750 7751 7760 7756 E150 E151 E153 E156 AlGaAs[1] Red HDSPHER[1] 50827610 7611 7613 7616 7650 7651 7653 7656 Yellow 50827620 7621 7623 7626 7660 7661 7663 7666 Green HDSP3600 3601 3603 3606 4600 4601 4603 4606 Description 7.6 mm Common Anode Left Hand Decimal 7.6 mm Common Anode Right Hand Decimal 7.6 mm Common Cathode Right Hand Decimal 7.6 mm Universal 1. Overflow Right Hand Decimal[2] 10.9 mm Common Anode Left Hand Decimal 10.9 mm Common Anode Right Hand Decimal 10.9 mm Common Cathode Right Hand Decimal 10.9 mm Universal 1. Overflow Right Hand Decimal[2] Package Drawing A B C D E F G H
Notes: 1. These displays are recommended for high ambient light operation. Please refer to the HDSP-E10X AlGaAs and HDSP-335X HER data sheet for low current operation. 2. Universal pinout brings the anode and cathode of each segment's LED out to separate pins. See internal diagram D. 3. Universal pinout brings the anode and cathode of each segment's LED out to separate pins. See internal diagram H.
2
These displays are ideal for most applications. Pin for pin equivalent displays are also available in a low current or high light
ambient design. The low current displays are ideal for portable applications. The high light ambient displays are ideal for high light ambients or long string
lengths. For additional information see the Low Current Seven Segment Displays, or High Light Ambient Seven Segment Displays data sheets.
Package Dimensions
NOTES; 1. DIMENSIONS IN MILLIMETRES AND (INCHES). 2. ALL UNTOLERANCED DIMENSIONS ARE FOR REFERENCE ONLY. 3. REDUNDANT ANODES. 4. UNUSED DP POSITION. 5. SEE INTERNAL CIRCUIT DIAGRAM. 6. REDUNDANT CATHODE. 7. SEE PART NUMBER TABLE FOR L.H.D.P. AND R.H.D.P. DESIGNATION. 8. FOR YELLOW AND GREEN DEVICES ONLY.
3
Internal Circuit Diagram
Absolute Maximum Ratings
Red 5082-7700 Series 82 150
[1]
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Lead Solder Temperature for 3 Seconds (1.59 mm [0.063 in.] below seating plane
AlGaAs Red HDSP-E150 Series 96 160
[3]
HER 5082-7610/ 7650 Series 105 90
[5]
Yellow 5082-7620/ 7660 Series 80 60
[7]
Green HDSP-3600/ 4600 Series 105 90
[9]
Units mW mA mA C C V
25[2] -40 to +100
40[4] -20 to +100[11]
30[6]
20[8] -40 to +100
3010]
-55 to +100 3.0
260
C
Notes: 1. See Figure 1 to establish pulsed conditions. 2. Derate above 80C at 0.63 mA/C. 3. See Figure 2 to establish pulsed conditions. 4. Derate above 46C at 0.54 mA/C. 5. See Figure 7 to establish pulsed conditions. 6. Derate above 53C at 0.45 mA/C. 7. See Figure 8 to establish pulsed conditions. 8. Derate above 81C at 0.52 mA/C. 9. See Figure 9 to establish pulsed conditions. 10. Derate above 39C at 0.37 mA/C. 11. For operation below -20C, contact your local Agilent components sales office or an authorized distributor.
4
Electrical/Optical Characteristics at TA = 25C
Red
Device Series 5082-773X 5082-774X 5082-775X 5082-776X Forward Voltage/Segment or DP Peak Wavelength All Dominant Wavelength[3] VF PEAK d VR VF /C RJ-PIN 3.0 Parameter Luminous Intensity/Segment[1,2] (Digit Average) Symbol IV 360 1100 1.6 655 640 12 -2 280 2.0 cd V nm nm V mV/C C/W/Seg IR = 100 A IF = 20 mA IF = 20 mA Min. 360 Typ. 770 Max. Units cd Test Conditions IF = 20 mA
Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin
AlGaAs Red
Device Series Parameter Luminous (Digit Average) Intensity/Segment[1,2, 5] Symbol IV Min. 8.5 Typ. 15.0 1.8 Forward Voltage/Segment or DP HDSPE15X Peak Wavelength Dominant Wavelength[3] VF 2.0 PEAK d VR VF /C R J-PIN 3.0 645 637 15 -2 340 3.0 V nm nm V mV/C C/W/Seg IR = 100 A IF = 100 mA Max. Units mcd V Test Conditions IF = 20 mA IF = 20 mA
Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin
5
High Efficiency Red
Device Series 5082-761X 5082-765X Forward Voltage/Segment or DP Peak Wavelength All Dominant Wavelength[3] Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin DP[4] VF PEAK d VR VF /C RJ-PIN 3.0 Parameter Luminous Intensity/Segment[1,2,6] (Digit Average) Symbol IV 340 1115 2.1 635 626 30 -2 280 2.5 Min. 340 Typ. 800 Max. Units cd cd V nm nm V mV/C C/W IR = 100 A Test Conditions IF = 5 mA IF = 5 mA IF = 20 mA
Yellow
Device Series 5082-762X 5082-766X Forward Voltage/Segment or DP Peak Wavelength All Dominant Wavelength[3,7] Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin DP[4] VF PEAK d VR VF /C RJ-PIN 581.5 3.0 Parameter Luminous Intensity/Segment[1,2] (Digit Average) Symbol IV 290 835 2.2 583 586 40 -2 280 592.5 2.5 Min. 205 Typ. 620 Max. Units cd cd V nm nm V mV/C C/W/Seg IR = 100 A Test Conditions IF = 5 mA IF = 5 mA IF = 20 mA
6
High Performance Green
Device Series HDSP-360X HDSP-460X Forward Voltage/Segment or DP Peak Wavelength All Dominant Wavelength[3,7] Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junction-to-Pin DP[4] VF PEAK d VR VF /C R J-PIN 3.0 Parameter Luminous Intensity/Segment[1,2] (Digit Average) Symbol IV 1030 4000 2.1 566 571 50 -2 280 577 2.5 Min. 860 Typ. 2700 Max. Units cd cd V nm nm V mV/C C/W/Seg IR = 100 A Test Conditions IF = 10 mA IF = 10 mA IF = 10 mA
Notes: 1. Device case temperature is 25C prior to the intensity measurement. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. For low current operation, the AlGaAs HDSP-E10X series displays are recommended. They are tested at 1 mA dc/segment and are pin for pin compatible with the HDSP-E15X series. 6. For low current operation, the HER HDSP-335X series displays are recommended. They are tested at 2 mA dc/segment and are pin for pin compatible with the 5082-7650 series. 7. The Yellow (5082-7620/7660) and Green (HDSP-3600/4600) displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
Red, AlGaAs Red
Figure 1. Maximum Tolerable Peak Current vs. Pulse Duration - Red.
Figure 2. Maximum Allowed Peak Current vs. Pulse Duration - AlGaAs Red.
7
Red, AlGaAs Red (Continued)
Figure 3. Maximum Allowable DC Current vs. Ambient Temperature.
Figure 4. Forward Current vs. Forward Voltage.
Figure 5. Relative Luminous Intensity vs. DC Forward Current.
Figure 6. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
HER, Yellow, Green
Figure 7. Maximum Tolerable Peak Current vs. Pulse Duration - HER Series.
Figure 8. Maximum Tolerable Peak Current vs. Pulse Duration - Yellow Series.
HER, Yellow, Green (Continued)
Figure 9. Allowable Peak Current vs. Pulse Duration - Green Series.
Figure 10. Maximum Allowable DC Current vs. Ambient Temperature.
Figure 11. Forward Current vs. Forward Voltage.
Figure 12. Relative Luminous Intensity vs. DC Forward Current.
Figure 13. Relative Luminous Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
Contrast Enhancement
For information on contrast enhancement please see Application Note 1015.
Soldering/Cleaning
For information on soldering LEDs please refer to Application Note 1027.
www.semiconductor.agilent.com Data subject to change. Copyright (c) 1999 Agilent Technologies, Inc. Obsoletes 5954-0870 (11/84), 5954-0874 (12/84) 5963-7394E (11/99)
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of HP5082-7740

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X