Part Number Hot Search : 
M61538FP 20N10 SM7744M MC10E175 ANTX2 2SK14 1N4936 G40N60A4
Product Description
Full Text Search
 

To Download HFM202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
HFM201 THRU HFM208
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FEATURES
* * * * * * Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.098 gram
DO-214AA
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
0.083 (2.11) 0.077 (1.96) 0.180 (4.57) 0.160 (4.06) 0.155 (3.94) 0.130 (3.30)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
0.096 (2.44) 0.084 (2.13) 0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Current at TA = 50oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG 30 -65 to + 175 HFM201 HFM202 HFM203 HFM204 HFM205 HFM206 HFM207 HFM208 50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 2.0 60 20 600 420 600 800 560 800 1000 700 1000 UNITS Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage at 2.0A DC Maximum Full Load Reverse Current, Full cycle Average TA = 55oC Maximum DC Reverse Current at @TA = 25oC Rated DC Blocking Voltage @TA = 125oC Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A. 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts. SYMBOL VF IR trr 50 HFM201 HFM202 HFM203 HFM204 HFM205 HFM206 HFM207 HFM208 1.0 1.3 50 5.0 100 75 1.7 UNITS Volts uAmps uAmps uAmps nSec 2001-5
RATING AND CHARACTERISTIC CURVES ( HFM201 THRU HFM208 )
AVERAGE FORWARD CURENT, (A)
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 NONINDUCTIVE 10 NONINDUCTIVE
trr +0.5A
(-)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
4.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (-)
D.U.T
0
PULSE GENERATOR (NOTE 2)
-0.25A
2.0
1 NONINDUCTIVE
OSCILLOSCOPE (NOTE 1)
(+)
-1.0A
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
1cm
SET TIME BASE FOR 10/20 ns/cm
0 0 25 50 75 100 125 150175
AMBIENT TEMPERATURE (
)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
100
10
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
M2 03
20 FM 04 M2 HF
5
HF 01~ M2
1.0
.1
TJ = 25
HF
.1
.01
Pulse Width = 300uS 1% Duty Cycle
.01
.001 0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 140 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 6 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
PEAK FORWARD SURGE CURRENT, (A)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
70 60 50 40 30 20 10 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
8.3ms Single Half Sine-Wave (JEDEC Method)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
HFM 206
HFM
HF
TJ = 100
TJ = 25
M2
06
~H
FM
~H
10
TJ = 150
1.0
201
20
8
~HF
M20
5
TJ = 25
~HF
M20
8
RECTRON


▲Up To Search▲   

 
Price & Availability of HFM202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X