Part Number Hot Search : 
05241 05300 KBPC306G SDA316 4ALVCH BSO615C AAT1110 6012M28
Product Description
Full Text Search
 

To Download GSA63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type GSA / GSAP
GSAD0903
1/4 x 1 1/4 inch Ceramic Tube
Slow Blow Fuse Series
Catalog Number Ampere Rating Typical Volt-drop Melting I2T Cold @100% In < 10 mSec Resistance (ohm) (Volt) max. (A2 Sec) Melting I2T @10 In (A2 Sec) Maximum Power Dissipation (W)
Electrical Characteristics (UL/CSA STD. 248-14)
Testing current 100% 135% 200% Blow Time Minimum 4 Hrs. N/A 5 sec Maximum N/A 1 Hr 30 sec
Approvals
VrSpc
Type Amp range / Volt @ I.R. ability
63mA .- 8A / 125V AC@ 10,000A GSA / GSAP 63mA. - 1A / 250V AC@ 35A >1A. - 3.5A / 250V AC@ 100A >3.5A - 8A / 250V AC@ 200A
Safety Agency Approvals
V Listed File No. E20624
Certified File No. LR39772
r Recognized File No. E20624
S Acceptance File No. LR39772
o. 103 310 p FJEilTe1N37-J3E1T003-71-00303-1001, 0 File No. JET1037-31003-1002
GSA / GSAP GSA / GSAP GSA
10A. - 15A / 125V AC@ 10,000A 10A. - 15A / 250V AC@ 750A 1A. - 5A / 125V AC@ 500A >5A. - 15A /125V AC@ 300A
GSA (P) 63 GSA (P) 100 GSA (P) 125 GSA (P) 160 GSA (P) 200 GSA (P) 250 GSA (P) 300 GSA (P) 375 GSA (P) 500 GSA (P) 750 GSA (P) 1 GSA (P)1.25 GSA (P) 1.6 GSA (P) 2 GSA (P) 2.5 GSA (P) 3 GSA (P) 4 GSA (P) 5 GSA (P) 6 GSA (P) 7 GSA (P) 8 GSA (P) 10 GSA (P) 12 GSA (P) 15
63mA 100mA 125mA 160mA 200mA 250mA 300mA 375mA 500mA 750mA 1A 1.25A 1.6A 2A 2.5A 3A 4A 5A 6A 7A 8A 10A 12A 15 A
80 22 16 11 8.3 4.9 3.3 2.4 1.5 0.7 0.5 0.3 0.21 0.14 0.09 0.06 0.04 0.03 0.019 0.016 0.014 0.010 0.008 0.006
7 4 2.8 2.3 1.9 1.6 1.4 1.2 0.95 0.69 0.56 0.47 0.39 0.33 0.27 0.23 0.19 0.16 0.16 0.16 0.15 0.14 0.13 0.12
0.09 0.21 0.32 0.50 0.77 1.20 1.85 2.6 4.4 9.7 16.4 25.4 39.3 61 94 146 226 349 286 372 483 817 1277 2123
0.10 0.24 0.37 0.58 0.91 1.42 2.22 3.2 5.4 12.1 20.6 32.3 50.4 79 123 192 300 469 455 592 769 1300 2031 3377
0.71 0.55 0.58 0.60 0.63 0.66 0.70 0.73 0.78 0.85 0.91 0.96 1.01 1.06 1.1 1.2 1.2 1.3 1.6 1.8 1.9 2.3 2.6 3.0
Consult manufacturer for other ratings
Operating Temperature
-55C to +125C
Physical Specification
Materials Ceramic body / Nickel Plated Brass Caps Lead wire: Tin-lead plated Copper, Diameter 0.040" all ratings Marking On fuse: "bel", "GSA", "Current Rating", "Voltage Rating", and "Appropriate Safety Logos" On label: Above info plus "c" and interrupting rating Voltage on fuse: 250V for 63mA to 15A Packaging 1. In bulk: GSA - 1,000 pcs per box; GSAP - 500 pcs per box 2. On Axial Tape & Reel: 1,000 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1 @ 10mm Pitch and 73mm inside Tape Spacing
Mechanical Dimensions
1.25" 0.03" 0.250" 0.004" (31.8 0.8mm) (6.35 0.1mm)
GSA
GSAP
1.5" 0.08" 1.28" 0.03" 0.270" 0.004" (38.1 2mm) (32.5 0.8mm) (6.9 0.1mm)
SEE LEAD SIZE LISTED IN " MATERIAL"
ORDERING INFORMATION SEE PAGES 67 & 68
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
61
Specifications subject to change without notice
Type GSA / GSAP
Slow Blow Fuse Series
1/4 x 1 1/4 inch Ceramic Tube
GSAC0801
GSA / GSAP - TIME CURRENT CHARACTERISTIC CURVE
- 63mA - 100mA - 125mA - 160mA - 200mA - 250mA - 300mA - 375mA - 500mA - 750mA - 1A - 1.25A - 1.6A - 2A - 2.5A - 3A - 4A - 5A - 6A - 7A - 8A - 10A - 12A - 15A
10000
1000
100
TIME IN SECONDS
10
1
0.1
0.01 0.01
0.1
1
10
100
1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
62


▲Up To Search▲   

 
Price & Availability of GSA63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X