Part Number Hot Search : 
A180A A180A SSC2156 VS9TRJ 2750206 567M0 A180A DA3674A
Product Description
Full Text Search
 

To Download GI910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GI910 THRU GI917
MEDIUM-SWITCHING PLASTIC RECTIFIER
Reverse Voltage - 50 to 800 Volts
DO-201AD
Forward Current - 3.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High surge current capability Construction utilizes void-free molded plastic technique High forward current operation Fast switching for high efficiency High temperature soldering guaranteed: 250C/10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3kg) tension
1.0 (25.4) MIN. 0.210 (5.3) 0.190 (4.8) DIA.
0.375 (9.5) 0.285 (7.2)
MECHANICAL DATA
0.052 (1.32) 0.048 (1.22) DIA. 1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
Case: JEDEC DO-201AD molded plastic body Terminals: Plated axial leads solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
GI910
GI911
GI912
GI914
GI916
GI917
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at T A=90C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at: 3.0A 9.4A, TJ=175C Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (NOTE 1) Maximum reverse recovery time (NOTE 2) Maximum reverse recovery current Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25C TA=100C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200 3.0
400 280 400
600 420 600
800 560 800
Volts Volts Volts Amps
IFSM
100.0
Amps
VF IR CJ trr IRM(REC) RJA RJL TJ ,TSTG
1.25 1.10 10.0 300.0 28.0 750 2.0 22.0 8.0 -50 to +150
Volts A pF ns Amps C/W C
NOTES: (1) Measured at 1 MHz and applied reverse voltage of 4.0 Volts (2) Reverse recovery test conditions: IF=1.0A, VR=30V, di/dt=50A/s, and Irr=10% IRM for measurement of trr (3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, both leads equally heat sink
4/98
RATINGS AND CHARACTERISTIC CURVES GI910 THRU GI917
FIG.1 - FORWARD CURRENT DERATING CURVE
4.0
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 2 - MAXIMUM PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
I(pk) I(AV)
=
0.375" (9.5mm) LEAD LENGTH
200
TJ=25C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
3.0
0.8 x 0.8 x 0.04" (20 x 20 x 1mm) COPPER HEATSINKS
100
NON-REPETITIVE
2.0
CAPACITIVE LOADS I(pk) 5.0 = I(AV) 10 20
TJ=150C
1.0
REPETITIVE
0 30
50
70
90
110
130
150
170
AMBIENT TEMPERATURE, C
10
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT AMPERES
10
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
10
TJ=100C
1
1
TJ=50C
0.1
TJ=25C
0.1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
0.01 0
0.01 0.4
20
40
60
80
100
0.6
0.8
1.0 1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
10
1
10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of GI910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X