Part Number Hot Search : 
FR304 1N4740 0913225X Z1021 600YL BD6524 SDB292B MMA690XQ
Product Description
Full Text Search
 

To Download FS3K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FS3A ........ FS3M
3 Amp. Surface Mounted Glass Passivated Rectifier
Dimensions in mm. CASE: SMC/DO-214AB
Voltage 50 to 1000 V
Current 3.0 A
(R)
7.8 0.3
1.25 0.25
1.25 0.25
Week code
* Glass passivated junction * High current capability * The plastic material carries U/L 94 V-0 * Low profile package * Easy pick and place * High temperature soldering 260 C 10 sec
2.8 7.2
Year code Type No. Closs
Standard soldering pad
MECHANICAL DATA Terminals: Solder plated, solderable per IEC 68-2-20. Standard Packaging: 8 mm. tape (EIA-RS-481). Weight: 1.12 g.
Maximum Ratings and Electrical Characteristics at 25 C
FS3A FS3B T2 FS3D T3 FS3G T4 FS3J T5 FS3K FS3M T6 T7
Marking Code VRRM VRMS VDC IF(AV) IFSM VF IR Cj Rth (j-l) Rth (j-a) Tj - Tstg
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Forward current at TL = 75 C
T1
50 35 50
100 70 100
200 140 200
400 280 400 3A 100 A 1.15 V 10 A 250 A 60 pF 13 C/W 47 C/W
600 420 600
800 560 800
1000 700 1000
8.3 ms. peak forward surge current
(Jedec Method)
Maximum Instantaneous Forward Voltage at 3 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 125 C
Typical Junction Capacitance (1MHz; -4V) Typical Thermal Resistance (5x5 mm2 x 130 Copper Area) Operating Junction and Storage Temperature Range
-55 to + 150 C
Jun - 03
FS3 Rating And Characteristic Curves
FORWARD CURRENT DERATING CURVE 3.5 3.0 2.5 10 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150 175 Lead temperature (C) MAXIMUM NON REPETITIVE PEAK FORWARD SURGE CURRENT 200 0.1 0.6 0.7 0.8 0.9
P.C.B. MOUNTED on 8.0 x 8.0 mm. COPPER PAD AREAS
TYPICAL FORWARD CHARACTERISTIC 100
1
T j = 25 C
1
1.1 1.2 1.3
VF, instantaneous forward voltage (V) TYPICAL REVERSE CHARACTERISTIC 100
100 10
T j = 125 C
1
T j = 25 C
10 1 24 6 10 20 40 100 TYPICAL JUNCTION CAPACITANCE 100
T j = 25 C f = 1 MHz
0.1 20 40 60 80 100 120 140 Number of cycles at 60 Hz Percent of rated peak reverse Voltage, %
10 0.1
0.4 1.0
4
10
40 100
VR , reverse voltage (V)
Jun - 03


▲Up To Search▲   

 
Price & Availability of FS3K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X