Part Number Hot Search : 
74HC540P CY7C144 MSZ5260 A330M 78L09 SP3085 MSKW2026 TC7MA
Product Description
Full Text Search
 

To Download FM120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM120 THRU FM1100
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.09 gram
DO-214AC
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
0.067 (1.70) 0.051 (1.29) 0.180(4.57) 0.160(4.06) 0.110 (2.79) 0.086 (2.18)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.091 (2.31) 0.067 (1.70) 0.059 (1.50) 0.035 (0.89) 0.209 (5.31) 0.185 (4.70)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJA CJ TJ TSTG -65 to + 125 -65 to + 150 FMB120 FMB130 FMB140 FMB150 FMB160 FMB180 FMB1100 UNITS 20 14 20 30 21 30 40 28 40 50 35 50 1.0 40 50 110 -65 to + 150 60 42 60 80 56 80 100 70 100 Volts Volts Volts Amps Amps
0
C/ W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 100 o C SYMBOL VF IR FMB120 FMB130 FMB140 FMB150 FMB160 FMB180 FMB1100 UNITS .55 1.0 10 .70 .85 Volts mAmps mAmps 2001-5
NOTES : 1. Thermal Resistance (Junction to Ambient). 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. P.C.B Monuted with 0.2X0.2" (5.0X5.0mm 2) copper pad area.
RATING AND CHARACTERISTIC CURVES ( FM120 THRU FM1100 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS
20 10
AVREAGE FORWARD CURRENT, (A)
1.0
.75
FM 15 0~ FM 12
.50
Single Half Wave 60HZ Resistive or Inductive Load 0.375" (9.5mm) Lead Length
FM
0~ FM 14 0
1.0
.25
TJ = 25
Pulse Width = 300uS
FM120 FM130 FM140 FM150 FM160 FM180 FM1100
11 00
0 0 25 50 75 100 125 150 LEAD TEMPERATURE, ( ) 175
.1 .1
1% Duty Cycle
.3 .5
.7 .9 1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 3B - TYPICAL REVERSE CHARACTERISTICS
FIG. 3A - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT (mA) 100
INSTANTANEOUS REVERSE CURRENT (mA)
FM120~FM140
100
10
TJ = 125
10
1.0
TJ = 75
1.0
TJ = 150
0.1
0.1
TJ = 125
.01
TJ = 25
.01
TJ = 75 FM150~FM160 FM180~FM1100
.001
.001 0 20 40 60 80 100 120 140 0 20 40
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
PEAK FORWARD SURGE CURRENT, (A)
400 200 100 80 60 40 20 10 .1 .4 1.0 4 10 REVERSE VOLTAGE, (V) 40 80
TJ = 25
50 40 30 20 10 0 1 2 4 6 810 20 40 80100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave JEDEC Method


▲Up To Search▲   

 
Price & Availability of FM120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X