Part Number Hot Search : 
PR150 XIT1700 PE3393 ZXCT1051 XS2206 AK4384 KBP158G BA6137
Product Description
Full Text Search
 

To Download FLL21E180IU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FLL21E180IU
High Voltage - High Power GaAs FET
FEATURES *E Voltage Operation : VDS=28V High
*E Gain: 15.0dB(typ.) at Pout=46dBm(Avg.) High *E Broad Frequency Range : 2100 to 2200MHz *E Proven Reliability
DESCRIPTION
The FLL21E180IU is a high power GaAs FET that offers high efficiency, ease of matching, greater consistency and broad bandwidth for high power L-band amplifiers. This device is target for high voltage, low current operation in digitally modulated base station. This product is ideally suited for W-CDMA base station amplifiers while offering high gain long term reliability and ease for use.
ABSOLUTE MAXIMUM RATINGS Item Symbol
Drain-Source Voltage Gate-Source Voltage Total Power Dissipation Storage Temperature Channel Temperature VDS VGS Pt Tstg Tch
Condition
Tc=25 oC
Rating
32 -3 230 -65 to +175 200
Unit
V V W oC oC
RECOMMENDED OPERATING CONDITION(Case Temperature Tc=25 oC) Item
DC Input Voltage Forward Gate Current Reverse Gate Current Channel Temperature
Symbol
VDS IGF IGR Tch
Condition
RG=1 RG=1
Limit
<28 <705 >-64 155
Unit
V mA mA oC
ELECTRICAL CHARACTERISTICS (Case Temperature Tc=25 o C) Item Symbol Condition min.
Pinch-Off Voltage Gate-Source Breakdown Voltage 3rd Order Inter modulation Distortion Power Gain Drain Efficiency Adjacent Channel Leakage Power Ratio Thermal Resistance Vp VGSO IM3 Gp d ACLR Rth VDS=5V IDS=150mA IGS=-1.5mA VDS=28V IDS(DC)=1.7A Pout=46dBm(Avg.) note Channel to Case -0.1 -5 14.0 -
Limit Typ. Max.
-0.2 -34 15.0 26.0 -35 0.55 -0.5 -30 0.65
Unit
V V dBc dB % dBc
oC
/W
Note 1 : IM3 ACLR and Gain test condition as follows: IM3 & Gain : fo=2.1325GHz, f1=2.1475GHz W-CDMA(3GPP3.4 12-00) BS-164ch non clipping modulation measured over 3.84MHz at fo-15MHz and fI+15MHz. ACLR : fo=2.1325GHz W-CDMA(3GPP3.4 12-00) BS-1 64ch non clipping modulation, measured over 3.84MHz at fo+/-5MHz. Edition 1.2 Mar 2004
1
FLL21E180IU
High Voltage - High Power GaAs FET
Output Power vs. Frequency @VDS=28V IDS=1.7A Pulse RF Test : P.W. 1msec ,duty=10% Output Power vs. Input Power @VDS=28V IDS=2A f=2.14GHz Pulse RF Test : P.W. 1msec ,duty=10%
54 52 Output Power [dBm] 2 2.05 2.1 2.15 2.2 2.25 2.3 Frequency [GHz]
Pin=20dBm Pin=36dBm Pin=25dBm Pin=39.5dBm Pin=30dBm P1dB
54 52 50 48 46 44 42 40 38 36 34 32
Output Power [dBm]
50 48 46 44 42 40 38 36 34 18 20 22 24 26 28 30 32 34 36 38 40 42 Input Power [dBm]
Two-Carrier IMD(ACLR), Drain Efficiency vs. Output Power @VDS=28V IDS=1.7A fo=2.1325, f1=2.1475GHz W-CDMA 3-GPP BS-1 64ch Modulation
-25 -30 -35 IMD [dBc] -40 -45 -50 -55 -60 28 30 32 34 36 38 40 42 44 46 48 Output Power [dBm] IM3 IM5 Drain Efficiency 35 30 Drain Efficiency [%]
Single-Carrier ACLR , Drain Efficiency vs. Output Power @VDS=28V IDS=1.7A fo=2.1325GHz W-CDMA 3GPP BS-1 64ch Modulation
-25 -30 ACLR [dBc] -35 -40 -45 -50 -55 -60 28 30 32 34 36 38 40 42 44 46 48 Output Power [dBm] +/-5MHz +/-10MHz Drain Efficiency 35 30 25 20 15 10 5 0 Drain Efficiency [%]
25 20 15 10 5 0
2
FLL21E180IU
High Voltage - High Power GaAs FET
S-Parameters @VDS=28V IDS=850mA f=1.7 to 3 GHz 1port Parameters
+50j +25j
10
+100j
25
+10j
2.0GHz
50 100
+250j
0
2.2
2.2
*
2.1
2.0GHz
-250j
2.1
-10j
-25j -50j
-100j
S11 S22
+90
2.1
2.0GHz
2.2
6 180 8 Scale for |S21|
0
0.3 0.4 -90
Scale for |S 12|
S12 S21
!freq(GHz)S11(mag) S11(ang) S21(mag) S21(ang) S12(mag) S12(ang) S22(mag) S22(ang) 0.1 0.967 177.2 1.369 157.7 0.001 51.2 0.774 -165.8 0.2 0.941 175.5 1.739 115.0 0.002 32.4 0.912 -173.7 0.3 0.942 175.3 1.321 68.1 0.003 10.1 0.907 -178.7 0.4 0.949 173.9 0.882 40.6 0.002 19.4 0.913 179.1 0.5 0.952 171.9 0.611 21.9 0.001 -28.8 0.921 177.3 1 0.945 161.9 0.314 -21.0 0.002 35.5 0.934 167.6 1.1 0.946 158.7 0.325 -28.5 0.002 45.3 0.929 165.1 1.2 0.945 155.4 0.359 -35.4 0.004 26.5 0.930 162.7 1.3 0.937 151.4 0.413 -43.8 0.005 40.8 0.931 160.1 1.4 0.927 146.0 0.511 -53.2 0.005 37.8 0.926 157.0 1.5 0.911 139.6 0.670 -64.5 0.007 20.0 0.911 152.9 1.6 0.879 130.2 0.931 -79.0 0.009 1.8 0.886 147.9 1.7 0.823 116.8 1.409 -97.0 0.012 -9.9 0.858 142.1 1.8 0.709 95.2 2.294 -122.0 0.017 -34.6 0.821 133.6 1.9 0.528 55.1 3.916 -158.4 0.023 -71.4 0.755 119.0 1.95 0.430 18.6 5.021 177.5 0.024 -102.7 0.672 106.4 2 0.411 -33.4 6.086 148.8 0.025 -136.5 0.520 88.9 2.05 0.493 -82.7 6.662 116.6 0.023 -175.4 0.273 65.9 2.1 0.584 -117.8 6.406 85.6 0.017 142.4 0.030 -60.7 2.11 0.596 -122.9 6.314 79.7 0.016 126.0 0.071 -108.9 2.12 0.608 -128.2 6.184 74.2 0.015 120.0 0.119 -122.9 2.13 0.615 -132.7 6.062 68.9 0.014 110.5 0.166 -129.9 2.14 0.624 -136.9 5.921 63.5 0.012 101.8 0.212 -135.5 2.15 0.627 -140.7 5.726 58.8 0.013 93.5 0.254 -139.5 2.16 0.632 -144.4 5.583 53.8 0.012 80.1 0.294 -143.5 2.17 0.636 -147.8 5.431 49.2 0.012 71.6 0.332 -147.1 2.18 0.634 -150.7 5.226 45.0 0.012 56.2 0.366 -150.2 2.19 0.640 -153.5 5.122 40.7 0.011 57.9 0.397 -152.7 2.2 0.638 -156.1 4.975 36.8 0.012 39.2 0.428 -155.8 2.25 0.632 -167.2 4.354 18.1 0.011 3.8 0.545 -167.2 2.3 0.618 -175.7 3.859 1.9 0.014 -21.7 0.626 -176.1 2.35 0.594 177.2 3.517 -12.8 0.015 -37.4 0.687 175.7 2.4 0.560 170.7 3.317 -26.9 0.017 -58.6 0.725 168.6 2.5 0.442 159.1 3.140 -54.8 0.021 -90.4 0.771 154.2 2.6 0.238 158.4 3.187 -87.1 0.025 -120.5 0.783 138.0 2.7 0.225 -130.2 3.095 -124.9 0.029 -159.7 0.736 118.1 2.8 0.521 -129.2 2.670 -164.1 0.027 163.0 0.648 95.0 2.9 0.713 -143.9 2.123 159.6 0.023 131.1 0.568 66.3 3 0.811 -156.1 1.664 126.9 0.018 104.2 0.515 26.4
3
FLL21E180IU
High Voltage - High Power GaAs FET
BOARD LAYOUT




r=3.5 t=0.6mm
4
FLL21E180IU
High Voltage - High Power GaAs FET
IU Package Outline Metal-Ceramic Hermetic Package
PIN ASSIGMENT 1,2 : GATE 3 : SOURCE 4.5 : DRAIN 6 : SOURCE Unit : mm
5
FLL21E180IU
High Voltage - High Power GaAs FET
For further information please contact :
Eudyna Devices USA Inc. 2355 Zanker Rd. San Jose, CA 95131-1138, U.S.A. Phone: (408) 232-9500 FAX: (408) 428-9111 www.fcsi.fujitsu.com
CAUTION
Fujitsu Compound Semiconductor Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the environment. For safety, observe the following procedures:
*E not put these products into the mouth. Do
Eudyna Devices Europe Ltd. Network House Norreys Drive Maidenhead, Berkshire SL6 4FJ Phone: +44 (0) 1628 504800 FAX: +44 (0) 1628 504888
*E not alter the form of this product into a gas, powder, or liquid Do through burning, crushing, or chemical processing as these byproducts are dangerous to the human body if inhaled, ingested, or swallowed. *E Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Eudyna Devices Asia Pte. Ltd. Hong Kong Branch Rm.1101,Ocean Centre, 5 Canton Road, Tsim Sha Tsui Kowloon, Hong kong Tel: +852-2377-0227 Fax: +852-2377-3921
Eudyna Devices Inc. 1000 Kamisukiahara, showa-cho, Nakakomagun, Yamanashi 409-3883, Japan (Kokubo Industrial Park) Tel +81-55-275-4411 Fax +81-55-275-9461
Sales Division 1,Kanai-cho,Sakae-ku,Yokohama,244-0845,Japan
Tel +81-45-853-8156 Fax +81-45-853-8170
6


▲Up To Search▲   

 
Price & Availability of FLL21E180IU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X