Part Number Hot Search : 
CZT3055 SCL4002B 14D781K TDA6120 Z5SMC15 SBH1540S SI4450 TA8132AN
Product Description
Full Text Search
 

To Download D2017UK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TetraFET
D2017UK
METAL GATE RF SILICON FET
MECHANICAL DATA
C
A !
B
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 5W - 28V - 1GHz SINGLE ENDED
FEATURES
D ( 2 p ls )
E
* SIMPLIFIED AMPLIFIER DESIGN * SUITABLE FOR BROAD BAND
APPLICATIONS
F
G H
* LOW Crss * SIMPLE BIAS CIRCUITS
DRAIN
DP
PIN 1 PIN 3 SOURCE GATE PIN 2
* LOW NOISE * HIGH GAIN - 13 dB MINIMUM
mm 16.51 6.35 45 1.52 6.35 0.13 3.56 0.64 Tol. 0.25 0.13 5 0.13 0.13 0.03 0.51 0.13 Inches 0.650 0.250 45 0.060 0.250 0.005 0.140 0.024 Tol. 0.010 0.005 5 0.005 0.005 0.001 0.020 0.005
DIM A B C D E F G H
APPLICATIONS
* VHF/UHF COMMUNICATIONS from DC to 1 GHz
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
PD BVDSS BVGSS ID(sat) Tstg Tj Power Dissipation Drain - Source Breakdown Voltage Gate - Source Breakdown Voltage Drain Current Storage Temperature Maximum Operating Junction Temperature 29W 65V 20V 2A -65 to 150C 200C
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 3040 Issue 1
D2017UK
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
BVDSS IDSS IGSS gfs GPS Ciss Coss Crss Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Leakage Current Forward Transconductance* Common Source Power Gain Drain Efficiency Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS = 0 VDS = 28V VGS = 20V ID = 10mA VDS = 10V PO = 5W VDS = 28V f = 1GHz VDS = 0 VDS = 28V VDS = 28V VGS = -5V f = 1MHz VGS = 0 VGS = 0 f = 1MHz f = 1MHz IDQ = 0.2A ID = 10mA VGS = 0 VDS = 0 VDS = VGS ID = 0.4A 1 0.36 13 40 20:1 65
Typ.
Max. Unit
V 2 1 7 mA A V S dB % -- 20 11 1 pF pF pF
VGS(th) Gate Threshold Voltage*
VSWR Load Mismatch Tolerance
* Pulse Test:
Pulse Duration = 300 s , Duty Cycle 2%
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly toxic and care must be taken during handling and mounting to avoid damage to this area. THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
THERMAL DATA
RTHj-case Thermal Resistance Junction - Case Max. 6.0C / W
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 3040 Issue 1


▲Up To Search▲   

 
Price & Availability of D2017UK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X