Part Number Hot Search : 
TSM1013 AN2N3 101M06 FM1246 M00000 ADV71 KTD20 KBPC1506
Product Description
Full Text Search
 

To Download BZG01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
book, halfpage
M3D168
BZG01 series SMA voltage regulator diodes
Product specification 2000 Feb 17
Philips Semiconductors
Product specification
SMA voltage regulator diodes
FEATURES * Glass passivated * High maximum operating temperature * Ideal for surface mount automotive applications * Low leakage current * Excellent stability * UL 94V-O classified plastic package * Zener working voltage range: 10 to 270 V for 35 types * Supplied in 12 mm embossed tape and reel, 1500 and 7500 pieces * Marking: cathode, date code, type name * Easy pick and place.
Top view
olumns
BZG01 series
DESCRIPTION DO-214AC surface mountable package with glass passivated chip. The well-defined void-free case is of a transfer-moulded thermo-setting plastic. The small rectangular package has two J bent leads.
cathode band k a
Side view
MBL143
Fig.1 Simplified outline (DO-214AC) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Ptot PARAMETER total power dissipation CONDITIONS Ttp = 100 C; see Fig.2 Tamb = 25 C; see Fig.2; device mounted on an Al2O3 printed-circuit board: see Fig.5 PZSM Tstg Tj non-repetitive peak reverse power dissipation storage temperature junction temperature tp = 100 s; square pulse; Tj = 25 C prior to surge; see Fig.3 - - MIN. MAX. 2.50 1.50 UNIT W W
- -65 -65
150 +175 +175
W C C
2000 Feb 17
2
Philips Semiconductors
Product specification
SMA voltage regulator diodes
ELECTRICAL CHARACTERISTICS Total series Tj = 25 C unless otherwise specified. SYMBOL VF PARAMETER forward voltage CONDITIONS IF = 0.1 A; see Fig.4
BZG01 series
MAX. 1.2
UNIT V
Per type Tj = 25 C unless otherwise specified. TYPE No. SUFFIX
(1)
WORKING VOLTAGE VZ (V) at IZ MIN. NOM. 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 MAX. 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106 116 127 141 156
DIFFERENTIAL RESISTANCE rdif () at IZ TYP. 2 3 3 3 5 5 7 8 8 8 10 10 12 13 17 17 30 40 40 40 40 40 70 80 120 150 200 250 300 MAX. 7 8 9 10 15 15 20 24 25 25 30 30 35 40 50 50 90 115 120 125 130 135 200 250 350 450 550 700 1000
TEMPERATURE TEST COEFFICIENT CURRENT SZ (%/K) at IZ MIN. 0.05 0.05 0.05 0.05 0.05 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.09 0.09 0.09 0.09 0.09 0.09 MAX. 0.09 0.10 0.10 0.10 0.10 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 IZ (mA) 25 20 20 20 15 15 15 10 10 10 8 8 8 8 6 6 4 4 4 4 4 4 2.7 2.7 2.7 2.7 2 2 2
REVERSE CURRENT at REVERSE VOLTAGE IR (A) MAX. 10 4 3 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 VR (V) 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110
C10 C11 C12 C13 C15 C16 C18 C20 C22 C24 C27 C30 C33 C36 C39 C43 C47 C51 C56 C62 C68 C75 C82 C91 C100 C110 C120 C130 C150
9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 104 114 124 138
2000 Feb 17
3
Philips Semiconductors
Product specification
SMA voltage regulator diodes
BZG01 series
TYPE No. SUFFIX
(1)
WORKING VOLTAGE VZ (V) at IZ MIN. NOM. 160 180 200 220 240 270 MAX. 171 191 212 233 256 289
DIFFERENTIAL RESISTANCE rdif () at IZ TYP. 350 400 500 700 800 1000 MAX. 1100 1200 1500 2250 2550 3000
TEMPERATURE TEST COEFFICIENT CURRENT SZ (%/K) at IZ MIN. 0.09 0.09 0.09 0.09 0.09 0.09 MAX. 0.13 0.13 0.13 0.13 0.13 0.13 IZ (mA) 1.5 1.5 1.5 1 1 1
REVERSE CURRENT at REVERSE VOLTAGE IR (A) MAX. 1 1 1 1 1 1 VR (V) 120 130 150 160 180 200
C160 C180 C200 C220 C240 C270 Note
153 168 188 208 228 251
1. To complete the type number the suffix is added to the basic type number, e.g. BZG01-C130. THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 note 2 Notes 1. Device mounted on an Al2O3 printed-circuit board, 0.7 mm thick; thickness of Cu-layer 35 m, see Fig.5. 2. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer 40 m, see Fig.5. For more information please refer to the `General Part of associated Handbook'. CONDITIONS VALUE 30 100 150 UNIT K/W K/W K/W
2000 Feb 17
4
Philips Semiconductors
Product specification
SMA voltage regulator diodes
GRAPHICAL DATA
MCD826
BZG01 series
handbook, halfpage
3
103 handbook, halfpage PZSM (W) 102
MCD825
Ptot (W) 2
1
10
0 0 40 80 120 160 200 T (C)
1 10-2
10-1
1
tp (ms)
10
Solid line: tie-point temperature. Dotted line: ambient temperature; device mounted on an Al2O3 printed-circuit board as shown in Fig.5.
Tj = 25 C prior to surge.
Fig.3 Fig.2 Maximum total power dissipation as a function of temperature.
Maximum non-repetitive peak reverse power dissipation as a function of pulse duration (square pulse).
handbook, halfpage
3
MCD824
IF (A) 2
50
4.5 50 1 2.5
0 1 1.1 1.2 1.3 1.4 1.5 VF (V) 1.25
MSB213
Tj = 25 C. Dimensions in mm.
Fig.4
Forward current as a function of forward voltage; typical values.
Fig.5 Printed-circuit board for surface mounting.
2000 Feb 17
5
Philips Semiconductors
Product specification
SMA voltage regulator diodes
PACKAGE OUTLINE Transfer-moulded thermo-setting plastic small rectangular surface mounted package; 2 connectors
BZG01 series
SOD124
H D
A A1 c Q
E
b
(1)
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 2.3 2.0 A1 0.05 b 1.6 1.4 c 0.2 D 4.5 4.3 E 2.8 2.4 H 5.5 5.1 Q 3.3 2.7
Note 1. The marking band indicates the cathode. OUTLINE VERSION SOD124 REFERENCES IEC JEDEC DO-214AC EIAJ EUROPEAN PROJECTION ISSUE DATE 99-10-22
2000 Feb 17
6
Philips Semiconductors
Product specification
SMA voltage regulator diodes
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Short-form specification Limiting values
BZG01 series
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. The data in this specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
2000 Feb 17
7
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 3341 299, Fax.+381 11 3342 553
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 2000
Internet: http://www.semiconductors.philips.com
SCA 69
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613502/250/01/pp8
Date of release: 2000
Feb 17
Document order number:
9397 750 06779


▲Up To Search▲   

 
Price & Availability of BZG01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X