Part Number Hot Search : 
MAX6602 23A01 23A01 3306B B2912BS1 FT5767M FT5767M SE051
Product Description
Full Text Search
 

To Download BUV48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUV48, BUV48A NPN SILICON POWER TRANSISTORS
Copyright (c) 1997, Power Innovations Limited, UK AUGUST 1978 - REVISED MARCH 1997
q q q
Rugged Triple-Diffused Planar Construction 15 A Continuous Collector Current 1000 Volt Blocking Capability
B
SOT-93 PACKAGE (TOP VIEW) 1
C
2
E
3 Pin 2 is in electrical contact with the mounting base.
MDTRAA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING Collector-emitter voltage (V BE = 0 V) Collector-emitter voltage (RBE = 10 ) Collector-emitter voltage (IB = 0) Continuous collector current Peak collector current (see Note 1) Continuous base current Peak base current Non repetitive accidental peak surge current Continuous device dissipation at (or below) 25C case temperature Operating junction temperature range Storage temperature range NOTE 1: This value applies for tp 2 ms, duty cycle 2%. BUV48 BUV48A BUV48 BUV48A BUV48 BUV48A SYMBOL VCES VCER VCEO IC ICM IB IBM ICSM Ptot Tj Tstg VALUE 850 1000 850 1000 400 450 15 30 4 20 55 125 -65 to +150 -65 to +150 UNIT V V V A A A A A W C C
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
BUV48, BUV48A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
electrical characteristics at 25C case temperature (unless otherwise noted)
PARAMETER V CEO(sus) Collector-emitter sustaining voltage Collector-emitter cut-off current IC = 200 mA VCE = 850 V ICES V CE = 1000 V V CE = 850 V V CE = 1000 V VCE = 850 V ICER Collector-emitter cut-off current Emitter cut-off current Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Current gain bandwidth product Output capacitance V CE = 1000 V V CE = 850 V V CE = 1000 V IEBO VEBO VEB = IE = IB = VCE(sat) IB = IB = IB = V BE(sat) ft Cob IB = IB = VCE = VCB = 5V 50 mA 2A 3A 1.6 A 2.4 A 2A 1.6 A 10 V 20 V TEST CONDITIONS L = 25 mH VBE = 0 VBE = 0 VBE = 0 VBE = 0 RBE = 10 RBE = 10 RBE = 10 RBE = 10 IC = 0 IC = 0 IC = IC = IC = IC = IC = IC = 10 A 15 A 8A 12 A 10 A 8A (see Notes 3 and 4) f = 1 MHz f = 1 MHz (see Notes 3 and 4) BUV48 BUV48 BUV48A BUV48A BUV48 BUV48A 10 150 7 TC = 125C TC = 125C TC = 125C TC = 125C (see Note 2) BUV48 BUV48A BUV48 BUV48A BUV48 BUV48A BUV48 BUV48A BUV48 BUV48A MIN 400 450 0.2 0.2 2.0 2.0 0.5 0.5 4.0 4.0 1 30 1.5 5.0 1.5 5.0 1.6 1.6 V MHz pF V mA V mA mA TYP MAX UNIT V
IC = 0.5 A IC = 0
NOTES: 2. Inductive loop switching measurement. 3. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC Junction to case thermal resistance MIN TYP MAX 1 UNIT C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton ts tf ton ts tf
TEST CONDITIONS IC = 10 A IB(on) = 2 A IC = 8 A IB(on) = 1.6 A VCC = 150 V IB(off) = -2 A VCC = 150 V IB(off) = -1.6 A
MIN BUV48 (see Figures 1 and 2) BUV48A (see Figures 1 and 2)
TYP
MAX 1.0 3.0 0.8 1.0 3.0 0.8
UNIT s s s s s s
Turn on time Storage time Fall time Turn on time Storage time Fall time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
inductive-load-switching characteristics at 100C case temperature
PARAMETER tsv tfi tsv tfi Voltage storage time Current fall time Voltage storage time Current fall time IC = 10 A V BE(off) = -5 V IC = 8 A V BE(off) = -5 V TEST CONDITIONS IB(on) = 2 A (see Figures 3 and 4) IB(on) = 1.6 A (see Figures 3 and 4)
MIN BUV48 BUV48A
TYP
MAX 4.0 0.4 4.0 0.4
UNIT s s s s
PRODUCT
INFORMATION
2
BUV48, BUV48A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
PARAMETER MEASUREMENT INFORMATION
+25 V BD135 120 680 F 100 V cc V= 250 V CC
T V1 tp
47
100 F
TUT 15 V1 100 BD136 82 680 F
tp = 20 s Duty cycle = 1% V1 = 15 V, Source Impedance = 50
Figure 1. Resistive-Load Switching Test Circuit
C IC A - B = td B - C = tr E - F = tf D - E = ts A - C = ton D - F = toff B
90%
90%
E
10%
10%
F
0%
90% IB
D
dIB 2 A/s dt
I B(on) A 10% 0% I B(off)
Figure 2. Resistive-Load Switching Waveforms
PRODUCT
INFORMATION
3
BUV48, BUV48A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
PARAMETER MEASUREMENT INFORMATION
33
+5V
D45H11 BY205-400 BY205-400
33 1 pF
RB
(on) 180 H vcc
V Gen 68
1 k 0.02 F +5V 1 k
2N2222 TUT BY205-400 Vclamp = 400 V
270
BY205-400
1 k 2N2904
5X BY205-400
Adjust pw to obtain IC 47 For IC < 6 A For IC 6 A VCC = 50 V VCC = 100 V 100
D44H11 V
BE(off)
Figure 3. Inductive-Load Switching Test Circuit
I B(on) A - B = tsv B - C = trv D - E = tfi E - F = tti B - E = txo IB
A (90%) Base Current
C
90%
V CE
B
10%
Collector Voltage
D (90%)
E (10%) I C(on) Collector Current F (2%)
NOTES: A. Waveforms are monitored on an oscilloscope with the following characteristics: tr < 15 ns, Rin > 10 , Cin < 11.5 pF. B. Resistors must be noninductive types.
Figure 4. Inductive-Load Switching Waveforms
PRODUCT
INFORMATION
4
BUV48, BUV48A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 100 VCE = 5 V
TCP765AA
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
5*0
TCP765AB
hFE - Typical DC Current Gain
TC = 125C TC = 25C TC = -65C
4*0
IC = 5 A IC = 10 A IC = 15 A TC = 25C
3*0
10
2*0
1*0
1*0 0*1
1*0 IC - Collector Current - A
10
20
0 0*1
1*0 IB - Base Current - A
10
Figure 5.
Figure 6.
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 5*0
TCP765AI
BASE-EMITTER SATURATION VOLTAGE vs BASE CURRENT
1*6 VBE(sat) - Base-Emitter Saturation Voltage - V 1*5 IC = 15 A 1*4 1*3 IC = 10 A 1*2 1*1 1*0 0*9 0*8 IC = 5 A
TCP765AC
4*0
IC = 5 A IC = 10 A IC = 15 A TC = 100C
3*0
2*0
1*0
0 0*1
1*0 IB - Base Current - A
10
0
1
2
3
4
5
6
IB - Base Current - A
Figure 7.
Figure 8.
PRODUCT
INFORMATION
5
BUV48, BUV48A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
COLLECTOR CUT-OFF CURRENT vs CASE TEMPERATURE
4*0
TCP765AD
ICES - Collector Cut-off Current - A
1*0
BUV48A VCE = 1000 V 0*1 BUV48 VCE = 850 V
0*01 -80 -60 -40 -20
0
20
40
60
80 100 120 140
TC - Case Temperature - C
Figure 9.
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
100
SAP765AA
IC - Collector Current - A
10
1*0 tp = tp = 0.1 10 s 50 s
tp = 100 s tp = 500 s tp = 1 ms tp = 2 ms DC Operation 10
BUV48 BUV48A 100 1000
0*01 1*0
VCE - Collector-Emitter Voltage - V
Figure 10.
PRODUCT
INFORMATION
6
BUV48, BUV48A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
MECHANICAL DATA SOT-93 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
SOT-93 4,90 4,70
o
4,1 4,0
15,2 14,7
3,95 4,15
1,37 1,17
16,2 MAX. 12,2 MAX.
31,0 TYP.
18,0 TYP.
1 1,30 1,10
2
3 0,78 0,50 11,1 10,8 2,50 TYP.
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW
PRODUCT
INFORMATION
7
BUV48, BUV48A NPN SILICON POWER TRANSISTORS
AUGUST 1978 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
8


▲Up To Search▲   

 
Price & Availability of BUV48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X