Part Number Hot Search : 
YF3800 N4001 CFRM103 VSYTSF P1500 BA592 UZ4707 E002411
Product Description
Full Text Search
 

To Download BCR169S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR169S
PNP Silicon Digital Transistor Array Switching circuit, inverter, interface circuit, driver circuit Two ( galvanic) internal isolated Transistors with good matching in one package Built in bias resistor (R1=4.7k)
C1 6 B2 5 E2 4
4 5 6

2 1
3
VPS05604
R1 TR1
R1 TR2
1 E1
2 B1
3 C2
EHA07266
Type BCR169S
Maximum Ratings Parameter
Marking WSs
Pin Configuration
Package
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Symbol VCEO VCBO VEBO Vi(on) IC Ptot Tj Tstg
Value 50 50 5 15 100 250 150 -65 ... 150
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage Input on Voltage DC collector current Total power dissipation, TS = 115 C Junction temperature Storage temperature
mA mW C
Thermal Resistance Junction - soldering point 1) RthJS
140
K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Dec-13-2001
BCR169S
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 100 A, IB = 0 Collector-base breakdown voltage IC = 10 A, IE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 40 V, IE = 0 DC current gain 1) IC = 5 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA Input off voltage IC = 100 A, VCE = 5 V Input on Voltage IC = 2 mA, VCE = 0.3 V Input resistor R1 Vi(on) Vi(off) VCEsat hFE ICBO V(BR)EBO V(BR)CBO V(BR)CEO typ. max.
Unit
50 50 5 120 0.4 0.5 3.2
4.7
100 630 0.3 0.8 1.1 6.2
V
nA V
k
AC Characteristics Transition frequency IC = 10 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb 3 pF fT 150 MHz
1) Pulse test: t < 300s; D < 2%
2
Dec-13-2001
BCR169S
DC Current Gain hFE = f (IC )
Collector-Emitter Saturation Voltage
VCE = 5V (common emitter configuration)
10 3
VCEsat = f (IC), hFE = 20
10 2
-
mA
hFE
10 2
10 1
10 1
IC
10 0 10 0 -1 10
0 1
10
10
mA
10
2
10 -1 0.00
0.10
0.20
0.30
0.40
V
0.55
IC
VCEsat
Input on Voltage Vi(on) = f (IC )
Input off voltage Vi(off) = f (IC)
VCE = 0.3V (common emitter configuration)
10 2
VCE = 5V (common emitter configuration)
10 2
mA
mA
10 1
10 1
IC
IC
10 0 10 -1 -1 10
0 1
10 0
10 -1
10 -2
10
10
V
10
2
10 -3 0
1
2
3
V
5
Vi(on)
Vi(off)
3
Dec-13-2001
BCR169S
Total power dissipation Ptot = f (TS )
300
mW
P tot
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TS
Permissible Pulse Load RthJS = f (tp )
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10 3
K/W
10 3
Ptotmax / PtotDC
-
10 2
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
Dec-13-2001


▲Up To Search▲   

 
Price & Availability of BCR169S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X