Part Number Hot Search : 
008060 KM68100 85102 MB7124 02402 MOBIL RKS75R CY3095
Product Description
Full Text Search
 

To Download BCM5226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5226
PRODUCT
(R)
Brief
OF BENEFITS
1 0 / 1 0 0 B A S E - T X / F X H E X - TM T R A N S C E I V E R
BCM5226 FEATURES SUMMARY
* Single-chip six-port Fast Ethernet transceiver * HP Auto-MDIX * Low-power 2.5V CMOS technology * Compatible with 2.5V I/O and 3.3V I/O * Reduced Media Independent Interface (RMII) * Serial Media Independent Interface (SMII) * Fully integrated digital adaptive equalization * On-chip multimode transmit waveshaping * Edge-rate control eliminates external filters * Integrated baseline wander correction * Full-duplex support * Twisted-pair or fiber support on any or all ports * Interrupt output capability * Loopback mode for diagnostics * 160-pin PQFP (BCM5226R) * 128-pin PQFP (BCM5226S) * Proven Broadcom proprietary DSP Digi-TM
architecture
* Target usage: Fast Ethernet switches. * Low power < 300 milliwatts per port. * Auto-MDIX detects and corrects cabling errors. * Provides robust performance over a broad range of
operating conditions.
* Single-chip device contains six independent Fast
Ethernet transceivers.
* Performs all physical layer interface functions for
100BASE-TX full-duplex or half-duplex Ethernet on Category 5 twisted-pair cable and 10BASE-T full- or half-duplex Ethernet on Category 3, 4, or 5 cable. paired with an external fiber-optic transceiver.
* Permits transmission over fiber-optic cabling when * Compliant with IEEE 802.3 standard. * IEEE 1149.1 (JTAG) scan chain support.
Quad BCM5208 Versus HEX BCM5226 Comparison
6 Active PHY components + 6 MACs including switch fabric
4 Active SMII PHY components + SMII MACs embedded in switch chip
Switch Fabric and System Logic
QUAD MAC QUAD MAC
Switch Fabric with Embedded MACs
24x16=384 MII Pins 24x2=48 SMII Pins
BCM5208
Port 1
BCM5208
Port 24
BCM5226 Port 1
BCM5226
BCM5226
BCM5226 Port 24


▲Up To Search▲   

 
Price & Availability of BCM5226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X