Part Number Hot Search : 
EG8306 2A710 60H3A2H SCL5604 E220A AN6612S ACTR433T S00DC13
Product Description
Full Text Search
 

To Download BAV99W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV99W
Small Signal Si-Diodes Surface mount Small Signal Double-Diodes Kleinsignal-Doppel-Dioden fur die Oberflachenmontage
Version 2004-04-09
Power dissipation - Verlustleistung
20.1
0.3
3
200 mW 70 V SOT-323 0.01 g
10.1 1.250.1 2.10.1
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Type Code
1 2
1.3
Dimensions / Mae in mm 1 = A1 2 = K1/A2 3 = K2
Maximum ratings (TA = 25C) per diode / pro Diode Power dissipation - Verlustleistung Max. average forward current (dc) Dauergrenzstrom Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current Stostrom-Grenzwert Repetitive peak reverse voltage Periodische Spitzensperrspannung Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur tp 1 s tp 1 ms tp 1 s Ptot IFAV IFRM IFSM IFSM IFSM VRRM Tj TS
Grenzwerte (TA = 25C) BAV99W 200 mW 1) 200 mA 1) 300 mA 1) 0.5 A 1A 2A 70 V 150C - 55...+ 150C
Characteristics (Tj = 25C) Forward voltage - Durchlaspannung 2) IF = 1 mA IF = 10 mA IF = 50 mA IF = 150 mA Tj = 25C Tj = 150C VF VF VF VF IR IR IR IR
Kennwerte (Tj = 25C) < 715 mV < 855 mV <1V < 1.25 V < 30 nA 2.5 A < 30 A < 50 A
Leakage current - Sperrstrom 2)
VR = 25 V VR = 70 V VR = 25 V VR = 70 V
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2%
1
Small Signal Si-Diodes
BAV99W
Characteristics (Tj = 25C) Max. junction Capacitance - Max. Sperrschichtkapazitat VR = 0 V, f = 1 MHz Reverse recovery time - Sperrverzug IF = 10 mA uber / through IR = 10 mA bis / to IR = 1 mA Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Outline - Gehause Pinning - Anschlubelegung Double diode, series connection Doppeldiode, Reihenschaltung CT trr RthA
Kennwerte (Tj = 25C) 1.5 pF < 4 ns 620 K/W 1)
Marking - Stempelung
3
BAV99W = A7 or / oder = KJG
1
2
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu
2


▲Up To Search▲   

 
Price & Availability of BAV99W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X