Part Number Hot Search : 
1001000 PC2VL 9S08DZ16 XMEGA FR20K05 77034052 4078B KBPC5
Product Description
Full Text Search
 

To Download AP3000C-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP3000C-11
SILICON PIN DIODE
DESCRIPTION:
The AP3000C-11 is a Passivated Epitaxial Silicon PIN Diode Housed in a Hermetically Sealed Glass Package. This Device is Designed to Cover a Wide Range of control Applications Such as RF Switching, Phase Shifting, Modulation, Duplexing Limiting and Pulse Forming.
PACKAGE STYLE 01
MAXIMUM RATINGS
IC VCE PDISS TJ TSTG JC
O O
100 mA 300 V 250 mW @ TA = 25 C -65 C to +175 C -65 C to +175 C 20 C/W
O O O O
NONE
CHARACTERISTICS
SYMBOL
VB CJ CP LS RS TL Trr I-REGION IF = 50 mA IF = 10 mA IF = 20 mA IR = 10 A VR = 50 V VR = 40 V
TC = 25 C
O
TEST CONDITIONS
f = 1.0 MHz f = 1.0 MHz f = 100 MHz IR = 6.0 mA IR = 100 mA @ 90%
MINIMUM
300
TYPICAL
MAXIMUM
0.2
UNITS
V pF pF nH
0.10 1.0 0.6 1000 100 30
Ohms nS nS M
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AP3000C-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X