Part Number Hot Search : 
0805K K16A60W F1006FC GBJ10 BC32716 BC32716 XXXGX P4KE220A
Product Description
Full Text Search
 

To Download 74ACT841SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ACT841 10-Bit Transparent Latch with 3-STATE Outputs
November 1988 Revised September 2000
74ACT841 10-Bit Transparent Latch with 3-STATE Outputs
General Description
The ACT841 bus interface latch is designed to eliminate the extra packages required to buffer existing latches and provide extra data width for wider address/data paths or buses carrying parity. The ACT841 is a 10-bit transparent latch, a 10-bit version of the ACT373.
Features
s ACT841 has TTL-compatible inputs s Outputs source/sink 24 mA s Non-inverting 3-STATE outputs
Ordering Code:
Order Number 74ACT841SC 74ACT841MTC 74ACT841SPC Package Number M24B MTC24 N24C Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. (SPC not available in Tape and Reel.)
Logic Symbols
Connection Diagram
IEEE/IEC
Pin Descriptions
Pin Names D0-D9 O0-O9 OE LE Description Data Inputs 3-STATE Outputs Output Enable Latch Enable
FACT is a trademark of Fairchild Semiconductor Corporation.
(c) 2000 Fairchild Semiconductor Corporation
DS010156
www.fairchildsemi.com
74ACT841
Functional Description
The ACT841 consists of ten D-type latches with 3-STATE outputs. The flip-flops appear transparent to the data when Latch Enable (LE) is HIGH. This allows asynchronous operation, as the output transition follows the data in transition. On the LE HIGH-to-LOW transition, the data that meets the setup and hold time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH the bus output is in the high impedance state.
Function Table
Inputs OE X H H H L L L
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance NC = No Change
Internal D X L H X L H X Q X L H NC L H NC
Output Function O Z Z Z Z L H NC High Z High Z High Z Latched Transparent Transparent Latched
LE X H H L H H L
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74ACT841
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI = -0.5V VI = VCC + 0.5V DC Input Voltage (VI) DC Output Diode Current (IOK) VO = -0.5V VO = VCC + 0.5V DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current per Output Pin (ICC or IGND) Storage Temperature (TSTG) Junction Temperature (TJ) PDIP 140C
-0.5V to +7.0V -20 mA +20 mA -0.5V to VCC + 0.5V -20 mA +20 mA -0.5V to VCC + 0.5V 50 mA 50 mA -65C to +150C
Recommended Operating Conditions
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Minimum Input Edge Rate (V/t) VIN from 0.8V to 2.0V VCC @ 4.5V, 5.5V 4.5V to 5.5V 0V to VCC 0V to VCC
-40C to +85C
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of FACT circuits outside databook specifications.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Maximum LOW Level Output Voltage 4.5 5.5 4.5 5.5 IIN IOZ ICCT IOLD IOHD ICC Maximum Input Leakage Current Maximum 3-STATE Leakage Current Maximum ICC/Input Minimum Dynamic Output Current (Note 3) Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 5.5 5.5 8.0 0.6 0.001 0.001 TA = +25C Typ 1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 0.5 TA = -40C to +85C Guaranteed Limits 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 5.0 1.5 75 -75 80.0 A A A mA mA A V V V V VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50 A VIN = VIL or VIH V IOH = -24 mA IOH = -24 mA (Note 2) IOUT = 50 A VIN = VIL or VIH V IOL = 24 mA IOL = 24 mA (Note 2) VI = VCC, GND VI = VIL, VIH VO = VCC, GND VI = VCC - 2.1V VOLD = 1.65V Max VOHD = 3.85V Min VIN = VCC or GND Units Conditions
Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
3
www.fairchildsemi.com
74ACT841
AC Electrical Characteristics
VCC Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter Propagation Delay Dn to On Propagation Delay Dn to On Propagation Delay LE to On Propagation Delay LE to On Output Enable Time OE to On Output Enable Time OE to On Output Disable Time OE to On Output Disable Time OE to On
Note 4: Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Min 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Typ 5.5 5.5 5.5 5.5 5.5 5.5 6.0 6.0 Max 9.5 9.5 9.0 9.0 9.5 9.5 10.5 10.5
TA = -40C to +85C CL = 50 pF Min 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Max 10.0 10.0 10.0 10.0 10.5 10.5 11.0 11.0 ns ns ns ns ns ns ns ns Units
(V) (Note 4) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
AC Operating Requirements
VCC Symbol tS tH tW Parameter Setup Time, HIGH or LOW Dn to LE Hold Time, HIGH or LOW Dn to LE LE Pulse Width, HIGH
Note 5: Voltage Range 5.0 is 5.0V 0.5V
TA = +25C CL = 50 pF Typ -0.5 0.5 2.0 0.5 2.0 3.5
TA = -40C to +85C CL = 50 pF Guaranteed Minimum 1.0 2.0 3.5 ns ns ns Units
(V) (Note 5) 5.0 5.0 5.0
Capacitance
Symbol CIN CPD Parameter Input Capacitance Power Dissipation Capacitance Typ 4.5 44 Units pF pF Conditions VCC = OPEN VCC = 5.0V
www.fairchildsemi.com
4
74ACT841
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M24B
5
www.fairchildsemi.com
74ACT841
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC24
www.fairchildsemi.com
6
74ACT841 10-Bit Transparent Latch with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N24C
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74ACT841SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X