Part Number Hot Search : 
ST622 2SC5565 161A1 SMCJ75 161A1 SIHF9520 20030 UPA1723
Product Description
Full Text Search
 

To Download 746X101101F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8/05/02
R
Series 741, 742, 743, 744, 745, 746
Technical
THICK FILM CHIP RESISTOR ARRAYS
* Low cost * High density packaging * Leadless surface mount construction * Tape & reel packaging * Solder coated nickel barrier pads * Isolated and bussed circuits * Convex or Concave Termination Options
Chip Array Product Benefits
* High Density Packaging Up to 30% less space per resistor than 0603 chip resistors Up to 75% less space per resistor than 0805 chip resistors * Placement Efficiency Networks require fewer placements than discrete components Larger overall size eases handling compared to discrete components * Low Profile Can be used in PCMCIA cards * Perfect solution for DRAM series termination or Pull up/down signal bias.
Electrical and Mechanical Specifications
Series PCB Area (in) Per Resistor Circuit Resistance 70C Power Type Range Ohms Per Resistor * Maximum Operating Voltage
741 742 743 744 745 746
.0015 .0037 .0071 .0094 .0058 .0013
Isolated Isolated Isolated Isolated Bussed Bussed
10 - 1M 10 - 1M 10 - 1M 10 - 1M 33 - 470K 33 - 100K
.063W .063W .100W .125W .063W .031W -55C to +125C
25V 50V 100V 200V 50V 25V
Resistance Tolerance
Standard: 5% or 0.5 Ohms Whichever is greater Special: 2% and 1%
Operating Temperature Range Temperature Coefficient (TCR)
* Note: Total Rated Package Power equals total number of resistors times rated Power Per Resistor
Standard 200ppm/C
CTS CORPORATION / Around The World, Your Single Source For Excellence
8/05/02
Package Outlines
Concave Termination -Type C
Convex Termination -Type X
L P B
L
T C W
B
D
P
T C
Termination Area(all places) W
A
Pa rt Code
741X043 741X083 741C083 741X163 742C043 742X083 742C083 742C163 743C043 743C083 744C043 744C083 745C101 745C102 745X101 745X102 746X101
A
# Pads
4 8 8 16 4 8 16 4 8 4 8 10 10 10
# Res.
2 4 4 8 2 4 8 2 4 2 4 8 8 8
C ircuit
Isolated Isolated Isolated Isolated Isolated Isolated Isolated Isolated Isolated Isolated Isolated Bussed Bussed Bussed
L
1.0 0.1 .039 .004 2.0 0.1 .079 .004 3.8 0.1 .150 .004 1.6 0.2 .063 .008 3.2 0.2 .126 .008 6.4 0.2 .252 .008 2.54 0.20 .100 .008 5.08 0.3 .200 .012 2.54 0.20 .100 .008 5.08 0.3 .200 .012 6.4 0.2 .252 .008 6.4 0.2 .252 .008 3.3 0.1 .130 .004
W
P
0.65 0.10 .026 .004
T
A
0.33 0.10 .013 .004
B
C
Dimensions: mm inch
D
1.0 0.1 .039 .004 0.50 0.1 .020 .004 1.6 0.1 .063 .004
0.35 0.10 .014 .004
0.20 0.15 .008 .006 0.28 0.1 .011 .004
0.20 0.10 .008 .004
0.38 Max. .015 Max.
N /A
0.45 0.10 .020 .004
0.30 0.1 .012 .004
0.30 0.1 .012 .004
0.30 0.1 .012 .004 0.4 0.15 .016 .006
1.6 0.2 .063 .008
0.8 0.05 .032 .002
0.6 +0.10 -.25 .024+.004 -.010
0.5 0.15 .020 .006
0.3 0.20 .012 .008
0.3 0.15 .012 .006 0.4 0.15 .016 .006
N /A
2.0 0.2 .079 .008
1.27 0.05 .050 .002
0.6 0.1 .024 .004
0.8 0.15 .031 .006
0.4 0.2 .016 .008
0.4 0.15 .016 .006
N /A
3.2 0.2 .126 .008 3.2 0.2 .126 .008 3.2 0.2 .126 .008 1.65 0.15 .065 .006
1.27 0.05 .050 .002 1.27 0.05 .050 .002 1.27 0.05 .050 .002 .64 0.05 .025 .002
0.6 0.1 .024 .004 0.6 0.1 .024 .004 0.6 0.1 .024 .004 0.6 0.1 .024 .004
0.9 0.15 .035 .006 0.6 0.15 .024 .006 0.9 0.15 .035 .006 0.35 0.05 .014 .002
0.5 0.2 .020 .008 0.35 0.15 .013 .006 0.5 0.2 .020 .008 0.4 0.10 .016 .004
0.5 0.15 .020 .006 0.55 0.15 .022 .006 0.5 0.15 .020 .006 0.45 0.10 .018 .004
N /A
N /A 1.1 0.15 .043 .006 0.5 0.05 .020 .002
Recommended Land Patterns
mm/in.
A
B
Note: Land Patterns for Concave and Convex termination can be the same.
C
D
8/05/02
Concave Termination
Standard Packages & Style Codes Convex Termination
Termination Area
741X043 2 Resistors 4 Terminations 741X083 4 Resistors 8 Terminations
Termination Area
741X163 8 Resistors 16 Terminations
741C083 4 Resistors 8 Terminations
742C043 2 Resistors 4 Terminations
742C083 4 Resistors 8 Terminations 50 mil pitch (1.27mm)
742C163 8 Resistors 16 Terminations Common Pad Designator
742X083 4 Resistors 8 Terminations 50 mil pitch (1.27mm)
743C043 2 Resistors 4 Terminations
743C083 4 Resistors 8 Terminations
50 mil pitch (1.27mm)
8 Resistors 10 Terminations
744C043 2 Resistors 4 Terminations 50 mil pitch (1.27mm)
PAD 1 Mark (Dot) PAD 1 Mark (Triangle)
745X101
8 Resistors 10 Terminations
745X102
744C083 4 Resistors 8 Terminations
Note: The Marking Concept for Convex and Concave Series 745 is Different. 25 mil pitch (.64mm)
Eight Bussed Resistors in nearly the same space as one 1206 size chip resistor!
745C101 8 Resistors 10 Terminations
745C102 8 Resistors 10 Terminations
8 Resistors 10 Terminations
746X101
8/05/02
Environmental Performance Specifications
Test Max. Delta R 741 1.0% 2.5% 5.0% 1.0% 5.0% 2.0% 742-746 1.0% 1.0% 2.0% 1.0% 2.0% 1.0% 5 Cycles -55C to +125C 21/2 X Rated Working Voltage for 5 Seconds 240 Hours 10% rated load, -10C to +65, 90% R.H. 1000 Hours, no load, +125C 1000 Hours @ 70C, rated load 10 Seconds @ 260C solder Isopropyl alcohol, Freon TMC RMA Flux, 230C, 5 Seconds dip, 95% coverage Test Description
Thermal Cycle Short Time Overload Moisture Resistance High Temperature Exposure Load Life Resistance to Solder Heat Resistance to Solvents Solderability
Standard Resistor Values & EIA Code
Ohms Ohms 0 10 12 15 18 22 27 33 39 47 51 56 Code Code 000 100 120 150 180 220 270 330 390 470 510 560 Ohms Ohms 68 75 82 100 110 120 150 180 220 270 330 390 Code Code 680 750 820 101 111 121 151 181 221 271 331 391 Ohms Ohms 470 510 560 680 820 1K 1.2K 1.5K 1.8K 2.2K 2.7K 3.3K Code Code 471 511 561 681 821 102 122 152 182 222 272 332 Ohms Ohms 3.9K 4.7K 5.1K 5.6K 6.8K 8.2K 10K 12K 15K 18K 22K 27K Code Code 392 472 512 562 682 822 103 123 153 183 223 273 Ohms Ohms 33K 39K 47K 51K 56K 68K 82K 100K 120K 150K 180K 220K Code Code 333 393 473 513 563 683 823 104 124 154 184 224 Ohms Ohms 270K 330K 390K 470K 510K 560K 680K 820K 1M Code Code 274 334 394 474 514 564 684 824 105
Series 745 33 to 470KOhm Series 746 33 to 100KOhm
Note: 0 Ohm Jumper Resistance<.05 Ohms Part Code Tolerance = X Part Part Marking is "0"
Number Code For Ordering 742X083101J
Resistor Code 3 digit EIA Shown Above Tolerance J = 5% (Standard) G=2% F=1% X for zero ohm jumper
See Standard Package Styles
Style Code
Tape & Reel Information
Style 741X043 741C083 741X083 10,000 2mm 8mm paper 742C043 741X163 5000 4mm 8mm paper 742C083 742X083 5000 4mm 8mm paper 742C163
Notes: No dashes or spaces in the part number. (Example) 742X083101J Marking on the Part Includes Resistor Code Only (741C,742, 743, 744, 745, 746). No Marking on the Part for 741X Series.
743C043 743C083 744C043 744C083 745C101 745C102 4000 4mm 12mm plastic 745X101 745X102 4000 4mm 12mm plastic 746X101
Parts/Reel Pitch Carrier Width Material
4000 4mm 12mm plastic
4000 4mm 8mm plastic
4000 4mm 12mm plastic
4000 4mm 8mm plastic
2000 8mm 12mm plastic
5000 4mm 8mm paper
Order From:
Your local CTS REPRESENTATIVE or CTS Corporation, Resistor/Electrocomponents
406 Parr Road, Berne, Indiana 46711 Tel:(260)-589-3111 Fax:(260)-589-3243
http://www.ctscorp.com


▲Up To Search▲   

 
Price & Availability of 746X101101F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X