Part Number Hot Search : 
2309SI T6450A RD65FV06 E2318 UNR31 4040N V40100K CM800
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Small Signal MOSFET N-Channel
Features:
*Low On-Resistance : 3 *Low Input Capacitance: 25PF *Low Out put Capacitance : 6PF *Low Threshole :1 .5V(TYE) *Fast Switching Speed : 7.5ns
1 GATE
SOURCE
2N7002
3 DRAIN 3 1 2
2
SOT-23
Maximum Ratings (TA=25 C Unless Otherwise Specified)
Rating Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TA=25 C) Pulsed Drain Current(1) Power Dissipation (TA=25 C) Maximax Junction-to-Ambient Operating Junction and Storage Temperature Range Symbol VDS VGS ID IDM PD R JA TJ, Tstg Value 60 20 250 1300 350 357 -55 to 150 Unit V V mA mA mW C/W C
Device Marking
2N7002=7002 Note 1: Pulse Width Limited by Maximum Junction Temperature
http://www.weitron.com.tw
WEITRON
2N7002
Electrical Characteristics
Characteristic (TA=25 C Unless otherwise noted) Symbol Min Typ Max Unit
Static
Drain-Source Breakdown Voltage VGS=0V, ID=10 uA Gate-Threshold Voltage VDS=VGS , ID=250 uA Gate-body Leakage VDS=0V, VGS=15V Zero Gate Voltage Drain Current VDS=60V, VGS=0V VDS=60V, VGS=0V, Tj=125 C On-State Drain Current (2) VGS=10V, VDS=7.5V VGS=4.5V, VDS=10V Drain-Source On-Resistance (2) VGS=10V, ID=250mA VGS=4.5V, ID=200mA Forward Transconductance (2) VDS=15V, ID=200mA Diode Forward Voltage IS=200mA, VGS=0V V(BR)DSS VGS (th) IGSS IDSS 60 1 70 1.5 2.5 100 1 500 3 4 V V nA uA
-
ID (on)
800 500
1300 700 1.5 2.0 300 0.85
mA mS V
rDS (on)
gfs VSD
-
1.2
Dynamic(1)
Total Gate Charge VDS=30V, VGS=10V, ID=250mA Gate-Source Charge VDS=30V, VGS=10V, ID=250mA Gate-Drain Charge VDS=30V, VGS=10V, ID=250mA Input Capacitance VDS=25V, VGS=0V, f=1MHZ Output Capacitance VDS=25V, VGS=0V, f=1MHZ Reverse Transfer Capacitance VDS=25V, VGS=0V, f=1MHZ Qg Q gs Qgd Ciss Coss Crss
-
0.6 0.06 0.06 25 6 1.2
1.0
-
nC
PF
Switching (1) (3)
Turn-On Time VDD=30V, RL=200 ,ID=100mA VGEN=10V, RG=10 Turn-Off Time VDD=30V, RL=200 , ID=100mA VGEN=10V, RG=10 td(on) tr td(off ) tf
-
7.5 6.0 7.5 3.0
20
20
nS
nS
-
Note: 1. For Design Aid Only not Subject to Production Testing.
_ _ 2. Pulse Test : PW< 300s, Duty Cycle < 2% 3. Switching Time is Essentially Independent of Operating Temperature .
http://www.weitron.com.tw
WEITRON
2N7002
2.0 1.8 ID , DRAIN CURRENT (AMPS) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 TA=25 C ID , DRAIN CURRENT (AMPS) VGS=10V 9V 8V 7V 6V 5V 4V 3V 9.0 10
1.0 VDS=10V 0.8 0.6 0.4 0.2 0
-55 C
25 C 125 C
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
VDS, DRAIN SOURSE VOLTAGE (VOLTS) FIG.1 Ohmic Region
VGS, GATE SOURCE VOLTAGE (VOLTS) FIG.2 Transfer Characteristics
rDS(ON), STATIC DRAIN-SOURSE ON -RESISTANCE (NORMALIZED)
VGS (th), THRESHOLD VOLTAGE (NORMALIZED)
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -60 -20 +20 +80 +100 +140 VGS = 10V ID=200mA
1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.8 0.75 0.7 -60 -20 +20 +80 +100 +140
VDS = VGS ID = 1.0mA
T,TEMPERATURE ( C) FIG.3 Temperature Versus Static Drain-Sourse On-Resistance
T,TEMPERATURE ( C) FIG.4 Temperature Versus Gate Threshold Voltage
WEITRON
http://www.weitron.com.tw
2N7002
SOT-23 Outline Dimension
SOT-23
A
TOP VIEW D E G H
B
C
K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X