Part Number Hot Search : 
MPS650 KIA7245P VNK10 M5223 S3C8275 74VHC1 XN01116 LC66558B
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SemiWell Semiconductor
2N7002
Logic N-Channel MOSFET
Features
RDS(on) (Max 7.5 )@VGS=10V RDS(on) (Max 7.5 )@VGS=4.5V Gate Charge (Typical 0.5nC) Maximum Junction Temperature Range (150C)
Symbol
2. Drain

1. Gate

3. Source
General Description
This Power MOSFET is produced using planar DMOS technology. And this Power MOSFET is well suited for Battery switch, Load switch, Motor controller and other small signal switches.
SOT-23
D S G
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGS PD TSTG, TJ TL Drain to Source Voltage Continuous Drain Current(@TA = 25C) Drain Current Pulsed Gate to Source Voltage Total Power Dissipation Single Operation (TA=25C) Total Power Dissipation Single Operation (TA=70C) Operating Junction Temperature & Storage Temperature Maximum Lead Temperature for soldering purpose, 1/8 from Case for 10 seconds.
(Note 1)
Parameter
Value
60 115 800
Units
V mA mA V W W C C
20
0.2 0.15 - 55 ~ 150 300
Thermal Characteristics
Symbol
RJA
Parameter
Thermal Resistance, Junction-to-Ambient
Value Min.
-
Typ.
-
Max.
625
Units
C/W
January, 2003. Rev. 0.
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
1/6
2N7002
Electrical Characteristics
Symbol Off Characteristics
BVDSS BVDSS/ TJ IDSS IGSS
( TJ = 25 C unless otherwise noted )
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature coefficient Drain-Source Leakage Current Gate-Source Leakage, Forward Gate-Source Leakage, Reverse
Test Conditions
VGS = 0V, ID = 250uA ID = 250uA, referenced to 25 C VDS = 60V, VGS = 0V VDS = 60V, VGS = 0V, TJ = 125 C VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VDS = VGS, ID = 250uA VGS = 10 V, ID = 500mA VGS = 4.5 V, ID = 50mA
Min
60 -
Typ
48 -
Max
1 500 100
Units
V mV/C uA nA nA
-
-
-100
On Characteristics
VGS(th) RDS(ON) Gate Threshold Voltage Static Drain-Source On-state Resistance 1.0 1.55 2.10 2.5 7.5 7.5 V
Dynamic Characteristics
Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS =0 V, VDS =25V, f = 1MHz 20 11 3 25 14 4 pF
Dynamic Characteristics
Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge(Miller Charge) VDS =30V, VGS =4.5V, ID =115mA
(Note 2,3)
VDD =30V, ID =115mA, RG =50 VGS =10V
(Note 2,3)
4 2.5 18 8 0.5 0.13 0.2
18 15 46 26 0.65 nC ns
-
Source-Drain Diode Ratings and Characteristics
Symbol
IS VSD
Parameter
Maximum Continuous Diode Forward Current Diode Forward Voltage
Test Conditions
IS =115mA, VGS =0V
(Note 2)
Min.
-
Typ.
-
Max.
115 1.5
Unit.
mA V
NOTES 1. Repeativity rating : pulse width limited by junction temperature 2. Pulse Test : Pulse Width 300us, Duty Cycle 2% 3. Essentially independent of operating temperature.
2/6
2N7002
Fig 1. On-State Characteristics
VGS 10.0 V 8.0 V 6.0 V 5.0 V 4.5 V 4.0 V 3.5 V Bottom : 3.0 V Top :
Fig 2. Transfer Characteristics
10
0
ID, Drain Current [A]
ID, Drain Current [A]
10
0
150 C -55 C
o
o
Notes : 1. 250 s Pulse Test 2. TC = 25
0 1
25 C
-1
o
Notes : 1. VDS = 10V 2. 250 s Pulse Test
10
10
10
0
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Fig 3. On Resistance Variation vs. Drain Current and Gate Voltage
3.0
Fig 4. On State Current vs. Allowable Case Temperature
RDS(ON), Drain-Source On-Resistance [m ]
IDR, Reverse Drain Current [A]
2.5
10
0
VGS = 4.5V VGS = 10V
2.0
150 25
Notes : 1. VGS = 0V 2. 250 s Pulse Test
1.5
Note : TJ = 25
1.0 0.0
0.5
1.0
1.5
2.0
10
-1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ID, Drain Current [A]
VSD, Source-Drain voltage [V]
Fig 5. Capacitance Characteristics
50
Ciss=Cgs+Cgd(Cds=shorted) Coss=Cds+Cgd Crss=Cgd
Fig 6. Gate Charge Characteristics
12
VGS, Gate-Source Voltage [V]
40
10
VDS = 30V
8
Capacitance [pF]
30
Notes : 1. VGS = 0V 2. f=1MHz
VDS = 48V
6
Ciss
20
Coss
10
4
Crss
0
2
Note : ID = 115 mA
0
5
10
15
20
25
30
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
VDS, Drain-Source Voltage [V]
Qg, Total Gate Charge [nC]
3/6
2N7002
Fig 7. Breakdown Voltage Variation vs. Junction Temperature
1.2
2.5
Fig 8. On-Resistance Variation vs. Junction Temperature
BVDSS, (Normalized) Drain-Source Breakdown Voltage
RDS(ON), (Normalized) Drain-Source On-Resistance
2.0
1.1
1.5
1.0
1.0
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
Notes : 1. VGS = 10 V 2. ID = 500 mA
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
4/6
2N7002
Fig. 9. Gate Charge Test Circuit & Waveforms
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg V 4.5V Qgs Qgd
VGS
DUT
1mA
Charge
Fig 10. Switching Time Test Circuit & Waveforms
VDS
RL VDD
( 0.5 rated V DS )
VDS
90%
10V V Pulse Generator RG
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
5/6
2N7002
SOT-23 Package Dimension Dim. A B C D E F G H I J K L
O
mm Min. 0.900 0.900 0.000 0.300 0.080 2.800 1.200 2.250 0.950 1.800 0.550 0.300 0' 0.500 8' 0.012 0' 2.000 0.071 Typ. Max. 1.100 1.000 0.100 0.500 0.150 3.000 1.400 2.550 Min. 0.035 0.035 0.000 0.012 0.003 0.110 0.047 0.089
Inch Typ. Max. 0.043 0.039 0.004 0.020 0.006 0.118 0.055 0.100 0.037 0.079 0.022 0.020 8'
F D
0.2
L H G
K I J E
CB A
6/6


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X