Part Number Hot Search : 
2106A MMSZ4710 18581230 7C42X5 ADXRS620 01460 CT373 ASI10650
Product Description
Full Text Search
 

To Download W55MID50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W55MID50 Data Sheet
Winbond MFIDWB Reader W55MID50 Data Sheet
W55MID50 Data Sheet
Contents
General Description 3 1.1 W55MID50 Features ..............................................................................................3 1.2 W55MID50 Pin Description...................................................................................4 System Description 5
2.1 W55MID50 System Block Diagram.......................................................................5 2.2 W55MID50 Functional Description .......................................................................5 Electronic Characteristics 7
3.1 W55MID50 Absolute Maximum Ratings...............................................................7 3.2 W55MID50 DC Characteristics..............................................................................7 3.3 W55MID50 Ordering Information .........................................................................7 3.4 FAQ ........................................................................................................................8 3.5 W55MID50 Data Sheet Document History............................................................8
Winbond Electronics Corp.
2
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
General Description
Winbond MFIDWB (Magnetic Field Identification) series is used in all areas of automatic data capture allowing contactless identification of objects using magnetic field. From ticketing to industrial automation and access control, the applications of MFID are burgeoning. In recent years automatic identification procedures have become very popular in many service industries, purchasing and distribution logistics, industry, manufacturing companies and material flow systems. W55MID50 is one of series in Winbond MFIDWB family that supports multi-functional Reader solution and especially focus on toy, security, and consumer related applications. The applications with
Winbond MFIDWB Tag series such as W55MID10 that provides read-only mask ROM-ID version transponder for mass production solution in toy industrial, meanwhile W55MID15 provides the other solution for manufacture option, which is 243 bonding-ID selection transponder. Besides the single tag transponder application, W55MID35 offers multi-transponder recognition function for intelligent and smart toy applications. W55MID50 provides a wide variety of applications for toy, security, and consumer market meanwhile the W55MID50 is the most cost effective solution on current MFIDWB related application market.
1.1 W55MID50 Features
Magnetic field resonance frequency: 13.56MHz Data clock: 22 ~ 66KHz Inductive coupled power supplies for transponder's no battery operation On-chip rectifier, voltage limiter, clock extraction, power management, uC interface Provides NRZ and Manchester coding data format Adjustable 4-level of Reader transmission power selection Provides serial and parallel mode uC interface uC data output rate 1Mbps Low power, low voltage operation Supports power-down mode 1uA Operating distance: 0 ~ 10cm Operating voltage: 2.4V ~ 5.5V Operating temperature: 0 ~ 70 C Package: Dice form, PDIP-20, SOP-20 Reference design PC board Size: 2.0x2.0cm2 (without PCB antenna) Winbond patented "Automatic Reader Transmission Power Adjustment" for Reader optimum transmission power adjust Minimize external components
Winbond Electronics Corp.
3
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
1.2 W55MID50 Pin Description
Symbol
D3 D2 D1 D0 XIN XOUT VSS CMD CLK VDD RX_VDD RX_VSS ENV RESET TagIn COIL TX_VSS TX_VDD
PAD No.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
I/O
O O O O I O GND I/O I Power Power GND I I O O GND Power
Functional Description
Data output #3 Data output #2 Data output #1 Data output #0 Connect to external 13.56MHz oscillator Connect to external 13.56MHz oscillator Digital power return path R/W configuration register Command R-W/ Read data clock Power path Power path of Rx Power return path of Rx Envelope detector input Reset Indication of tag arrival PA output to connect with PCB antenna Power return path of PA Power path of PA
Winbond Electronics Corp.
4
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
System Description
2.1 W55MID50 System Block Diagram
Reset & Power down Control
Voltage Regulator
Oscillation circuit 13.56MHz
Command Extractor
Configuration Register
Preamble & Data Clk Generator
TXD PA
DataBuff. output
DataBuff. II
DataBuff. I
Decoder (NRZ/ Man.)
Envelope detector & Analog Front End
2.2 W55MID50 Functional Description
Transmission Power Amplifier (PA) It provides 4 different selectable transmission power for Reader chip to support MFIDWB Tag's radiation power supply. The external inductor coupling circuit is designed for 13.56MHz magnetic field resonance. The coupled center frequency will depend on equivalent value of external PCB inductor and capacitor. Envelope Detector & Analog Front End The major function of this unit provides MFIDWB Tag's data can be extracted. Voltage Regulator The voltage regulator generates the system needs of device power supply. Configuration Register System configuration register controls the all functional settings of W55MID50 such as Tag data
Winbond Electronics Corp.
5
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
format, Tag detection cycle, output data format, and PA transmission power selection. Reset and Power-down Control The function of system power-down control mode is normally used for power consumption saving. Crystal Oscillation The 13.56MHz system clock generator generates the need of device system clock.
Decoder NRZ/Manchester This unit is in charge of Tag data format decoder, which can provide Tag-ID data format decoding of NRZ or Manchester. Data Buffer and Output This unit buffers the Tag-ID data, which is under de-frame processing.
Winbond Electronics Corp.
6
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
Electronic Characteristics
3.1 W55MID50 Absolute Maximum Ratings
Parameter
Maximum Current in COIL Power Dissipation (Ta = 70C) Ambient Operating Temperature Storage Temperature
Rating
10 100 0 to +70 -40 to +85
Unit
mA mW C C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.
3.2 W55MID50 DC Characteristics
(VDD-VSS = 4.5 V, Ta = 25C; unless otherwise specified)
Parameter
Operating Magnetic Field Operating Voltage Operating Temperature Operating Current Stand-by Current Sink Current Source Current
Sym.
fOP VDD Tamb IOP ISB ISK ISR
Conditions
Field in resonation Field in resonation Ambient operating temp fOP = 13.56MHz Power Down mode enter VoL = 0.3VDD VoH = 0.7VDD
Min.
3 0 -
Typ.
13.56 25 22 0.7 10 -6
Max.
5.5 70 1 -
Unit
MHz V C mA uA mA mA
3.3 W55MID50 Ordering Information
W55MID50 provides two types of package in shipment: Dice form, PDIP-20, SOP-20, and Wafer Part Number W55MID50 W55MID50 W55MID50 W55MID50 Package Dice form PDIP-20 SOP-20 Wafer form Remarks
MOQ required
Winbond Electronics Corp.
7
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
3.4 FAQ
Q. What "MFIDWB" means? A. "MFIDWB" Magnetic Field Identification, which is a Winbond contactless identification chip product series.
There are many application, architecture, and circuit design patented by Winbond.
Q. What different between W55MID15 and W55MID35? A. W55MID15 is a single-tag application without "Anti-collision" algorithm build-in. W55MID35 is a multi-tag
application with "Anti-collision" algorithm build-in.
Q. What is the operating frequency? A. Both W55MID15 and W55MID35 are operating on 13.553MHz ~ 13.567MHz ISM. Q. Does W55MID50 Reader IC pass FCC compliance testing? A. W55MID50 pass FCC compliance test of Section 15.209 and Section 15.225. Q. How are W55MID15 and W55MID35 IDs generated? A. W55MID15 and W55MID35 IDs are generated by manufacturing bonding option of pads RS0 ~ RS4. Q. How many W55MID15 and W55MID35 IDs are generated? A. There are total 243 bonding option IDs for W55MID15 and W55MID35. Q. How are W55MID15 and W55MID35 IDs read? A. W55MID50 is a function of MFID Reader IC. W55MID15 and W55MID35 automatically respond with its ID when
it is coupled by magnetic resonance power from Reader.
Q. Is it possible to read multiple MFIDWB chips in the same magnetic area? A. W55MID35 has been implemented by "Anti-collision" algorithm to allow more than one IDs can be simultaneously
recognized in the same magnetic area.
Q. How many W55MID35 IDs can be simultaneously read in the same magnetic area? A. Actually, there is no any limitation in total number of W55MID35 tags can be simultaneously read, if the Reader
system can provide sufficient coupled magnetic resonance power to every W55MID35 tag,
Q. Does anything interfere with MFID chip readout operation? A. W55MID series is operating on 13.553MHz ~ 13.567MHz, therefore it is far away from 27MHz and 2.45GHz.
There is no any interference with W55MIDseries.
3.5 W55MID50 Data Sheet Document History
Revision A0 A1 A2 A3 Date 2002/9/15 2002/12/29 2003/2/7 2003/3/23 Description Preliminary version Pin functional description update General description update FCC compliance testing report
Winbond Electronics Corp.
8
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
Winbond Electronics Corp.
9
Revision: A3
Publish Date: 2003/3/24
W55MID50 Data Sheet
Headquarters
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II, No. 4, Creation Rd. III, 123 Hoi Bun Rd., Kwun Tong, Science-Based Industrial Park, Kowloon, Hong Kong Hsinchu, Taiwan TEL: 852-27513100 TEL: 886-3-5770066 FAX: 852-27552064 FAX: 886-3-5792697 http://www.winbond.com.tw/ Voice & Fax-on-demand: 886-2-27197006
Winbond Electronics North America Corp. Winbond Memory Lab. Winbond Microelectronics Corp. Winbond Systems Lab.
2727 N. First Street, San Jose, CA 95134, U.S.A. TEL: 408-9436666 FAX: 408-5441798
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-27190505 FAX: 886-2-27197502
Note: All data and specifications are subject to change without notice.
Winbond Electronics Corp.
10
Revision: A3
Publish Date: 2003/3/24


▲Up To Search▲   

 
Price & Availability of W55MID50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X