Part Number Hot Search : 
HEF4720 AD724 54HC3 00V12 BR305 W91446 FSA2501 100EL
Product Description
Full Text Search
 

To Download UTC2SB772NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC 2SB772NL
PNP EPITAXIAL SILICON TRANSISTOR
MEDIUM POWER LOW VOLTAGE TRANSISTOR
DESCRIPTION
The UTC 2SB772NL is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator.
FEATURES
*High current output up to 3A *Low saturation voltage *Complement to 2SD882NL
1
TO-92NL
1:EMITTER
2:COLLECTOR
3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25C, unless otherwise specified)
PARAMETER
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Dissipation (Ta=25C) Collector Current (DC) Collector Current (PULSE) Base Current Junction Temperature Storage Temperature
SYMBOL
VCBO VCEO VEBO Pc Ic Ic IB Tj TSTG
VALUE
-40 -30 -5 0.5 -3 -7 -0.6 150 -55 ~ +150
UNIT
V V V W A A A C C
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER
Collector Cut-Off Current Emitter Cut-Off Current DC Current Gain(note 1)
SYMBOL
TEST CONDITIONS
VCB=-30V,IE=0 VEB=-3V,Ic=0 VCE=-2V,Ic=-20mA VCE=-2V,Ic=-1A Ic=-2A,IB=-0.2A Ic=-2A,IB=-0.2A VCE=-5V,Ic=-0.1A VCB=-10V,IE=0,f=1MHz
MIN
TYP
MAX
-1000 -1000
UNIT
nA nA
ICBO IEBO hFE1 hFE2 Collector-Emitter Saturation Voltage VCE(sat) Base-Emitter Saturation Voltage VBE(sat) Current Gain Bandwidth Product fT Output Capacitance Cob Note 1:Pulse test: PW<300s, Duty Cycle<2%
30 100
200 150 -0.3 -1.0 80 45
400 -0.5 -2.0
V V MHz pF
CLASSIFICATION OF hFE2
RANK RANGE Q 100-200 P 160-320 E 200-400
UTC
UNISONIC TECHNOLOGIES
CO. LTD
1
QW-R211-001,A
UTC 2SB772NL
Fig.1 Static characteristics
PNP EPITAXIAL SILICON TRANSISTOR
Fig.2 Derating curve of safe operating areas
150 12
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.3 Power Derating
-Ic,Collector current(A)
1.6
1.2
-IB=6mA -IB=5mA
100
Power Dissipation(W)
150 200
- Ic Derating(%)
-IB=9mA -IB=8MA -IB=7mA
S/ b
8
0.8
lim ite d
D pa si is
-IB=4mA -IB=3mA -IB=2mA -IB=1mA
50
4
n tio
0.4
lim d ite
0 0 4 8 12 16 20
0 -50 0 50 100
0 -50 0 50 100 150 200
-Collector-Emitter voltage(V)
Tc,Case Temperature(C)
Tc,Case Temperature(C)
Fig.4 Collector Output capacitance
3 10 3 10
Fig.5 Current gainbandwidth product
1 10
Fig.6 Safe operating area
Ic(max),Pulse Ic(max),DC
10 mS 1m S
S 1m 0.
Output Capacitance(pF)
FT(MHz), Current gainbandwidth product
2 10
IE=0 f=1MHz
VCE=5V
2 10
-Ic,Collector current(A)
0 1 10
10
0
IB=8mA
1 10
1 10
-1 10
0 10 10
0
-1 10
-2 10
-3 10
0 10
-2 10
-1 10
-2 10 10
10
0
1 10
2 10
-Collector-Base Voltage(v)
Ic,Collector current(A)
Collector-Emitter Voltage
Fig.7 DC current gain
3 10 4 10
Fig.8 Saturation Voltage
VCE=-2V -Saturation Voltage(mV)
DC current Gain,H FE
3 10
VBE(sat)
2 10
2 10
1 10
VCE(sat)
1 10
0 10 0 10 1 10 2 10 3 10 4 10
0 10
0 10
1 10
2 10
3 10
4 10
-Ic,Collector current(mA)
-Ic,Collector current(mA)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES
CO. LTD
2
QW-R211-001,A


▲Up To Search▲   

 
Price & Availability of UTC2SB772NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X