Part Number Hot Search : 
HT49CA1 ALD4301 30PF03 MV804X ADT7482 ML4823MJ 2SA657 SNC204
Product Description
Full Text Search
 

To Download SUM60N10-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE Device Model SUM60N10-17
Vishay Siliconix
N-Channel 100-V (D-S) 175C MOSFET
CHARACTERISTICS
* N-Channel Vertical DMOS * Macro Model (Subcircuit Model) * Level 3 MOS * Apply for both Linear and Switching Application * Accurate over the -55 to 125C Temperature Range * Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics
DESCRIPTION
The attached spice model describes the typical electrical characteristics of the n-channel vertical DMOS. The subcircuit model is extracted and optimized over the -55 to 125C temperature ranges under the pulsed 0 to 10V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 72140 09-Jun-04 www.vishay.com
1
SPICE Device Model SUM60N10-17
Vishay Siliconix
SPECIFICATIONS (TJ = 25C UNLESS OTHERWISE NOTED) Parameter Static
Gate Threshold Voltage On-State Drain Current
a
Symbol
Test Conditions
Simulated Data
3.2 366 0.013 0.015 0.024 0.030 0.90
Measured Data
Unit
VGS(th) ID(on)
VDS = VGS, ID = 250 A VDS 5 V, VGS = 10 V VGS = 10 V, ID = 30 A
V A 0.013 0.015
Drain-Source On-State Resistancea
rDS(on)
VGS = 6 V, ID = 20 A VGS = 10 V, ID = 30 A, TJ = 125C VGS = 10 V, ID = 30 A, TJ = 175C
Forward Voltage
a
VSD
IF = 30 A, VGS = 0 V
1
V
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Charge
c
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf trr IF = 50 A, di/dt = 100 A/s VDD = 50 V, RL = 1.5 ID 60 A, VGEN = 10 V, RG = 2.5 VDS = 50 V, VGS = 10 V, ID = 60 A VGS = 0 V, VDS = 25 V, f = 1 MHz
4377 482 239 57 25 19 25 12 17 10 110
4300 450 175 65 25 19 15 12 30 10 125 ns nC pF
Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Source-Drain Reverse Recovery Time
Notes a. Pulse test; pulse width 300 s, duty cycle 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 72140 09-Jun-04
SPICE Device Model SUM60N10-17
Vishay Siliconix
COMPARISON OF MODEL WITH MEASURED DATA (TJ=25C UNLESS OTHERWISE NOTED)
Document Number: 72140 09-Jun-04
www.vishay.com
3


▲Up To Search▲   

 
Price & Availability of SUM60N10-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X