Part Number Hot Search : 
BA5956FM V3023 BCM5414 752E0520 SG364 Z5232 2SJ219S 90120
Product Description
Full Text Search
 

To Download SUM60N08-07T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM60N08-07T
New Product
Vishay Siliconix
N-Channel 75-V (D-S) MOSFET with Sensing Diode
FEATURES PRODUCT SUMMARY
V(BR)DSS (V)
75
rDS(on) (W)
0.007 @ VGS = 10 V
ID (A)
60a
D TrenchFETr Power MOSFET Plus Temperature Sensing Diode D New Low Thermal Resistance Package
APPLICATIONS
D Automotive D Industrial
D
D2PAK-5L
T1 G T2 12345 D1 D2
S N-Channel MOSFET G D T1 S T2
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C)d _ Pulsed Drain Current Continous Diode Current (Diode Conduction)d Avalanche Current Repetitive Avalanche Energyb Maximum Power Dissipationa Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C TC = 25_C TC = 100_C
Symbol
VDS VGS ID IDM IS IAR EAR PD TJ, Tstg
Limit
75 "20 60a 60a 240 60a 60a 180 300c 3.75d -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambientd Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 71833 S-20174--Rev. A, 18-Mar-02 www.vishay.com PCB Mountd
Symbol
RthJA RthJC
Limit
40 0.5
Unit
_C/W _
1
SUM60N08-07T
Vishay Siliconix
New Product
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, IDS = 250 mA VDS = 0 V, VGS = "20 V VDS = 60 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = 60 V, VGS = 0 V, TJ = 125_C VDS = 60 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 25 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 25 A, TJ = 125_C VGS = 10 V, ID = 25 A, TJ = 175_C VFD1 Sense Forward Voltage Sense Diode Forward Voltage Increase Forward Transconductancea VFD2 DVF gfs IF = 50 mA IF = 25 mA From IF = 25 mA to IF = 50 mA VDS = 15 V, ID = 20 A 710 640 40 100 120 0.0054 0.007 0.010 0.013 770 700 100 S mV W 75 2 4 "100 1 50 500 A m mA V nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reversen Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 35 V, RL = 0.6 W ID ] 60 A, VGEN = 10 V, RG = 2.5 W VDS = 35 V, VGS = 10 V, ID = 60 A VGS = 0 V, VDS = 25 V, f = 1 MHz 6500 920 400 110 30 30 15 130 75 120 20 200 115 180 ns 150 nC pF
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge Is ISM VSD trr IRM(REC) Qrr IF = 60 A, di/dt = 100 A/ms m IF = 60 A, VGS = 0 V 1.0 75 3.5 0.13 60 A 240 1.5 115 5 0.29 V ns A mC
Notes: a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2
Document Number: 71833 S-20174--Rev. A, 18-Mar-02
SUM60N08-07T
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 6 V 200 I D - Drain Current (A) I D - Drain Current (A) 160 200
Vishay Siliconix
Transfer Characteristics
150
120
100
5V
80 TC = 125_C 40 25_C -55_C
50 4V 0 0 2 4 6 8 10
0 0 1 2 3 4 5 6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
250 TC = -55_C r DS(on) - On-Resistance ( W ) 200 g fs - Transconductance (S) 0.015 0.020
On-Resistance vs. Drain Current
150
25_C 125_C
0.010 VGS = 10 V 0.005
100
50
0 0 15 30 45 60 75 90
0.000 0 20 40 60 80 100 120
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
10000 Ciss 8000 C - Capacitance (pF) 20
Gate Charge
V GS - Gate-to-Source Voltage (V)
16
VGS = 35 V ID = 60 A
6000
12
4000
8
2000
Coss Crss
4
0 0 15 30 45 60 75
0 0 50 100 150 200
VDS - Drain-to-Source Voltage (V) Document Number: 71833 S-20174--Rev. A, 18-Mar-02
Qg - Total Gate Charge (nC) www.vishay.com
3
SUM60N08-07T
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) 2.0 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.5
TJ = 150_C 10 TJ = 25_C
1.0
0.5
0.0 -50
1 -25 0 25 50 75 100 125 150 175 0 0.2 0.4 0.6 0.8 1.0 1.2 TJ - Junction Temperature (_C) VSD - Source-to-Drain Voltage (V)
Drain Source Breakdown vs. Junction Temperature
100 ID = 10 mA 94 V (BR)DSS (V) 0.8 1.0
Sense Diode Forward Voltage vs. Temperature
ID = 50 mA 88 VF (V) 0.6 ID = 25 mA 0.4
82
76
0.2
70 -50
0.0 -25 0 25 50 75 100 125 150 175 0 25 50 75 100 125 150 175
TJ - Junction Temperature (_C)
TJ - Junction Temperature (_C)
Sense Diode Forward Voltage
0.01
0.001 TJ = 150_C I F (A)
0.0001
TJ = 25_C 0.00001
0.000001 0 0.3 0.6 0.9 VF (V) www.vishay.com Document Number: 71833 S-20174--Rev. A, 18-Mar-02 1.2 1.5
4
SUM60N08-07T
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
75 1000
Vishay Siliconix
Safe Operating Area
60 I D - Drain Current (A) I D - Drain Current (A) 100
Limited by rDS(on)
10 ms 100 ms
45
30
10
1 ms 10 ms 100 ms dc TC = 25_C Single Pulse
15
1
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Case Temperature (_C) 2 1 Normalized Effective Transient Thermal Impedance
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
Duty Cycle = 0.5 0.2 0.1
0.1 0.02 Single Pulse
0.05
0.01 10-4 10-3 10-2 Square Wave Pulse Duration (sec) 10-1 1 3
Document Number: 71833 S-20174--Rev. A, 18-Mar-02
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM60N08-07T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X