Part Number Hot Search : 
PR1004 PSW1C EBS02K R1121 10H12D ZMY22G BDW1T DSF10TL
Product Description
Full Text Search
 

To Download STPS20170CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS20170CT
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS
A1
IF(AV) VRRM Tj VF (max)
2 x 10 A 170 V 175C 0.75 V
A2
K
FEATURES AND BENEFITS


HIGH JUNCTION TEMPERATURE CAPABILITY GOOD TRADE OFF BETWEEN LEAKAGE CURRENT AND FORWARD VOLTAGE DROP LOW LEAKAGE CURRENT AVALANCHE CAPABILITY SPECIFIED
A2 A1 K
TO-220AB STPS20150CT
DESCRIPTION Dual center tap schottky rectifier designed for high frequency Switched Mode Power Supplies.
ABSOLUTE RATINGS (limiting values, per diode) Symbol VRRM IF(RMS) IF(AV) Parameter Repetitive peak reverse voltage RMS forward current Average forward current = 0.5 Tc = 155C Per diode Per device IFSM PARM Tstg Tj dV/dt Surge non repetitive forward current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature* Critical rate of rise of reverse voltage tp = 10 ms sinusoidal tp = 1s Tj = 25C Value 170 30 10 20 180 6700 - 65 to + 175 175 10000 A W C C V/s Unit V A A
* Thermal runaway condition for a diode on its own heatsink Ptot/Tj < 1/(Rth(j-a))
March 2004 - Ed: 1
1/5
STPS20170CT
THERMAL RESISTANCES Symbol Rth(j-c) Rth(c) When the diodes 1 and 2 are used simultaneously : Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c) STATIC ELECTRICAL CHARACTERISTICS (per diode) Symbol IR * VF ** Parameter Reverse leakage current Forward voltage drop Tests conditions Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 5 ms, < 2% ** tp = 380 s, < 2%
Parameter Junction to case Per diode Total Coupling
Value 2.2 1.3 0.3
Unit C/W
Min.
Typ.
Max. 15 15 0.90
Unit A mA V
VR = VRRM IF = 10 A IF = 10 A IF = 20 A IF = 20 A 0.79 0.69
0.75 0.99 0.86
To evaluate the conduction losses use the following equation: P = 0.64 x IF(AV) + 0.011 IF2(RMS)
2/5
STPS20170CT
Fig. 1: Average forward power dissipation versus average forward current (per diode).
PF(AV)(W)
10 9 8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9
Fig. 2: Average forward current versus ambient temperature ( = 0.5, per diode).
IF(AV)(A)
12
= 0.05
= 0.1
= 0.2
= 0.5
11 10 9
Rth(j-a)=Rth(j-c)
=1
8 7 6 5 4
Rth(j-a)=15C/W
T
3 2
T
IF(AV)(A)
=tp/T
10
tp
11 12
1 0 0
=tp/T
25
tp
Tamb(C)
50 75 100 125 150 175
Fig. 3: Normalized avalanche power derating versus pulse duration.
PARM(tp) PARM(1s)
1
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(25C)
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
Fig. 5: Non repetitive surge peak forward current versus overload duration (maximum values, per diode).
IM(A)
150
Fig. 6: Relative variation of thermal impedance junction to case versus pulse duration.
Zth(j-c)/Rth(j-c)
1.0 0.9
125
0.8 0.7
TC=50C
100
0.6 0.5
75
TC=75C
0.4 0.3
50
IM
TC=125C
t
T
0.2
Single pulse
25
=0.5
t(s)
1.E-02 1.E-01 1.E+00
0.1 0.0 1.E-03 1.E-02
tp(s)
1.E-01
=tp/T
tp
1.E+00
0 1.E-03
3/5
STPS20170CT
Fig. 7: Reverse leakage current versus reverse voltage applied (typical values, per diode).
IR(A)
1.E+05
Tj=175C
Fig. 8: Junction capacitance versus reverse voltage applied (typical values, per diode).
C(pF)
1000
F=1MHz VOSC=30mVRMS Tj=25C
1.E+04
Tj=150C
1.E+03
Tj=125C
1.E+02
Tj=100C
100
1.E+01
1.E+00
Tj=25C
VR(V)
1.E-01 0 25 50 75 100 125 150 175
VR(V)
10 1 10 100 1000
Fig. 9: Forward voltage drop versus forward current (per diode).
IFM(A)
100.0
Tj=125C (maximum values)
10.0
Tj=125C (typical values)
Tj=25C (maximum values)
1.0
VFM(V)
0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
4/5
STPS20170CT
PACKAGE MECHANICAL DATA TO-220AB REF.
H2 Dia L5 C L7 L6 L2 F2 F1 L9 L4 F G1 G M E D A
A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M Diam.
DIMENSIONS Millimeters Inches Min. Max. Min. Max. 4.40 4.60 0.173 0.181 1.23 1.32 0.048 0.051 2.40 2.72 0.094 0.107 0.49 0.70 0.019 0.027 0.61 0.88 0.024 0.034 1.14 1.70 0.044 0.066 1.14 1.70 0.044 0.066 4.95 5.15 0.194 0.202 2.40 2.70 0.094 0.106 10 10.40 0.393 0.409 16.4 typ. 0.645 typ. 13 14 0.511 0.551 2.65 2.95 0.104 0.116 15.25 15.75 0.600 0.620 6.20 6.60 0.244 0.259 3.50 3.93 0.137 0.154 2.6 typ. 0.102 typ. 3.75 3.85 0.147 0.151
OTHER INFORMATION Ordering type STPS20170CT
Marking STPS20170CT
Package TO-220AB
Weight 2.20 g
Base qty 50
Delivery mode Tube
EPOXY MEETS UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2004 STMicroelectronics - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain Sweden - Switzerland - United Kingdom - United States www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of STPS20170CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X