Part Number Hot Search : 
SL74LV08 100C0 SF801G11 W15802 SK3024 APT30 HFBR1537 UH8JT
Product Description
Full Text Search
 

To Download STM5105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STM5105
Low-cost interactive set-top box decoder
DATA BRIEF
DESCRIPTION STMicroelectronics sets a new standard for perfomance, price and integration in the single chip MPEG-2 set-top box decoder market with the introduction of the STM5105. This highly integrated solution targets mass market STBs, offers increased performance over earlier devices, and includes many features to further reduce costs, including a unified memory architecture. The STM5105 features the ST20 CPU that is standard across the OMEGA range but boosts the clock speed to 200 MHz which, when combined with the 2D graphics engine, gives the new device outstanding graphics performances. Targeting low-cost, single tuner STB applications, the STM5105's DDR memory interface both reduces system costs and minimises overall system latency, ensuring the new device can support the most demanding interactive TV applications and middlewares. The integration of VCXO and audio DACs ensures that manufacturers using the STM5105 cut their bill of materials and significantly simplify board design and assembly. Figure 1. STM5105 low-cost interactive set-top box
STM5105 is supplied in either 24 mm x 24 mm LQFP216 or 23 mm x 23 mm BGA package.
xxxx
stream in
STV0299 and STB6000 STV0299 tuner and STB6000 tuner STV0297 QAM demodulator STV0297 + tuner QAM demodulator + tuner
DRAM
IR RX/TX
Audio buffer OR STM5105 Video buffer
STV0360 COFDM STV0360 + tuner COFDM + tuner
Transport
Smart card
NOR Flash
Rev. 1 March 2005 1/3
STM5105
FEATURES s Enhanced ST20 32-bit VL-RISC CPU - 200 MHz, single cycle cache, 4 Kbyte instruction cache, 4 Kbyte data cache, 2 Kbyte SRAM
s s
PAL/NTSC/SECAM encoder - RGB, CVBS, Y/C and YUV outputs with four 10-bit DAC outputs. RGB/CVBS or YUV/CVBS or YC/CVBS - Encoding of CGMS, Teletext, WSS, VPS, close caption
Unified memory interface - Up to133 MHz,16-bit wide DDR interface
s
Audio subsystem - MPEG-1 layers I/II - Simultaneous MPEG audio decode and output of Dolby streams on S/PDIF - IEC958/IEC1937 digital audio output interface - Integrated stereo audio DAC system
s
Programmable flash memory interface - SRAM, peripheral, Flash, SFlashTM support - Support for low-cost DVB-CI and ATAPI
s
Programmable transport interface (PTI) - Single transport stream input - Support for DVB transport streams - Integrated DVB, ICAM descramblers
s s
Central DMA controller On-chip peripherals - Two ASCs (UARTs) with Tx and Rx FIFOs - Three 8-bit banks of parallel I/O and one 7-bit bank - One smartcard interface and clock generator - Two SSCs for IC/SPI master/slave interfaces - Infrared transmitter/receiver - Integrated VCXO - Low-power/RTC/watchdog controller
s
MPEG-2 MP@ML video decoder - Fully programmable horizontal and vertical SRCs
s
Graphics/display - Advanced blitter base compositor - 8 bpp CLUT graphics, 256 x 30 bits (AYCbCr) CLUT entries - 16 bpp true color graphics, RGB565, ARGB1555, ARGB4444 formats with link-list control - Alpha blending, antialiasing, antiflutter, antiflicker filters - 2D paced blitter engine with fill function
s s
JTAG/TAP interface Package 24 mm x 24 mm LQFP216 or 23 mm x 23 mm BGA.
PART NUMBERING Table 1. Order codes
Part Number
STM5105ALA STB5105-MB/NS STi5105-REF/S STi5105-REF/T STB5105-REF/C
Description Low-cost MPEG decoder for basic free-to-air applications supporting MHEG5 and MHP middleware Development platform Satellite reference design (STM5105 decoder + STV0299B NIM) Terrestrial reference design (STM5105 decoder + STV0360 NIM) Cable reference design (STB5105 decoder + STV0297 NIM)
2/3
STM5105
REVISION HISTORY Table 2. Revision history
Date March-2005 Revision 1 First issue Description of changes
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
3/3


▲Up To Search▲   

 
Price & Availability of STM5105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X