Part Number Hot Search : 
F10A40 ASM3P 100BG SC656 VHB75W BAV990 BCU83D 025001
Product Description
Full Text Search
 

To Download SPU30N03S2L-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
SPU30N03S2L-10
Feature
N-Channel Logic Level Low on-resistance RDS(on) Excellent Gate Charge x RDS(on) product (FOM) Superior thermal resistance 175C operating temperature Avalanche rated dv/dt rated Ideal for fast switching applications Package P-TO251 Ordering Code Q67042-S4042 Marking 2N03L10
Type SPU30N03S2L-10
Maximum Ratings,at Tj = 25 C, unless otherwise specified Parameter Continuous drain current
TC=25C,1) TC=100C
Pulsed drain current
TC=25C
Avalanche energy, single pulse
ID =30 A , VDD =25V, RGS =25
Reverse diode dv/dt
IS =30A, VDS =24V, di/dt=200A/s, Tjmax =175C
Gate source voltage Power dissipation
TC=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
OptiMOS
Power-Transistor
Product Summary VDS RDS(on) ID 30 10 30
P-TO251
V m A


Symbol ID
Value 30 30
Unit A
ID puls EAS dv/dt VGS Ptot Tj , Tstg
120 150 6 20 82 -55... +175 55/175/56 mJ kV/s V W C
Page 1
2002-02-11
Preliminary data Thermal Characteristics Parameter Characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient, leaded SMD version, device on PCB:
@ min. footprint @ 6 cm 2 cooling area
2)
SPU30N03S2L-10
Values min. typ. max. 1.8 100 75 50 K/W Unit
Symbol
RthJC RthJA RthJA
-
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
VGS =0V, ID =1mA
Symbol min. V(BR)DSS VGS(th) IDSS IGSS RDS(on) RDS(on) 30 1.2
Values typ. 1,6 max. 2
Unit
V
Gate threshold voltage, VGS = VDS
ID =50A
Zero gate voltage drain current
VDS =30V, VGS =0V, Tj=25C VDS =30V, VGS =0V, Tj=125C
A 0.01 10 1 11.6 8.1 1 100 100 14.6 10 nA m
Gate-source leakage current
VGS =20V, VDS=0V
Drain-source on-state resistance
VGS =4.5V, ID=30A
Drain-source on-state resistance
VGS =10V, ID =30A
1Current limited by bondwire; with a R thJC = 1.8 K/W the chip is able to carry I D = 64A and calculated with max. source pin temperature of 85C. 2Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
2002-02-11
Preliminary data Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Dynamic Characteristics
ID =30A
SPU30N03S2L-10
Values min. typ. 47.5 1170 490 125 6.1 63 27 17 max. 1460 610 155 9.2 94 41 26 ns S pF Unit
Symbol
Conditions
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time
Ciss Coss Crss td(on) tr td(off) tf
VGS =0V, VDS =25V, f=1MHz
VDD =15V, VGS=10V, ID =30A, RG =5.4
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge VSD trr Qrr
VGS =0V, IF =30A VR =-V, IF=lS, diF /dt=100A/s
Qgs Qgd Qg
VDD =24V, ID =30A
VDD =24V, ID =30A, VGS =0 to 10V
V(plateau) VDD =24V, ID=30A IS ISM
TC=25C
Page 3
Transconductance
gfs
VDS 2*ID *RDS(on)max ,
23.8 -
-
3.8 10.8 31.5 3.4
4.3 16.2 39.4 -
nC
V
-
0.9 25.5 26.5
30 120 1.2 38 40
A
V ns nC
2002-02-11
Preliminary data 1 Power dissipation Ptot = f (TC )
100
SPU30N03S2L-10
SPU30N03S2L-10
2 Drain current ID = f (TC ) parameter: VGS 10 V
32
SPU30N03S2L-10
W
80
A
24 70
Ptot
60 50 40 30
ID
20
16
12
8 20 10 0 0 4
20
40
60
80
100 120 140 160 C 190
0 0
20
40
TC
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC = 25 C
10
3 SPU30N03S2L-10
4 Transient thermal impedance ZthJC = f (tp ) parameter : D = tp /T
10 1
SPU30N03S2L-10
K/W A
10 0
/I
D
tp = 7.9s 10 s
ID
V
DS
10 2
n)
Z thJC
10 -1
R
DS (o
=
100 s
10 10
1 1 ms 10 ms
-2
single pulse 10 -3
DC 10 0 -1 10 10 -4 -7 10
10
0
10
1
V
10
2
10
-6
VDS
Page 4
60
80
100 120 140 160 C 190
TC
D = 0.50 0.20 0.10 0.05 0.02 0.01
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
2002-02-11
Preliminary data 5 Typ. output characteristic ID = f (VDS ); Tj=25C parameter: tp = 80 s
60
SPU30N03S2L-10
6 Typ. drain-source on resistance RDS(on) = f (ID ) parameter: VGS
50
b
A
50 45 40
edc
m
40
a
RDS(on)
ID
VGS[V]= a= 3.5 b= 4.0 c= 4.5 d= 5.0 e= 5.5
35 30 25 20 15 10
VGS[V]= a= 3.5 b= 4.0 c= 4.5 d= 5.0 e= 5.5
35 30 25 20 15 10 5 0 0 0.5 1 1.5 2 2.5 3 3.5
a
b
c d e
5 0 0
V
4.5
10
20
30
40
50
A
70
VDS
ID
7 Typ. transfer characteristics ID= f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 80 s
60
8 Typ. forward transconductance gfs = f(ID ); Tj=25C parameter: gfs
60
A
50 45
35 30 25 20 15 10 5 0 0 0.5 1 1.5 2 2.5 3 3.5 4
g fs V5 VGS
ID
40
S
50 45 40 35 30 25 20 15 10 5 0 0 10 20 30 40
A ID
60
Page 5
2002-02-11
Preliminary data 9 Drain-source on-state resistance RDS(on) = f (Tj ) parameter : ID = 30 A, VGS = 10 V
24
SPU30N03S2L-10
SPU30N03S2L-10
10 Typ. gate threshold voltage VGS(th) = f (Tj) parameter: VGS = VDS
2.5
RDS(on)
V GS(th)
11 Typ. capacitances C = f (VDS) parameter: VGS =0V, f=1 MHz
10
4
pF
10 2
C
Ciss
10 3
Coss
IF
10 2 0
20 18 16 14 12 10 8 6 4 2 0 -60 -20 20 60 100 140
C
V
max
1.5
typ
98% 1
typ
min
0.5
200
0 -60
-20
20
60
100
C Tj
180
Tj
12 Forward character. of reverse diode IF = f (VSD ) parameter: Tj , tp = 80 s
10 3
SPU30N03S2L-10
A
10 1 Tj = 25 C typ Tj = 175 C typ
Crss
Tj = 25 C (98%) Tj = 175 C (98%)
5
10
15
20
V
30
10 0 0
0.4
0.8
1.2
1.6
2
2.4 V
3
VDS
VSD
Page 6
2002-02-11
Preliminary data 13 Typ. avalanche energy EAS = f (Tj )
160
SPU30N03S2L-10
14 Typ. gate charge VGS = f (QGate ) parameter: ID = 30 A pulsed
16
SPU30N03S2L-10
mJ
120
E AS
100
VGS
80
60
40
20
0 25
45
65
85
105
125
145
C 185 Tj
15 Drain-source breakdown voltage V(BR)DSS = f (Tj ) parameter: ID=10 mA
36
SPU30N03S2L-10
V
V (BR)DSS
34 33 32 31 30 29 28 27 -60
-20
20
60
100
140
C
Tj
Page 7
200
par.: ID = 30 A , VDD = 25 V, RGS = 25
V
12
10
0,2 VDS max
0,8 VDS max
8
6
4
2
0 0
5
10
15
20
25
30
35
40 nC
50
QGate
2002-02-11
Preliminary data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
SPU30N03S2L-10
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. Further information Please notice that the part number is BSPU30N03S2L-10, for simplicity the device is referred to by the term SPU30N03S2L-10 throughout this documentation.
Page 8
2002-02-11


▲Up To Search▲   

 
Price & Availability of SPU30N03S2L-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X