Part Number Hot Search : 
HT772 GKCD34P9 IRF78 MM5Z22 PCD5090 BAS516S LVC1G C2002
Product Description
Full Text Search
 

To Download SF30SC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
SF30SC4
40V 30A
FEATURES
*oeTj150*Z
OUTLINE DIMENSIONS
Case : FTO-220 Unit : mm
*oe PRRSM avalanche guaranteed
*oe Fully Isolated Molding *oe High capacity with Small Package *oe Dielectric strength 2kV guaranteed APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings nit U Storage Temperature Tstg -55*150 Z * Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage V RM 40 V Repetitive Peak Surge V Pulse width 0.5ms, duty 1/40 Reverse Voltage RRSM 45 V IO Current Average Rectified Forward 50Hz sine wave, R-load, Rating for each diode Io/2, T 30 A IFSM Peak Surge Forward Current 50Hz sine wave, Non-repetitive 1 cycle300 value, Tj= peak A Repetitive Peak Surge P Pulse width 10Es, Rating of per diode, Tj=25*Z Reverse Power RRSM 1000 W Dielectric Strength VdisTerminals to case, AC 1 minute 2 kV Mounting Torque TOR(Recommended torque* 0.3Nm) F 0.5 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings nit U Forward Voltage V I =15A, Pulse measurement, Rating of per diode FF Max.0.55 V Reverse Current IR V=V M, R R Pulse measurement, Rating of Max.10mA per diode Junction Capacitance Cj f=1MHz, V Rating of per diode Typ.590 R =10V, pF Thermal Resistance AEjcunction to case j Max.2.0 *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
SF30SC4
Forward Voltage
Forward Current IF [A]
10
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP]
1
Pulse measurement per diode
0
0.2
0.4
0.6
0.8
1
Forward Voltage VF [V]
SF30SC4
Junction Capacitance
f=1MHz Tc=25C TYP per diode
Junction Capacitance Cj [pF]
1000
100
0.1
1
10
Reverse Voltage VR [V]
SF30SC4
10000
Reverse Current
1000 Tc=150C [MAX]
Reverse Current IR [mA]
Tc=150C [TYP] 100 Tc=125C [TYP]
10
Tc=100C [TYP]
Tc=75C [TYP] 1
Pulse measurement per diode
0.1
0
5
10
15
20
25
30
35
40
Reverse Voltage VR [V]
SF30SC4
50
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
DC D=0.05 40 0.1 0.2 30 0.3
0.5 20
10
SIN 0.8
0
0
10
20
30
40
50
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
SF30SC4
30
Forward Power Dissipation
DC
Forward Power Dissipation PF [W]
25 SIN 0.5
D=0.8
20 0.1 15 0.05
0.3 0.2
10
5
0
0
10
20
30
40
50
Average Rectified Forward Current IO [A]
Tj = 150C IO 0 tp D=tp /T T
SF30SC4
60
Derating Curve
Average Rectified Forward Current IO [A]
50 DC D=0.8 40 0.5 30 SIN 0.3 0.2 0.1 10 0.05
20
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 20V 0 0
IO
VR tp D=tp /T T
SF30SC4
400
Peak Surge Forward Capability
IFSM
350
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
300
non-repetitive, sine wave, Tj=25C before surge current is applied
250
200
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of SF30SC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X