Part Number Hot Search : 
0103A IRFI630 SFH610A 9F000 MAX15022 120N60 15N03L 2SD16
Product Description
Full Text Search
 

To Download S4S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *
Se
le
ct
U.
L.
G O 1639 EC #E7 R
ed
Fi le
c Pa
ka
ge
s
Z NI
ED
E5
TO-92 *TO-220 Isolated
3-lead Compak TO-202
TO-252 D-Pak
TO-251 V-Pak
A
K
G
Sensitive SCRs
(0.8 A to 10 A)
E5
RoHS
General Description
The Teccor line of sensitive SCR semiconductors are half-wave unidirectional, gate-controlled rectifiers (SCR-thyristor) which complement Teccor's line of power SCRs. This group of packages offers ratings of 0.8 A to 10 A, and 200 V to 600 V with gate sensitivities of 12 A to 500 A. For gate currents in the 10 mA to 50 mA ranges, see "SCRs" section of this catalog. The TO-220 and TO-92 are electrically isolated where the case or tab is internally isolated to allow the use of low-cost assembly and convenient packaging techniques. Teccor's line of SCRs features glass-passivated junctions to ensure long-term device reliability and parameter stability. Teccor's glass offers a rugged, reliable barrier against junction contamination. Tape-and-reel packaging is available for the TO-92 package. Consult the factory for more information. Variations of devices covered in this data sheet are available for custom design applications. Consult the factory for more information.
Features
* * * * * RoHS Compliant Electrically-isolated TO-220 package High voltage capability -- up to 600 V High surge capability -- up to 100 A Glass-passivated chip
Compak Features
* * * * * Surface mount package -- 0.8 A series New small-profile three-leaded Compak package Four gate sensitivities available Packaged in embossed carrier tape with 2,500 devices per reel Can replace SOT-223
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E5 - 1
http://www.littelfuse.com +1 972-580-7777
Sensitive SCRs
Data Sheets
Part Number
Non-isolated
A
IT
(1)
VDRM & VRRM
IGT
(2) (12) (14) (18)
IDRM & IRRM
(20) (21)
VTM
(3) (10)
A
G
A A
A
G
TYPE
K G A
K A G
K
K
K
A
G
TO-92
TO-202
TO-251 V-Pak
Compak
TO-252 D-Pak
Amps IT(RMS) IT(AV) MAX 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 0.8 0.51 1.5 0.95 1.5 0.95 1.5 0.95 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 4 2.5 Volts MIN 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600
Amps TC or TL = TC or TL = TC or TL = Amps 25 C 100 C 110 C MAX MAX 12 2 100 12 2 100 12 2 100 50 2 100 50 2 100 50 2 100 200 2 100 200 2 100 200 2 100 500 2 100 500 2 100 500 2 100 200 1 50 200 1 50 200 2 100 12 1 50 12 1 50 12 2 100 50 1 50 50 1 50 50 2 100 500 1 50 500 1 50 500 2 100 200 1 50 200 1 100 200 1 100 200 1 100 200 2 100 200 2 100 200 2 100 200 2 100 500 2 100 500 2 100 500 2 100 50 2 100 50 2 100 50 2 100 200 2 100 200 2 100 200 2 100 Volts MAX 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.7 1.5 1.5 1.5 2.2 2.2 2.2 2.5 2.5 2.5 1.6 1.6 1.6 1.6 1.6 1.6
See "Package Dimensions" section for variations. (11) S2S1 S4S1 S6S1 S2S2 S4S2 S6S2 S2S S4S S6S S2S3 S4S3 S6S3 EC103B EC103D EC103M EC103B1 EC103D1 EC103M1 EC103B2 EC103D2 EC103M2 EC103B3 EC103D3 EC103M3 2N5064 2N6565 TCR22-4 TCR22-6 TCR22-8 T106B1 T106D1 T106M1 T107B1 T107D1 T107M1 S2004VS1 S4004VS1 S6004VS1 S2004VS2 S4004VS2 S6004VS2 S2004DS1 S4004DS1 S6004DS1 S2004DS2 S4004DS2 S6004DS2
0.8 A
1.5 A
4A
See "General Notes" on page E5 - 4 and "Electrical Specifications Notes" on page E5 - 5
http://www.littelfuse.com +1 972-580-7777
E5 - 2
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
Data Sheets
Sensitive SCRs
.
VGT
(4) (12) (22)
IH
(5) (15) (16) (19)
IGM
(17)
VGRM
PGM
(17)
PG(AV)
ITSM
(6) (7) (13)
dv/dt
di/dt
tgt
(8)
tq
(9)
l2t
Volts TC or TL = TC or TL = TC or TL = mAmps -40 C 25 C 110 C MAX MAX 1.2 0.8 0.2 5 1.2 0.8 0.2 5 1.2 0.8 0.2 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 8 1.2 0.8 0.25 8 1.2 0.8 0.25 8 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.2 5 1.2 0.8 0.2 5 1.2 0.8 0.2 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1.2 0.8 0.25 8 1.2 0.8 0.25 8 1.2 0.8 0.25 8 1.2 0.8 0.25 5 1.2 0.8 0.25 5 1 0.8 0.25 5 1 0.8 0.25 5 1 0.8 0.25 5 1 0.8 0.2 5 1 0.8 0.2 5 1 0.8 0.2 5 1 0.8 0.2 6 1 0.8 0.2 6 1 0.8 0.2 6 1 0.8 0.2 4 1 0.8 0.2 4 1 0.8 0.2 4 1 0.8 0.2 6 1 0.8 0.2 6 1 0.8 0.2 6
Amps Amps 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Volts MIN 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 Watts 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Watts 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 60/50 Hz 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 20/16 30/25 30/25 30/25 30/25 30/25 30/25 Volts/Sec MIN 20 20 10 25 25 10 30 30 15 40 40 20 30 30 15 20 20 10 25 25 10 40 40 20 25 25 60 40 30 TYP (23) 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 Amps/Sec Sec TYP 2 2 2 3 3 3 4 4 4 5 5 5 3.5 3.5 3.5 2 2 2 3 3 3 5 5 5 2.2 2.2 3.5 3.5 3.5 4 4 4 5 5 5 3 3 3 4 4 4 Sec MAX 60 60 60 60 60 60 50 50 50 45 45 45 50 50 50 60 60 60 60 60 60 45 45 45 60 60 50 50 50 50 50 50 45 45 45 50 50 50 50 50 50 Amps2/Sec 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 3.7 3.7 3.7 3.7 3.7 3.7
8 8 8 8 8 8 8 8 8 8 8 8
See "General Notes" on page E5 - 4 and "Electrical Specifications Notes" on page E5 - 5
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E5 - 3
http://www.littelfuse.com +1 972-580-7777
Sensitive SCRs
Data Sheets
Part Number
Isolated
A
Non-isolated
A
A G A K
IT
(1)
VDRM & VRRM
IGT
(2) (12)
IDRM & IRRM
(20) (21)
VTM
(3) (10)
TYPE
K A
G
K A
G
K
A
G
TO-220
TO-202
TO-251 V-Pak
TO-252 D-Pak
Amps IT(RMS) MAX 6 6 6 6 6 6 8 8 8 8 8 8 10 10 10 10 10 10 IT(AV) MAX 3.8 3.8 3.8 3.8 3.8 3.8 5.1 5.1 5.1 5.1 5.1 5.1 6.4 6.4 6.4 6.4 6.4 6.4 Volts MIN 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 200 400 600 Amps MAX 200 200 200 500 500 500 200 200 200 500 500 500 200 200 200 500 500 500
Amps TC = 25 C MAX 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 TC = 110 C MAX 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Volts MAX 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6
See "Package Dimensions" section for variations. (11) S2006LS2 S4006LS2 S6006LS2 S2006LS3 S4006LS3 S6006LS3 S2008LS2 S4008LS2 S6008LS2 S2008LS3 S4008LS3 S6008LS3 S2010LS2 S4010LS2 S6010LS2 S2010LS3 S4010LS3 S6010LS3 S2006FS21 S4006FS21 S6006FS21 S2006FS31 S4006FS31 S6006FS31 S2008FS21 S4008FS21 S6008FS21 S2008FS31 S4008FS31 S6008FS31 S2010FS21 S4010FS21 S6010FS21 S2010FS31 S4010FS31 S6010FS31 S2006VS2 S4006VS2 S6006VS2 S2006VS3 S4006VS3 S6006VS3 S2008VS2 S4008VS2 S6008VS2 S2008VS3 S4008VS3 S6008VS3 S2010VS2 S4010VS2 S6010VS2 S2010VS3 S4010VS3 S6010VS3 S2006DS2 S4006DS2 S6006DS2 S2006DS3 S4006DS3 S6006DS3 S2008DS2 S4008DS2 S6008DS2 S2008DS3 S4008DS3 S6008DS3 S2010DS2 S4010DS2 S6010DS2 S2010DS3 S4010DS3 S6010DS3
6A
8A
10 A
Specific Test Conditions
di/dt -- Maximum rate-of-change of on-state current; IGT = 50 mA pulse width 15 sec with 0.1 s rise time dv/dt -- Critical rate-of-rise of forward off-state voltage I2t -- RMS surge (non-repetitive) on-state current for period of 8.3 ms for fusing IDRM and IRRM -- Peak off-state current at VDRM and VRRM IGT -- DC gate trigger current VD = 6 V dc; RL = 100 IGM -- Peak gate current IH -- DC holding current; initial on-state current = 20 mA IT -- Maximum on-state current ITSM -- Peak one-cycle forward surge current PG(AV) -- Average gate power dissipation PGM -- Peak gate power dissipation tgt -- Gate controlled turn-on time gate pulse = 10 mA; minimum width = 15 S with rise time 0.1 s tq -- Circuit commutated turn-off time VDRM and VRRM -- Repetitive peak off-state forward and reverse voltage VGRM -- Peak reverse gate voltage VGT -- DC gate trigger voltage; VD = 6 V dc; RL = 100 VTM -- Peak on-state voltage
General Notes
* Teccor 2N5064 and 2N6565 Series devices conform to all JEDEC registered data. See specifications table on pages E5 - 2 and E5 - 3. The case lead temperature (TC or TL) is measured as shown on dimensional outline drawings in the "Package Dimensions" section of this catalog. All measurements (except IGT) are made with an external resistor RGK = 1 k unless otherwise noted. All measurements are made at 60 Hz with a resistive load at an ambient temperature of +25 C unless otherwise specified. Operating temperature (TJ) is -65 C to +110 C for EC Series devices, -65 C to +125 C for 2N Series devices, -40 C to +125 C for "TCR" Series, and -40 C to +110 C for all others. Storage temperature range (TS) is -65 C to +150 C for TO-92 devices, -40 C to +150 C for TO-202 and Compak devices, and -40 C to +125 C for all others. Lead solder temperature is a maximum of +230 C for 10 seconds maximum 1/16" (1.59 mm) from case.
*
* * *
*
*
http://www.littelfuse.com +1 972-580-7777
E5 - 4
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
Data Sheets
Sensitive SCRs
VGT
(4) (12) (22)
IH
(5) (19)
IGM
(17)
VGRM
PGM
(17)
PG(AV)
ITSM
(6) (13)
dv/dt
di/dt
tgt
(8)
tq
(9)
l2 t
TC = -40 C 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Volts TC = 25 C MAX 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8
Volts/Sec TC = 110 C 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 mAmps MAX 6 6 6 8 8 8 6 6 6 8 8 8 6 6 6 8 8 8 Amps 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Volts MIN 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 Watts 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Watts 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Amps 60/50 Hz 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 100/83 TC = 110 C TYP 10 8 8 10 8 8 10 8 8 10 8 8 10 8 8 10 8 8 Amps/Sec 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Sec TYP 4 4 4 5 5 5 4 4 4 5 5 5 4 4 4 5 5 5 Sec MAX 50 50 50 45 45 45 50 50 50 45 45 45 50 50 50 45 45 45 Amps2Sec 41 41 41 41 41 41 41 41 41 41 41 41 41 41 41 41 41 41
Electrical Specifications Notes
(1) (2) (3) (4) (5) (6) (7) See Figure E5.1 through Figure E5.9 for current ratings at specified operating temperatures. See Figure E5.10 for IGT versus TC or TL. See Figure E5.11 for instantaneous on-state current (iT) versus onstate voltage (vT) TYP. See Figure E5.12 for VGT versus TC or TL. See Figure E5.13 for IH versus TC or TL. For more than one full cycle, see Figure E5.14. 0.8 A to 4 A devices also have a pulse peak forward current onstate rating (repetitive) of 75 A. This rating applies for operation at 60 Hz, 75 C maximum tab (or anode) lead temperature, switching from 80 V peak, sinusoidal current pulse width of 10 s minimum, 15 s maximum. See Figure E5.20 and Figure E5.21. See Figure E5.15 for tgt versus IGT. Test conditions as follows: - TC or TL 80 C, rectangular current waveform - Rate-of-rise of current 10 A/s - Rate-of-reversal of current 5 A/s - ITM = 1 A (50 s pulse), Repetition Rate = 60 pps - VRRM = Rated - VR = 15 V minimum, VDRM = Rated - Rate-of-rise reapplied forward blocking voltage = 5 V/s - Gate Bias = 0 V, 100 (during turn-off time interval)
(10) Test condition is maximum rated RMS current except TO-92 devices are 1.2 APK; T106/T107 devices are 4 APK. (11) See package outlines for lead form configurations. When ordering special lead forming, add type number as suffix to part number. (12) VD = 6 V dc, RL = 100 (See Figure E5.19 for simple test circuit for measuring gate trigger voltage and gate trigger current.) (13) See Figure E5.1 through Figure E5.9 for maximum allowable case temperature at maximum rated current. (14) IGT = 500 A maximum at TC = -40 C for T106 devices (15) IH = 10 mA maximum at TC = -65 C for 2N5064 Series and 2N6565 Series devices (16) IH = 6 mA maximum at TC = -40 C for T106 devices (17) Pulse Width 10 s (18) IGT = 350 A maximum at TC = -65 C for 2N5064 Series and 2N6565 Series devices (19) Latching current can be higher than 20 mA for higher IGT types. Also, latching current can be much higher at -40 C. See Figure E5.18. (20) TC or TL = TJ for test conditions in off state (21) IDRM and IRRM = 50 A for 2N5064 and 100 A for 2N6565 at 125 C (22) TO-92 devices specified at -65 C instead of -40 C (23) TC = 110 C
(8) (9)
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E5 - 5
http://www.littelfuse.com +1 972-580-7777
Sensitive SCRs
Data Sheets
Thermal Resistance (Steady State) RJC [R JA] C/W (TYPICAL)
Package Code
E L F2 F C D V
Type
TO-92 0.8 A 1.5 A 4.0 A 6.0 A 8.0 A 10.0 A 75 [160] 50 [160]
TO-220
TO-202 Type 2, 4, & 41
TO-202 Type 1 & 3
Compak 60*
TO-252 D-Pak
TO-251 V-Pak
10 [100] 4.0 [65] 3.4 3.0
6.2 [80] 4.3 3.9 3.4
3.0 1.8 1.5 1.45
3.8 [85] 2.4 2.1 1.72
*Mounted on 1
cm2 copper
foil surface; two-ounce copper foil
Electrical Isolation
Maximum Allowable Case Temperature (TC) - C
Teccor's isolated sensitive SCRs will withstand a minimum high potential test of 2500 V ac rms from leads to mounting tab over the device's operating temperature range. The following table shows other standard and optional isolation ratings.
Electrical Isolation * from Leads to Mounting Tab V AC RMS TO-220 Standard 2500 Optional ** 4000
*UL Recognized File #E71639 **For 4000 V isolation, use "V" suffix in part number.
130 120 110 100 90 80 70 60 TCR22 Devices 50 40 0 0.5 1.0 1.5 2.0 2.6 2.5 3.0 3.5 4.0 T106 and T107 Type 2 and 4 4 A TO-251 and TO-252 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measured as Shown on Dimensional Drawing
T106 and T107 Type 1 and 3
RMS On-state Current [IT(RMS)] - Amps
130 120
Maximum Allowable Case Temperature (TC) - C
110 100
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measured as Shown on Dimensional Drawing JEDEC 2N Series
Figure E5.2 Maximum Allowable Case Temperature versus RMS On-state Current
130
Maximum Allowable Case Temperature (TC) - C
90 80
120 110 100
EC Series
70
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measured as Shown on Dimensional Drawing
Compak
60 50 0.1
JEDEC 2N Series 90 80 70 60 50
0.51
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
RMS On-State Current [IT(RMS)] - Amps
EC Series Compak
Figure E5.1 Maximum Allowable Case Temperature versus RMS On-state Current
0
0.1
0.2
0.3
0.4
0.5
0.6
Average On-state Current [IT(AV)] - Amps
Figure E5.3 Maximum Allowable Case Temperature versus Average On-state Current
http://www.littelfuse.com +1 972-580-7777
E5 - 6
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
Data Sheets
Sensitive SCRs
140
130 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measured as Shown on Dimensional Drawing
Maximum Allowable Ambient Temperature (TA) - C
120
120
Maximum Allowable Case Temperature (TC) - C
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 FREE AIR RATING
110 100 90 80 70 60 50 40 0 0.5 TCR22 Devices
100 T106/T107 TO-202 Type 1 and 3
80
T106 and T107 T106 and T107 Type 2 and 4 Type 1 and 3
60 TO-220 40 T106/T107 TO-202 Type 2 and 4 and TO-251 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0.95
1.65
1.9
2.54
1.0
1.5
2.0
2.5
3.0
20
Average On-state Current [IT(AV)] - Amps
Average On-state Current [IT(AV)] - Amps
Figure E5.4 Maximum Allowable Case Temperature versus Average On-state Current
Figure E5.7 Maximum Allowable Ambient Temperature versus Average On-state Current
Maximum Allowable Ambient Temperature (TA) - C
140
120
Maximum Allowable Case Temperature (TC) - C
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 FREE AIR RATING
115 110 105 100 95 90 85 80 0 2 4 6 8 10 6 A TO-220 and TO-202 8 A TO-220 and TO-202 10 A TO-220 and TO-202 6 A TO-251 and TO-252
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 TEMPERATURE: Measured as Shown on Dimensional Drawings
100
EC Series IT(RMS)
8 A TO-251 and TO-252 10 A TO-251 and TO-252
80
1.5 A Devices and JEDEC 2N Series IT(RMS) 1.5 A and JEDEC 2N Series IT(AV) and EC Series IT(AV)
60
40
20 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
RMS On-state Current [IT(RMS)] - Amps
On-state Current - Amps
Figure E5.5 Maximum Allowable Ambient Temperature versus On-state Current
Figure E5.8 Maximum Allowable Case Temperature versus RMS On-state Current
140
Maximum Allowable Ambient Temperature (TA) - C
120
100
Maximum Allowable Case Temperature (TC) - C
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 FREE AIR RATING
110 6 A TO-251 and TO-252
CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180 CASE TEMPERATURE: Measured as Shown on Dimensional Drawings
105
100 6 A TO-220 and TO-202 8 A TO-220 and TO-202 10 A TO-220 and TO-202 8 A TO-251 and TO-252 10 A TO-251 and TO-252
80
T106/T107 TO-202 Type 1 and 3
95
60
T106/T107 TO-202 Type 2 and 4 and TO-251 TO-220
90
40
85
20 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
80 0 1 2 3 4 5 6 7
RMS On-state Current [IT(RMS)] - Amps
Average On-state Current [IT(AV)] - Amps
Figure E5.6 Maximum Allowable Ambient Temperature versus RMS On-state Current
Figure E5.9 Maximum Allowable Case Temperature versus Average On-state Current
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E5 - 7
http://www.littelfuse.com +1 972-580-7777
Sensitive SCRs
Data Sheets
9.0 8.0
IH(TC = 25 C)
4.0 See General Notes for specific operating temperature range.
See General Notes for specific device operating temperature range.
IGT (TC = 25 C)
7.0 6.0 5.0 4.0 3.0 2.0 1.0
3.0
IGT
IH
2.0
Ratio of
Ratio of
1.0
0
0 -65 -40 -15 +25 +65 +110 +125
-65
-40
-15
+25
+65
+110 +125
Case Temperature (TC) - C
Case Temperature (TC) - C
Figure E5.10 Normalized DC Gate-Trigger Current versus Case Temperature
Figure E5.13 Normalized DC Holding Current versus Case Temperature
Instantaneous On-state Current (iT) - Amps
32 28 24 20 16 12 8 4 0 0 .6 .8 1.0 1.2 1.4 1.6
0.8 A to 1.5 A TO-92, T106/T107, and Compak 6 A to 10 A Devices
TC = 25C
4 A TO-251 and TO-252
Instantaneous On-state Voltage (vT) - Volts
Figure E5.11 Instantaneous On-state Current versus On-state Voltage (Typical)
2.0 See General Notes for specific operating temperature range
VGT (TC = 25 C)
1.5
VGT
1.0
Ratio of
0.5
0 -65 -40 -15 +25 +65 +110 +125
Case Temperature (TC) - C
Figure E5.12 Normalized DC Gate-Trigger Voltage versus Case Temperature
http://www.littelfuse.com +1 972-580-7777
E5 - 8
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
Data Sheets
Sensitive SCRs
200
100 80 60 50 40 30
10 A Devices
SUPPLY FREQUENCY: 60 Hz Sinusoidal LOAD: Resistive RMS ON-STATE CURRENT: [IT(RMS)]: Max Rated Value at Specified Case Temperature 8 A Devices 6 A Devices
Peak Surge (Non-repetitive) On-state Current (ITSM) - Amps
4 A TO-251 and TO-252
20
10 8 6 5 4 3 2 Notes: 1) Gate control may be lost during and immediately following surge current interval. 2) Overload may not be repeated until junction temperature has returned to steady-state rated value.
TO-106 and TO-107 1.5 A Devices
0.8 A TO-92 and Compak
1 1 2 3 4 56 8 10 20 30 40 50 60 80 100 200 300 400 600 1000
Surge Current Duration - Full Cycles
Figure E5.14 Peak Surge On-state Current versus Surge Current Duration
100
IGT = 50 A MAX IGT = 200 A MAX
Average On-state Power Dissipation [PD(AV)] - Watts
5.0
CURRENT WAVEFORM: Half Sine Wave LOAD: Resistive or Inductive CONDUCTION ANGLE: 180
4.0
IGT = 500 A MAX
3.0
T106 and T107
10
Turn-on Time (tgt) - s
2.0 4 A TO-251 and TO-252 1.0 0.8 A TO-92 and Compak 1.5 A Devices
IGT = 12 A MAX
1.0
0
1
2
3
4
RMS On-state Current [IT(RMS)] - Amps
TC = 25 C
Figure E5.16 Power Dissipation (Typical) versus RMS On-state Current
0.1 0.01
0.1
1
10
100
DC Gate Trigger Current (IGT) - mA
Figure E5.15 Typical Turn-on Time versus Gate Trigger Current
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E5 - 9
http://www.littelfuse.com +1 972-580-7777
Sensitive SCRs
Data Sheets
12
Average On-state Power Dissipation [PD(AV)] - Watts
10
CURRENT WAVEFORM: Half Sine Wave LOAD: Resistive or Inductive CONDUCTION ANGLE: 180
Reset Normally-closed Pushbutton
8
6
100 + 6 VDC - V1
4
D.U.T.
IGT IG 1k (1%)
IN4001 100 VGT R1
2
6 A to 10 A TO-220, TO-202, TO-251, and TO-252
0 0 2 4 6 8 10
RMS On-state Current [IT(RMS)] - Amps
Figure E5.17 Power Dissipation (Typical) versus RMS On-state Current
Figure E5.19 Simple Test Circuit for Gate Trigger Voltage and Current Measurement
9.0 8.0 See General Notes for specific device operating temperature range.
Note: V1 -- 0 V to 10 V dc meter VGT -- 0 V to 1 V dc meter IG -- 0 mA to 1 mA dc milliammeter R1 -- 1 k potentiometer To measure gate trigger voltage and current, raise gate voltage (VGT) until meter reading V1 drops from 6 V to 1 V. Gate trigger voltage is the reading on VGT just prior to V1 dropping. Gate trigger current IGT can be computed from the relationship V GT I GT = I G - ------------ Amps 1000 where IG is reading (in amperes) on meter just prior to V1 dropping.
IL IL (TC = 25 C) Ratio of
7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 -65 -40
-15
+25
+65
+110 +125
Case Temperature (TC) - C
Note: IGT may turn out to be a negative quantity (trigger current flows out from gate lead). If negative current occurs, IGT value is not a valid reading. Remove 1 k resistor and use IG as the more correct IGT value. This will occur on 12 A gate products.
Figure E5.18 Normalized DC Latching Current versus Case Temperature
http://www.littelfuse.com +1 972-580-7777
E5 - 10
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
Data Sheets
Sensitive SCRs
180 160
Peak Discharge Current (ITM) - Amps
140 120
1 Hz 12 Hz
100 80 60 ITM 40 20 0 1.0 3.0 5.0 7.0 10 30 50 70 100 tW
tW = 5 TIME CONSTANTS
60 Hz
0.8 A to 4 A
Peak Current Duration (tW) - s
Figure E5.20 Peak Repetitive Capacitor Discharge Current
180 160
Peak Discharge Current (ITM) - Amps
140 120 100 80 60 40 20 0 1.0 3.0 5.0 7.0 10 30 50 70 100
1 Hz
12 Hz
ITM tW 0.8 A to 4 A
60 Hz
Peak Current Duration (tW) - s
Figure E5.21 Peak Repetitive Sinusoidal Curve
(c)2004 Littelfuse, Inc. Thyristor Product Catalog
E5 - 11
http://www.littelfuse.com +1 972-580-7777
Notes


▲Up To Search▲   

 
Price & Availability of S4S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X