Part Number Hot Search : 
BT101 133BG 133BG BF423 133BG 133BG 133BG CDB4329
Product Description
Full Text Search
 

To Download S3M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
S3A THRU S3M
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
FEATURES
* ldeal for surface mounted applications * Low leakage current * Glass passivated junction
SMC ( DO-214AB )
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant *Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked * Mounting position: Any * Weight: 0.24 gram
.128(3.25) .108(2.75)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TA = 75oC Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at 3.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 3) Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range @TA = 25 o C @TA = 125 o C VRRM VRMS VDC IO IFSM VF IR trr RJL CJ TJ, TSTG
S3A 50 35 50
S3B 100 70 100
S3D 200 140 200
S3G 400 280 400 3.0 100 1.2 5.0 250 2.5 10 60 -65 to + 175
S3J 600 420 600
S3K 800 560 800
S3M 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts uAmps uSec 0 C/ W pF
0
C
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0VDC 2. Thermal Resistance (Junction to Ambient), 0.4x0.4in2 (10X10mm2 ) copper pads to each terminal. 3. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
346
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES ( S3A THRU S3M )
DC COMPONENTS CO., LTD.
R
347
NEXT NEXT
BACK BACK
EXIT EXIT


▲Up To Search▲   

 
Price & Availability of S3M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X