Part Number Hot Search : 
RF164 15N10 RF164 RF164 9KXXX CE6353 9KXXX 10124
Product Description
Full Text Search
 

To Download PM365CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM300CE SERIES
Single, dual and triple output
* * * * * * * * * Encapsulated package 2.5 to 15W modules 230VAC input (115VAC version, see PM300 series) Chassis mounting inserts Terminal strip connections Short circuit protection EN55022, EN55011 conducted emissions level B EN61000-4-2, -3, -4, -5, -6 compliant Meets EN60950
[ 2 YEAR WARRANTY ]
The PM300CE series is an encapsulated, chassis mountable linear AC/DC power module with the CE mark to demonstrate compliance with the Low Voltage Directive for European applications. The series has single, dual and triple output models with industry standard output configurations operating from an input voltage of 230VAC making the PM300CE series suitable for a wide range of low power chassis applications. The PM300CE series includes 2.5W to 15W modules. Each module has short-circuit protection and the 5V outputs also have overvoltage protection. Conservative design and rating of these modules results in reliable operation and long life. There are four threaded inserts in the bottom of each module for convenient chassis mounting. The PM300CE design is a low emissions design with tightly regulated outputs making the series especially suitable for test, measurement and instrumentation equipment.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Line regulation Load regulation Temperature coefficient Overvoltage protection (See Note 4) Output power limit Short circuit protection INPUT SPECIFICATIONS Input voltage range Input frequency range Safety ground leakage current
All specifications are typical at nominal input, full load at 25C unless otherwise stated EMC CHARACTERISTICS 1.0%, max. See table on facing page See table on facing page 0.02%/C GENERAL SPECIFICATIONS Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity EN55022 EN55022 EN61000-4-2, EN61000-4-2, EN61000-4-5, EN61000-4-4, EN61000-4-3, EN61000-4-6, Level B Level B criteria 1 criteria 1 criteria 1 criteria 1 criteria 1 criteria 1
level level level level level level
3 4 3 3 3 3
Perf. Perf. Perf. Perf. Perf. Perf.
5V outputs only
6.2V typical Efficiency 130% to 200% FL typ. 100% to 200% FL Isolation voltage Isolation capacitance Approvals and standards (See Note 5) 230VAC 10% Case material UL94V-0 Case C1 Case C2 47Hz to 400Hz <3.5mA @ 50Hz Weight MTBF (See Note 3) ENVIRONMENTAL SPECIFICATIONS Temperature Operating ambient -25C to +71C Non-operating amb. -25C to +71C Derating, 50C to 71C 2.5%/C Cooling Free-air convection cooled Non-condensing 20% to 95% RH 40% typical 3000VAC 50pF Meets EN60950 Non-conductive black plastic 567g (20.02oz) 816g (28.80oz) 710,000 hours
(See Note 2)
Relative Humidity
PAGE 1
ENCAPSULATED LINEAR AC/DC POWER SUPPLIES
|
2.5-15W AC
2.5 to 15 Watt AC/DC encapsulated modules
OUTPUT VOLTAGE OUTPUT CURRENT OVP
(4)
REGULATION LINE LOAD SINGLE OUTPUT
RIPPLE AND NOISE
CASE
AVAILABLE MODELS
5VDC 5VDC 5VDC
500mA 1000mA 2000mA
Yes Yes Yes
.05% .05% .05%
0.10% 0.15% 0.15% DUAL OUTPUT
2mV rms 2mV rms 2mV rms
C1 C1 C2
PM334CE PM342CE PM345CE
12VDC 12VDC 15VDC 15VDC 15VDC 15VDC
240mA 400mA 100mA 200mA 350mA 500mA
No No No No No No
0.05% 0.05% 0.05% 0.05% 0.05% 0.05%
0.05% 0.05% 0.05% 0.05% 0.05% 0.05% TRIPLE OUTPUT
(1)
1mV rms 1mV rms 1mV rms 1mV rms 1mV rms 1mV rms
C1 C2 C1 C1 C2 C2
PM337CE PM397CE PM302CE PM365CE PM301CE PM396CE
5V/12VDC 5V/15VDC 5V/15VDC 5V/12VDC Note
1 2 3 4 5
500/120mA 500/100mA 1000/150mA 1000/150mA
Yes Yes Yes Yes
0.05% 0.05% 0.20% 0.20%
0.1%/0.05% 0.1%/0.05% 0.1%/0.02% 0.1%/0.02%
1mV rms 1mV rms 1.0/0.5mV rms 1.0/0.5mV rms
C1 C1 C2 C2
PM391CE PM390CE PM393CE PM392CE
Triple output models only: the 5V output common is isolated from the 12VDC or 15VDC common. Some units should be derated for operation at 400Hz. Please contact the factory for details. M.T.B.F. figures are based on actual product performance. Consult factory for details. Triple output models only: overvoltage protection is only available on the 5V outputs. All models are only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
CASE C
0.75 (19.1) 0.75 (19.1) 5.40 BH Screws
Single Output Models
Dual Output Models
Triple Output Models
AC AC AC NC AC AC NC - OUT COM + OUT COM + 12V OUT + 15V OUT AC - 5V OUT + 5V OUT - 12V OUT - 15V OUT
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
2.50 (63.5)
4.00 (101.6)
NC COM + OUT C1 C2
1.45 (36.8) 2.00 (50.8)
2.00 (50.8) 2.70 (68.6)
0.35 (8.9)
ALL DIMENSIONS IN INCHES (mm)
DS_PM300CE_19980401.PDF
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
http://www.artesyn.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of PM365CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X