Part Number Hot Search : 
BC547B 2RS18G W91590 GM7110 PF6AT CY6117A 6601C W91590
Product Description
Full Text Search
 

To Download NUP4302MR6T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NUP4302MR6 Schottky Diode Array for Four Data Line ESD Protection
The NUP4302MR6 is designed to protect high speed data line interface from ESD, EFT and lighting.
Features http://onsemi.com PIN CONFIGURATION AND SCHEMATIC
I/O 1 GND 2 1/O 3 6 I/O 5 VCC 4 I/O
* * * * * * * * * *
Very Low Forward Voltage Drop Fast Switching PN Junction Guard Ring for Transient and ESD Protection ESD Rating of Class 3B (Exceeding 16 kV) per Human Body Model and Class C (Exceeding 400 V) per Machine Model IEC 61000-4-2 Level 4 ESD Protection Flammability Rating: UL 94 V-0 Ultra High-Speed Switching USB 1.1 and 2.0 Power and Data Line Protection Digital Video Interface (DVI) Monitors and Flat Panel Displays
Applications MARKING DIAGRAM
1 TSOP-6 CASE 318G PLASTIC STYLE 12 1
67M
67 = Specific Device Code M = Date Code
ORDERING INFORMATION
Device NUP4302MR6T1 Package TSOP-6 Shipping 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Semiconductor Components Industries, LLC, 2004
December, 2004 - Rev. 2
1
Publication Order Number: NUP4302MR6/D
NUP4302MR6
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Reverse Breakdown Voltage Forward Power Dissipation (TA = 25C) Forward Continuous Current Junction Operating Temperature Storage Temperature Range Symbol VBR PF IF TJ Tstg Value 30 225 200 -55 to +125 -55 to +150 Unit V mW mA C C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Parameter Reverse Breakdown Voltage Reverse Leakage Forward Voltage Forward Voltage Forward Voltage Forward Voltage Total Capacitance Reverse Recovery Time Symbol VBR IR VF VF VF VF CT trr IR = 100 mA VR = 25 V IF = 0.1 mAdc IF = 1.0 mAdc IF = 10 mAdc IF = 100 mAdc VR = 0 V, f = 1.0 MHz, I/O to Ground VR = 0 V, f = 1.0 MHz, I/O to I/O IF = IR = 10 mA, IR(REC) = 1.0 mA (Figure 1) Conditions Min 30 30 0.28 0.35 0.45 1.00 28 18 5.0 Typ Max Unit V mA V V V V pF ns
820 W +10 V 2k 100 mH 0.1 mF DUT 50 W OUTPUT PULSE GENERATOR 50 W INPUT SAMPLING OSCILLOSCOPE IF 0.1 mF tr tp 10% t IF trr t
90% VR IR INPUT SIGNAL
iR(REC) = 1 mA OUTPUT PULSE (IF = IR = 10 mA; measured at iR(REC) = 1 mA)
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
http://onsemi.com
2
NUP4302MR6
1000 IF, FORWARD CURRENT (mA) TA = 1 25C 85C 100 25C 10 10,000 IR, REVERSE CURRENT (mA) TA = 1 25C 1000 85C 100 10 1 0.1
25C
1
0
0.2
0.4
0.6
0.8
1.0
0
5
VF, FORWARD VOLTAGE (VOLTS)
25 10 15 20 VR, REVERSE VOLTAGE (VOLTS)
30
Figure 2. Forward Current as a Function of Forward Voltage; Typical Values
Figure 3. Reverse Current as a Function of Reverse Voltage; Typical Values
40 CD, DIODE CAPACITANCE (pF) 35 30 25 20 15 10 5 0 0 5 10 15 20 25 30 f = 1 MHz TA = 25C
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Diode Capacitance as a Function of Reverse Voltage; Typical Values
http://onsemi.com
3
NUP4302MR6
PACKAGE DIMENSIONS
TSOP-6 CASE 318G-02 ISSUE M
A L
6 1 5 2 4 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS DIM MIN MAX A 2.90 3.10 B 1.30 1.70 C 0.90 1.10 D 0.25 0.50 G 0.85 1.05 H 0.013 0.100 J 0.10 0.26 K 0.20 0.60 L 1.25 1.55 M 0_ 10 _ S 2.50 3.00 STYLE 12: PIN 1. I/O 2. GROUND 3. I/O 4. I/O 5. VCC 6. I/O INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
S
B
D G C H K J M
0.05 (0.002)
SOLDERING FOOTPRINT
2.4 0.094
1.9 0.075
0.95 0.037 0.95 0.037 0.7 0.028 1.0 0.039
SCALE 10:1
mm inches
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
NUP4302MR6/D


▲Up To Search▲   

 
Price & Availability of NUP4302MR6T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X