Part Number Hot Search : 
AR0233AT 02111 11000 MB3885 2SJ538 P0080SA UM3865P 81024
Product Description
Full Text Search
 

To Download NTE2588 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2588 Silicon NPN Transistor Horizontal Output for HDTV
Features: D High Breakdown Voltage: V(BR)CEO = 1200V Min D Isolated TO220 Type Package Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Collector Power Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.3C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Output Capacitance Symbol ICBO IEBO hFE fT VCE(sat) VBE(sat) Test Conditions VCB = 1200V, IE = 0 VEB = 4V, IC = 0 VCE = 5V, IC = 1.5A VCE = 10V, IC = 1.5A IC = 3mA, IB = 0.6mA IC = 3mA, IB = 0.6mA Min - - 10 - - - 1500 1200 5 - - 6 - - - - - 2.0 Typ - Max 1 1 60 - 5 2 - - - - MHz V V V V V pF Unit A A
V(BR)CBO IC = 100A, IE = 0 V(BR)EBO IE = 100A, IC = 0 Cob VCB = 100V, f = 1MHz
Collector-Emitter Breakdown Voltage V(BR)CEO IC = 1mA, RBE =
.402 (10.2) Max .224 (5.7) Max .122 (3.1) Dia .295 (7.5) .669 (17.0) Max .165 (4.2)
.173 (4.4) Max .114 (2.9) Max
B
C
E
.531 (13.5) Min
.100 (2.54)
.059 (1.5) Max
NOTE: Tab is isolated


▲Up To Search▲   

 
Price & Availability of NTE2588

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X