Part Number Hot Search : 
5B050 97M00 1M50V TD62309 01524 JDV2S14E HT66FU30 C4780
Product Description
Full Text Search
 

To Download NTE2322 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2322 Silicon PNP Transistor Quad, General Purpose
Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mA Total Device Dissipation (TA = +25C, Each Transistor), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.65W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5mW/C Total Device Dissipation (TA = +25C, Total Device), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.9W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Thermal Reistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON Characteristics (Note 1) DC Current Gain hFE VCE = 10V, IC = 10mA VCE = 10V, IC = 150mA VCE = 10V, IC = 300mA Collector-Emitter Saturation Voltage VCE(sat) VBE(sat) IC = 150mA, IB = 15mA IC = 300mA, IB = 30mA Base-Emitter Saturation Voltage IC = 150mA, IB = 15mA IC = 300mA, IB = 30mA 75 100 30 - - - - - - - - - - - - - - 0.4 1.6 1.5 2.6 V V V V V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO IC = 10mA, IB = 0, Note 1 IC = 10A, IE = 0 IE = 10A, IC = 0 VCB = 30V, IE = 0 VEB = 3V, IE = 0 40 60 5 - - - - - - - - - - 50 50 V V V nA nA Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse test: Pulse Width 300s, Duty Cycle 2%.
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter Small-Signal Characteristics Current Gain-Bandwidth Product Output Capacitance Input Capacitance fT Cobo Cibo VCE = 20V, IC = 50mA, f = 100MHz VCB = 10V, IE = 0, f = 1MHz VEB = 2V, IC = 0, f = 1MHz 200 - - - - - - 8 30 MHz pF pF Symbol Test Conditions Min Typ Max Unit
Pin Connection Diagram Collector 1 Base 2 Emitter 3 N.C. 4 Emitter 5 Base 6 Collector 7 14 Collector 13 Base 12 Emitter 11 N.C. 10 Emitter 9 8 Base Collector
14
8
1
7
.785 (19.95) Max .200 (5.08) Max
.300 (7.62)
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE2322

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X