Part Number Hot Search : 
MCM44C64 78L06 265002 2SC2758 LC4000Z U4285BM 2SK3150L 2316312
Product Description
Full Text Search
 

To Download NLS110-9602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NLS110-9602
* * * * *
Quad output
1
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 80-110W AC/DC Universal Input Switch Mode Power Supplies 7.0 x 4.25 x 1U package Overvoltage and short circuit protection 110W with 20CFM 90VAC to 264VAC universal input range EN55022 conducted emissions level B, radiated emissions level A * UL, VDE and CSA safety approvals * CE mark
The NLS110-9602 is a 110W universal input AC/DC power supply on a 7 x 4.25 inch card. The NLS110-9602 has proven itself to be highly reliable and versatile product for a wide range of communication and industrial applications, with a very high peak current capability on each output for drive and motor applications. The NLS110-9602 provides 80W of output power with free air convection cooling which can be boosted to 110W with 20CFM of air. Standard features include overvoltage and short circuit protection. The NLS110-9602 with full international safety approval and the CE mark, meets conducted emissions EN55022 level B. The NLS110-9602 is designed for use in low power data networking, computer, telecom and industrial applications such as servers, thermal printers, storage devices, vending machines and POS equipment.
2 YEAR WARRANTY All specifications are typical at nominal input, full load at 25C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS Total regulation Rise Time Transient response Temperature coefficient Overvoltage protection Short circuit protection +5.1V Cyclic operation Line and load At turn-on (See table) 1.0s, max. (See table) 0.02%/C 125%, 10% Yes with auto recovery
GENERAL SPECIFICATIONS Hold-up time Efficiency Isolation voltage Approvals and standards Weight MTBF (@ 25C) MIL-HDBK-217F
(6,8)
120VAC @ 60Hz 120VAC @ 110W Input/output Input/chassis
35ms @ 80W 25ms @ 110W 70% min. 3000VAC 1500VAC
EN60950, VDE0805, IEC950 UL1950, CSA C22.2 No. 950 383g (13.5 oz.) 220,000 hours min.
INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current (cold start) Safety ground leakage current Input current 120VAC 230VAC 120VAC, 60Hz 230VAC, 50Hz 120VAC 120VAC 230VAC 230VAC @ @ @ @ 80W 110W 80W 110W Universal input 90 to 264VDC 47Hz to 440Hz 18A max. 35A max. 0.45mA 0.75mA 0.95A 1.35A 0.53A 0.75A rms rms rms rms
ENVIRONMENTAL SPECIFICATIONS Thermal performance
Operating ambient, 0C to +50C (see derating curve) Non-operating -40C to +85C +50C to +70C, Derate to amb. convection cooled 50% load 0C to +50C, 80W amb. convection cooled 0C to +50C ambient, 110W 150LFM forced air Peak (0C to +50C, 60s) (See Note 4) Non-condensing Operating Non-operating 5Hz to 500Hz per MIL-STD-810E 5% to 95% RH 10,000 feet max. 30,000 feet max. 2.4G rms peak 516.4 Part IV
Input fuse
UL/IEC127
(11)
F3.15A H, 250VAC
Relative humidity Altitude
EMC CHARACTERISTICS Conducted emissions Radiated emissions Harmonic current emission correction ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity
EN55022, FCC part 15 EN55022, FCC part 15 EN61000-3-2 EN61000-4-2 EN61000-4-2 EN61000-4-5 EN61000-4-4 EN61000-4-3 EN61000-4-6
Level B Level A Compliant Level Level Level Level Level Level 3 3 3 3 3 3
Vibration (See Note 7) Shock
File Name: NLS110.PDF Rev: 12 June 2001
NLS110-9602
OUTPUT VOLTAGE +5.1V +24.0V +12.0V -12.0V Notes OUTPUT CURRENTS MAX
(1)
Quad output
2
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 80-110W AC/DC Universal Input Switch Mode Power Supplies
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PEAK
(2)
FAN
(3)
RIPPLE 50mV
(4)
TOTAL REGULATION 2.0% 5.0% 3.0% 3.0%
(5)
MODEL NUMBERS NLS110-9602
(12)
8.0A 3.5A 4.5A 0.5A
20.0A 4.5A 9.0A 1.5A
10.0A 4.5A 5.0A 1.0A
240mV 120mV 120mV
TRANSIENT RESPONSE NLS110-9602 +5.1V (7.5A to 10A) +24V (1.5A to 3A) +12V (2.5A to 5A) -12V (0.5A to 1A) 150mV peak, 1ms recovery 300mV peak, 1ms recovery 100mV peak, 0.5ms recovery 100mV peak, 0.5ms recovery
Convection cooled, 80W maximum. Peak outputs lasting less than 60 seconds with duty cycle less than 10%. Total peak power must not exceed 110W. 3 Forced air, 20CFM at 1 atmosphere, 110W maximum. 4 Amplitude is peak-to-peak. Output ripple is measured across a 20MHz bandwidth using a 12 inch twisted pair terminated with a 10F capacitor. 5 Total regulation is defined as the static output regulation at 25C, including initial tolerance, line voltage within stated limits and output voltages adjusted to their factory settings. 6 Derating curve is application specific for ambient temperatures >50C. 7 Three orthogonal axes, random vibration, 10 minute test for each axis. 8 For optimum reliability no part of the heatsink should exceed 100oC and no semiconductor case temperature should exceed 115oC. 9 Caution: Allow a minimum of 1 second after disconnecting the power when making thermal measurements. 10 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 11 The EMI specifications reference measurements made with the power supply mounted on a grounded metal sheet extending 1 inch beyond each edge, using an unshielded cable. No external filtering is required during conducted emissions testing but some applications may require additional filtering to achieve system compliance. A line choke, (AC input cords looped twice through an EMI suppression toroid) was used during radiated emissions testing. Considerable radiated testing in 1U six-sided boxes has shown that units can meet level B in typical systems. Application support is available from the factory to assist with EMI compliance. 12 Requires a minimum mounting stand-off of 6.35mm (0.25 inches) in the end use product.
1 2
DERATING CURVE
Output Power (Watts)
110W 80W
150 LFM FORCED AIR COOLING
NATURAL CONVECTION COOLING
55W 40W
OUTPUT PIN CONNECTIONS J2 FUNCTION Pin 1 +5.1V Pin 2 +5.1V Pin 3 Return Pin 4 Return Pin 5 Return Pin 6 Return Pin 7 +12V Pin 8 +12V Pin 9 +24V Pin 10 PFD Pin 11 -12V Return Pin 12 -12V
INPUT PIN CONNECTIONS J1 Pin 1 AC Neutral Pin 2 No Connection Pin 3 AC Line J4 Pin 1 Safety Earth
0C 10C 20C 30C 40C 50C 60C 70C
OPTIONAL POWER FAIL DETECT TIMING DIAGRAM
Power fail detect signal
50msT1200ms T2 will vary with line and load T33ms Pout: 110W PFD output is an open collector which will sink 40mA in the low state.
AC INPUT 4.75V HIGH LOW PFD SIGNAL 0-0.4 MAX T1 T2 4.75V
5V OUTPUT
3.5V MIN T3
Please consult our website for the following items:
Application Note
www.artesyn.com
File Name: NLS110.PDF Rev: 12 June 2001
NLS110-9602
Mechanical Notes
A All dimensions are in inches (mm).
Quad output
3
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 80-110W AC/DC Universal Input Switch Mode Power Supplies
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
2
7.00 (177.80) 6.500 (165.100)
4
J4
3
T1 (REF) 12 4.25 (107.95) 3.750 (95.250)
1 Recommended direction for forced air relative to power supply orientation shown below.
1 2 3 4
1
T2 (REF) J2
F1
Optimum. Very good. Not recommended. Not recommended.
3 J1 1
0.25 (6.35) 0.25 (6.35)
J5
2 1
TOLERANCE: .XXX: 0.005 (0.127) .XX: 0.02 (0.51)
ALL DIMENSIONS IN INCHES (mm)
Input and output connectors
AC (J1) connector type Molex 26-60-4030 or equivalent.
Mating connectors
AC (J1) mating connector type Molex 09-50-3031 or equivalent with Molex 08-50-0105 or equivalent crimp terminals. DC (J2) mating connector type Molex Spox type 26-03-3121 and contact 08-52-0113. Earth (J4) mating connector type Molex 90028.
DC (J2) connector type 12 position Molex Spox type 26-48-1125 or equivalent. Earth (J4) connector type Male 0.250 quick disconnect.
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1049 Licence No. 2874, 1653 and 1049 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
Data Sheet (c) Artesyn Technologies(R) 2002 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
Application Note
www.artesyn.com
File Name: NLS110.PDF Rev: 12 June 2001


▲Up To Search▲   

 
Price & Availability of NLS110-9602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X