Part Number Hot Search : 
MBR20200 MBR20100 MN101EF AK4116 D4020LTP 124ML 16000 ZPY18
Product Description
Full Text Search
 

To Download NLB6448AC33-29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
TFT COLOR LCD MODULE
NL6448AC33-29
26 cm (10.4 inches), 640 x 480 pixels, 262,144 colors, Incorporated two-lamp/Edge-light type backlight Ultra Wide viewing angle
DESCRIPTION
NL6448AC33-29 is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) comprising amorphous silicon TFT attached to each signal electrode, a driving circuit and a backlight. NL6448AC33-29 has a built-in backlight. Backlight includes long-life-lamps and the lamps are replaceable. The 26 cm (10.4 inches) diagonal display area contains 640 x 480 pixels and can display 262,144 colors simultaneously. NL6448AC33-29 is suitable for industrial application use, because the viewing angle is ultra wide and the luminance is high. Also the viewing direction is selectable either upper or lower side changing scan direction.
FEATURES
* Ultra wide viewing angle with lateral electric field * High luminance (250 cd/m2, typ.) * Low reflection * 6-bit digital RGB interface * Data enable (DE) function * Incorporated edge type backlight with lamps (Two lamps, with inverter) * Lamp holder replaceable (Type No.: 104LHS31) * Reversible scan direction * Variable luminance control * Easy to assemble a touch panel * No antiglare treatment
APPLICATIONS
* Display terminals for control system * Monitors for process controller * Industrial PC
The information in this document is subject to change without notice.
Document No. EN0439EJ1V0DS00 Date Published May 1999 P Printed in Japan
(c)
1999
NL6448AC33-29
STRUCTURE AND FUNCTIONS
A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel. RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT cells. Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when activated by the data source. By regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity.
BLOCK DIAGRAM
<1> In case of use the inverter of NEC
H-driver
R0 - R5 G0 - G5 B0 - B5
Digital signal processor
Level shift
1920 lines
480 lines
V-driver
TFT LCD panel H: 640 x 3 (R, G, B) V: 480
CLK Hsync Vsync DPS DE
LCD timing controller
Scan select
VCC
Power supply circuit
LSIs Backlight Drivers
VDDB GNDB BRTHL BRTC BRTH BRTL
Inverter
Frame GND (SG)
Note Both frame and GNDB (Backlight ground) are not contacted to the lamp holder.
2
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
<2> In case of use the inverter of customers
H-driver
R0 - R5 G0 - G5 B0 - B5
Digital signal processor
Level shift
480 lines V-driver
1920 lines
TFT LCD panel H: 640 x 3 (R, G, B) V: 480
CLK Hsync Vsync DPS DE
LCD timing controller
Scan select
VCC
Power supply circuit
LSIs Backlight Drivers
VH VL Frame GND (SG)
Note Both frame and GNDB (Backlight ground) are not contacted to the lamp holder.
Data Sheet EN0439EJ1V0DS00
3
NL6448AC33-29
OUTLINE OF CHARACTERISTICS (at room temperature)
Display area Drive system Display colors Number of pixels Pixel arrangement Pixel pitch Module size Inverter size Weight Contrast ratio 211.2 (H) x 158.4 (V) mm a-Si TFT active matrix 262,144 colors 640 x 480 pixels RGB vertical stripe 0.33 (H) x 0.33 (V) mm 243.0 (H) x 185.1 (V) x 10.5 typ. (D) mm 25.0 (H) x 105.0 (V) x 10.2 max. (D) mm 510 g (typ.) + 15 g (typ., inverter) 150 : 1 (typ.) Horizontal : 80 (typ., left side, right side) Vertical Designed viewing direction Color gamut Response time Luminance Signal system Supply voltages Backlight Power consumption : 80 (typ., up side, down side) Optimum grayscale ( = 2.2): perpendicular 45% (typ., At center, to NTSC) 50 ms (typ.), black to white 250 cd/m2 (typ.) 6-bit digital signals for each of RGB primary colors, synchronous signals (Hsync, Vsync), dot clock (CLK) 3.3 V [5.0 V] (Logic, LCD driving), 12.0 V (Backlight) Edge light type, two cold cathode fluorescent lamp 7.1 W (typ., 3.3 V, 12.0 V)
Viewing angle (more than the contrast ratio of 10 : 1)
4
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
GENERAL SPECIFICATIONS
Item Module size Inverter size Display area Number of dots Number of pixels Dot pitch Pixel pitch Pixel arrangement Display colors Weight Specification 243.0 0.5 (H) x 185.1 0.5 (V) x 11.2 max. (D) 25.0 0.5 (H) x
+0.7 105.0 -0.3
Unit mm mm mm dot pixel mm mm - color g
(V) x 10.2 max. (D)
211.2 (H) x 158.4 (V) 640 x 3 (H) x 480 (V) 640 (H) x 480 (V) 0.11 (H) x 0.33 (V) 0.33 (H) x 0.33 (V) RGB (Red, Green, Blue) vertical stripe 262,144 Module: 530 (max.) + Inverter: 20 (max.)
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Input voltage Supply voltage Input voltage Lamp voltage Storage temp. Operating temp. Humidity (No condensation) Symbol VCC VI VDDB BRTC VL TST TOP RH Rating -0.3 to 6.5 -0.3 to 6.5 -0.3 to 15.0 -0.3 to 7.0 2000 -20 to 60 0 to 50 95% relative humidity 85% relative humidity Absolute humidity shall not exceed Ta = 50C, 85% relative humidity level. Unit V V V V Vrms C C - - - Module surface Ta 40C 40 < Ta 50C Ta > 50C
Note
Remarks Ta = 25C VI - VCC < 0.3
-
Note Measured at the display area
Data Sheet EN0439EJ1V0DS00
5
NL6448AC33-29
ELECTRICAL CHARACTERISTICS
(1) Logic, LCD driving Ta = 25C
Parameter Supply voltage Symbol VCC MIN. 3.0 (4.75) 0 VCC x 0.7 - - TYP. 3.3 (5.0) - - 400
Note
MAX. 3.6 (5.25) VCC x 0.3 5.25 600 (400)
Unit V VCC = 3.3 V (VCC = 5.0 V)
Remarks
Logic input Low voltage Logic input High voltage Supply current
VIL VIH ICC
V V mA VCC = 3.3 V (VCC = 5.0 V)
(300)
Note Checkered flag pattern (in EIAJ ED-2522) (2) Backlight <1> Inventer Ta = 25C
Parameter Supply voltage Logic input "L" voltage Logic input "H" voltage Luminance control voltage Supply current Symbol VDDB VIL VIH - - IDDB MIN. 11.4 0 2.0 - - - TYP. 12.0 - - 2.5 1.2 480 MAX. 12.6 0.8 5.0 - - - Unit V V V V V mA Minimum luminance Maximum luminance 250 cd/m
2
Remarks - BRTC
<2> Lamp
Parameter Lamp current Lamp voltage Power supply Lamp turn on voltage Symbol IL VL PL Vs MIN. 2.0 x 2 - - 840 1265 Oscillator frequency Ft 50 TYP. 5.0 x 2 510 2.55 - - 54 MAX. - - - - - 58 Unit mArms Vrms W mA mA kHz Ta = 25C Ta = 0C Note Remarks With two lamps IL = 5 mArms -
Note Recommended value of "Ft" * Ft is within the specification. * Ft = 1/4 th x (2n - 1) th: Hsync period n : a natural number (1, 2, 3, ***) If Ft is out of the recommended value, interference between Ft frequency and Hsync frequency may cause beat on the display.
6
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
SUPPLY VOLTAGE SEQUENCE
Notes 1. The supply voltage for input signals should be the same as VCC. 2. Apply VDDB within the LCD operation period.
VALID ON OFF Time
VCC Signals Notes 1, 2, 3
3.0 V (4.75 V)
0 < t < 35 ms
0 < t < 35 ms
3.0 V (4.75 V)
When the backlight turns on before LCD operation or the LCD operation turns off before the backlight turns off, the display may momentarily become white. 3. While the power is off, please keep whole signals (Hsync, Vsync, CLK, DE, and DATA) at low level or high impedance.
INTERFACE AND PIN CONNECTION
(1) Interface signals, power supply Module side connector Mating connector IL-310-T31S-VF ************************* (2) Supplier: (1) HIROSE ELECTRIC CO., LTD., (2) Japan Aviation Electronics Industry Limited (JAE)
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Symbol GND CLK Hsync Vsync GND R0 R1 R2 R3 R4 R5 GND G0 G1 G2 G3 G4 G5 Function Ground (SG) Dot clock Horizontal sync. Vertical sync. Ground
Note 4 Note 4
CN1 *** DF9C-31P-1V (No.1 to 31) DF9-31S-1V, DF9M-31S-1R ****** (1)
Pin No. 19 20 21 22 23 24 25 26 27 28 29 30 31
Symbol GND B0 B1 B2 B3 B4 B5 GND DE VCC VCC N. C. DPS Ground
Function
Note 4
Blue data (LSB) Blue data Blue data Blue data Blue data Blue data (MSB) Ground
Note 4
Red data (LSB) Red data Red data Red data Red data Red data (MSB) Ground
Note 4
Data enable
Note 2
Power supply Power supply
Note 1
Note 1
Non-connection Scan direction select
Note 3
Green data (LSB) Green data Green data Green data Green data Green data (MSB)
LSB : Least Significant Bit MSB : Most Significant Bit
Data Sheet EN0439EJ1V0DS00
7
NL6448AC33-29
Notes 1. VCC: All VCC terminals should be connected to 3.3 V or 5.0 V. 2. DE: DE/Fixed mode select is as follows. Data enabled signal = DE mode VCC or Open = Fixed mode 3. DPS: DPS changes display scan direction. GND or Open = Scan direction will be decided by the setting of SW1. VCC Open) When DPS is VCC, reverse scan is selected even if SW1 is set at normal scan. When DPS is GND, normal scan is selected even if SW1 is set at reverse scan. 4. GND is connected to the frame of the LCD module. (2) Inverter * Inverter side connector 1 CN1 *** LZ-5P-SL-SMT Mating connector 1 LZ-5S-SC3 = Reverse scan INPUT SIGNAL TIMING See (4) DISPLAY POSITION about another way for reversible scan. (DPS is
Supplier: Japan Aviation Electronics Industry Limited (JAE)
Pin No. 1 2 3 Symbol VDDB VDDB GNDB Function Power supply Power supply Backlight ground Pin No. 4 5 Symbol GNDB BRTHL Function Backlight ground Luminance select
Note
Note High luminance (100%): BRTHL = High or open Low luminance (60%): BRTHL = Low (GNDB level) * Inverter side connector 2 CN3 *** IL-Z-3PL-SMTY Mating connector 2 IL-Z-3S-S125C3
Supplier: Japan Aviation Electronics Industry Limited (JAE)
Pin No. 1 2 3 Symbol BRTC BRTH BRTL Function Backlight ON/OFF signal Luminance control input Luminance control input
Note 1
Note 2
Note 2
Notes 1. C-MOS level Backlight ON : BRTC = High or open Backlight OFF : BRTC = Low 2. <1> A way of luminance control by a variable resistor This way works when BRTHL (No.5 pin) of CN1 is opened.
Mating variable resistor : 10 k 5% Minimum luminance (50%) : R = 0 Maximum luminance (100%) : R = 10 k
BRTL R
BRTH
<2> A way of luminance control by a voltage This way works when BRTHL and BRTL are opened. The range of input voltage between BRTH and GNDB is as follows. Minimum luminance (50%) : 2.5 V Maximum luminance (100%): 1.2 V
8
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
<3> Connector location
Upper side
CN2 LCD Module Inverter CN1 1 CN3 Lower side 3 * * * * 1 1 2 2 3 3 2 3 4 5 1 * 31 * * * 30 * * 2 4
CN1

Data Sheet EN0439EJ1V0DS00
9
NL6448AC33-29
[In case of use the inverter of customers] Lamp side connector Mating connector CN2 *** BHR-03VS-1 SM03 (4.0) B-BHS-TB Supplier: J. S. T TRADING COMPANY, LTD.
Pin No. 1 2 3 Symbol VL VH VH Function Low voltage terminal High voltage terminal High voltage terminal
<1> Connector location
Upper side
CN2 LCD module
CN1
1 Lower side 3 * * * * * 31 1 2 3
2 4 * * * * * 30


10
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
DISPLAY COLORS vs. INPUT DATA SIGNALS
Data signal (0: Low level, 1: High level) Display colors R5 Basic colors Black Blue Red M a g e nta Green Cyan Yellow White Red grayscale Black 0 0 1 1 0 0 1 1 0 0 dark bright 1 1 Red Green grayscale Black 1 0 0 dark bright 0 0 Green Blue grayscale Black 0 0 0 dark bright 0 0 Blue 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 0 1 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 1 1 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 1 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 0 1 1 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 R4 0 0 1 1 0 0 1 1 0 0 0 R3 0 0 1 1 0 0 1 1 0 0 0 R2 0 0 1 1 0 0 1 1 0 0 0 R1 0 0 1 1 0 0 1 1 0 0 1 R0 0 0 1 1 0 0 1 1 0 1 0 G5 0 0 0 0 1 1 1 1 0 0 0 G4 0 0 0 0 1 1 1 1 0 0 0 G3 0 0 0 0 1 1 1 1 0 0 0 G2 0 0 0 0 1 1 1 1 0 0 0 G1 0 0 0 0 1 1 1 1 0 0 0 G0 0 0 0 0 1 1 1 1 0 0 0 B5 0 1 0 1 0 1 0 1 0 0 0 B4 0 1 0 1 0 1 0 1 0 0 0 B3 0 1 0 1 0 1 0 1 0 0 0 B2 0 1 0 1 0 1 0 1 0 0 0 B1 0 1 0 1 0 1 0 1 0 0 0 B0 0 1 0 1 0 1 0 1 0 0 0
Note Colors are developed in combination with 6-bit signals (64 steps in grayscale) of each primary red, green, and blue color. This process can result in up to 262,144 (64 x 64 x 64) colors.
Data Sheet EN0439EJ1V0DS00
11
NL6448AC33-29
INPUT SIGNAL TIMING
(1) Input signal specifications (DE mode)
Parameter CLK Frequency Duty Rise, fall Hsync Period Symbol 1/tC tch/tC tcrf th MIN. 21.0 0.4 - 30.0 - Display period Front-porch thd thf 2 Pulse width thp - 10 Back-porch thb - 4 thp + thb 14 CLK-Hsync timing Hsync-CLK timing Hsync-Vsync timing Vsync-Hsync timing Rise, fall Vsync Period thch thcs tvh tvs thrf tv 12 8 1 30 - 16.1 - Display period Front-porch tvd tvf - 0 Pulse width tvp 1 1 Back-porch tvb - 4 tvp + tvb - 5 Rise, fall DATA R0-R5 G0-G5 B0-B5 DE CLK-DATA timing DATA-CLK timing Rise, fall DE-CLK timing CLK-DE timing Rise, fall tvrf tds tdh tdrf tes teh terf - 8 12 - 8 12 - TYP. 25.175 0.5 - 31.778 800 640 16 16 96 96 48 48 144 144 - - - - - 16.683 525 480 12 12 2 2 31 31 33 33 - - - - - - - - - - - - - - - 10 - - 10 - - 10 - - - - - 10 17.2 - - - - 134 - MAX. 29.0 0.6 10 33.6 - Unit MHz - ns Remarks 39.72 ns (typ.) - - 31.468 kHz (typ.)
s
CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK ns ns CLK ns ns ms H H H H H H H H H H ns ns ns ns ns ns ns
- Fixed mode - Fixed mode - Fixed mode Adjustable range by DE signal Fixed mode Adjustable range by DE signal - - - - - 59.94 Hz (typ.)
- Fixed mode - Fixed mode - Fixed mode Adjustable range by DE signal Fixed mode Adjustable range by DE signal - - - - -
Caution
All of parameters should be kept in the specified range.
Data Sheet EN0439EJ1V0DS00
12
NL6448AC33-29
(2) Definition of input signal timing
tv tvp
Vsync tvf
tvb
Display period Note
tvd
DE

th thp
Hsync
thb
thf
Display period Note
thd
DE
Notes 1. These do not exist as signals. 2. Keep thp + thb and tvp + tvb within the value shown in the table of input signal timing, otherwise display position is shifted to right or left side, or to up or down side.
Data Sheet EN0439EJ1V0DS00
13
NL6448AC33-29
tC tch 0.7 VCC 0.5 VCC 0.3 VCC tcrf
CLK
tds DATA (R0 - R5) 0.7 VCC (G0 - G5) 0.5 VCC (B0 - B5) 0.3 VCC tdrf INVALID
tdh INVALID
tdrf
teh 0.7 VCC 0.5 VCC 0.3 VCC
tes
teh
tes
DE
terf
terf
CLK
0.5 VCC thch 0.7 VCC 0.5 VCC 0.3 VCC thrf thcs
Hsync
Hsync
0.5 VCC tvh 0.7 VCC 0.5 VCC 0.3 VCC tvrf tvs
Vsync
14
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
(3) Input signal timing chart (a) Fixed mode
Vsync 1H(MIN.) 31H (fixed) 1H 480H (fixed) 12H
Hsync 123 33 34 513 514
Hsync
R0-R5 G0-G5 B0-B5
INVALID
,, ,, , ,,, ,,,,, , ,,, ,, ,, ,,,,,
34 35 513 514 515 D (X, 0) D (X, Y) D (X, 478) D (X, 479) INVALID
(Note X = 0 to 639)
Hsync
R0-R5 G0-G5 B0-B5
,,, ,,,
INVALID 1 2
D (0, Y) D (1, Y)
D (X, Y)
D (638, Y) D (639, Y)
,,,,, ,,,,,
INVALID 16CLK
Hsync 1CLK 144CLK (fixed) 640CLK (fixed)
CLK
R0-R5 G0-G5 B0-B5
,,,,,, ,,,,,,
144 145 INVALID
D (0, Y) D (1, Y)
D (639, Y)
,,,,, ,,,,,
784 785 800 1 INVALID (Note Y = 0 to 479)
Data Sheet EN0439EJ1V0DS00
15
NL6448AC33-29
(b) DE mode
Vsync 1H tvp tvb 480H (fixed) tvf
Hsync 123 1
DE
R0-R5 G0-G5 B0-B5
,,,, , ,,,,,, ,,, ,,,,,, ,,,, ,,
INVALID D (X, 0) D (X, Y) D (X, 479)
INVALID (Note X = 0 to 639)
DE
R0-R5 G0-G5 B0-B5
,,,, ,,,,
INVALID thp thb 1 2
D (0, Y) D (1, Y)
D (X, Y)
D (638, Y) D (639, Y)
,,,, ,,,,
INVALID thf 784 785 800 1
Hsync 1CLK 640CLK (fixed)
CLK 144 145
DE
R0-R5 G0-G5 B0-B5
,,,,,, ,,,,,,
INVALID
D (0, Y) D (1, Y)
D (639, Y)
,,,,, ,,,,,
INVALID (Note Y = 0 to 479)
16
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
(4) Display position of input data Normal scan (DPS = "GND" or "Open")
D (0, 0) D (0, 1) D (1, 0) D (1, 1) D (X, 0) D (X, 1) D (638, 0) D (638, 1) D (639, 0) D (639, 1)
D (0, Y)
D (1, Y)
D (X, Y)
D (638, Y)
D (639, Y)
D (0, 478) D (0, 479)
D (1, 478) D (1, 479)
D (X, 478) D (X, 479)
D (638, 478) D (638, 479)
D (639, 478) D (639, 479)
Reverse scan (DPS = "VCC")
D (639, 479) D (639, 478) D (638, 479) D (638, 478) D (X, 479) D (X, 478) D (1, 479) D (1, 478) D (0, 479) D (0, 478)
D (639, Y)
D (638, Y)
D (X, Y)
D (1, Y)
D (0, Y)
D (639, 1) D (639, 0)
D (638, 1) D (638, 0)
D (X, 1) D (X, 0)
D (1, 1) D (1, 0)
D (0, 1) D (0, 0)
Notes 1. Below drawings shows relation between the scan direction and viewing direction.
Normal scan C N 2 D (0, 0) C N 1 D (0, 479) D (0, 479) D (639, 479) C N 2 D (639, 479) D (639, 0) C N 1 D (0, 0) Reverse scan D (639, 0)
2. When DPS is open, or Low, the scan direction is set up by the switch (SW1) on the rear side.
Rear view
The scan direction select
SW1
Normal scan (Factory set)
Reverse scan
See (1) Interface signals, power supply about another way for reversible scan. When DPS is VCC, reverse scan is selected even if SW1 is set at normal scan.
Data Sheet EN0439EJ1V0DS00
17
NL6448AC33-29
OPTICAL CHARACTERISTICS
VCC = 3.3 V, VDDB = 12 V, MAV = "VCC" or "Open" at normal scan
Parameter Luminance Contrast ratio Viewing angle range Note 3 Horizontal Symbol LVMAX CR Condition min. Note 1 Note 2 200 80 70 70 70 70 40 - - - typ. 250 150 80 80 80 80 45 50 50 1.25 max. - - - - - - - 70 80 1.4 Unit cd/m - deg. deg. deg. deg. % ms ms -
2
X = 0, Y = 0, at center X = 0, Y = 0, at center
CR > 10, Y = 0, CR > 10, Y = 0, CR > 10, X = 0 CR > 10, X = 0 at center, to NTSC Black to white White to black Maximum luminance Minimum luminance
X+ X-
Vertical
Y+ Y-
Color gamut Response time Note 4 Luminance uniformity Note 5
C ton toff -
Notes 1. The luminance is measured after 20 minutes from the module works, with all pixels in white. Typical value is measured after luminance saturation.
Photodetector (TOPCON BM-5A)
1
LCD
50 cm
2. The contrast ratio is calculated by using the following formula. Luminance with all pixels in white Luminance with all pixels in black The Luminance is measured in darkroom. 3. Definitions of viewing angle are as follows.
Normal
Contrast ratio (CR) =
X-
Left
12 o'clock
Y-
Y+
X+
Upper
Lower
Right
18
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
4. Definition of response time is as follows. Photodetector output signal is measured when the luminance changes "black" to "white" or "white" to "black".
100 % White 90 %
Luminance
Black 10 % 0% t on t off
5. The luminance uniformity is calculated using following formula. Maximum luminance Minimum luminance The luminance is measured at near the five points shown below.
Column 106 320 533 Line 1 3 2 5 4 80 240 400
Luminance uniformity =
Data Sheet EN0439EJ1V0DS00
19
NL6448AC33-29
RELIABILITY TEST
Test item High temperature/humidity operation
Note 1
Test condition 50 2C, 85% relative humidity 240 hours Display data is black. <1> 0C 3C *** 1 hour 55C 3C *** 1 hour <2> 50 cycles, 4 hours/cycle <3> Display data is black. <1> -20C 3C *** 30 minutes 60C 3C *** 30 minutes <2> 100 cycles <3> Temperature transition time within 5 minutes <1> 5 - 100 Hz, 2G 1 minute/cycle X, Y, Z direction <2> 120 times each direction <1> 55 G, 11 ms X, Y, Z direction <2> 5 times each direction 150 pF, 150 , 10 kV 9 places on a panel 10 times each place at one-second intervals 15 kinds of dust (JIS Z 8901) Hourly 15 seconds stir, 8 times repeat
Heat cycle
Note 1
(operation)
Thermal shock
Note 1
(non-operation)
Vibration
Notes 1, 2
(non-operation)
Mechanical shock
Notes 1, 2
(non-operation)
ESD
Notes 1, 3
(operation)
Dust
Note 1
(operation)
Notes 1. Display function is checked by the same condition as LCD module out-going inspection. 2. Physical damage. 3. Discharge points "{" are shown in the figure.
20
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
GENERAL CAUTIONS
Next figures and sentence are very important. Please understand these contents as follows.
This figure is a mark that you will get hurt and/or the module will have damages when you make a mistake to operate.
CAUTION
This figure is a mark that you will get an electric shock when you make a mistake to operate.
This figure is a mark that you will get hurt when you make a mistake to operate
CAUTION
Do not touch an inverter, on which is stuck a caution label, while the LCD module is under the operation, because of dangerous high voltage.
(1) Caution when taking out the module a) Pick the pouch only, in taking out module from a carrier box. (2) Cautions for handling the module a) As the electrostatic discharges may break the LCD module, handle the LCD module with care against electrostatic discharges. b) c) As the LCD panel and backlight element are made from fragile glass material, impulse and pressure to the LCD module should be avoided. As the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. d) Do not pull the interface connectors in or out while the LCD module is operating. e) Put the module display side down on a horizontal plane. f) Handle connectors and cables with care. the LCD panel would be damaged. h) i) The torque to mounting screw should never exceed 0.294 N*m (3 kgf*cm). Don't push or rub the surface of LCD module. If you do, the scratches or rubbing marks may be left there. (3) Cautions for the atmosphere a) Dew drop atmosphere should be avoided. b) Do not store and/or operate the LCD module in a high temperature and/or high humidity atmosphere. Storage in an electro-conductive polymer packing pouch and under relatively low temperature atmosphere is recommended. c) This module uses cold cathod fluorescent lamp. Therefore, the life time of the lamp becomes short if the module is operated in the low temperature environment. d) Do not operate the LCD module in a high magnetic field. (4) Caution for the module characteristics a) Do not apply fixed pattern data signal for a long time to the LCD module. It may cause image sticking. Please use screen savers if the display pattern is fixed more than one hour. g) When the module is operating, do not lose CLK, Hsync or Vsync signal. If any one of these signals is lost,
Data Sheet EN0439EJ1V0DS00
21
NL6448AC33-29
(5) Other cautions a) Do not disassemble and/or reassemble LCD module. b) Do not readjust variable resistors etc. c) When returning the module for repair or etc, please pack the module not to be broken. We recommend to the original shipping packages. Liquid Crystal Display has the following specific characteristics. There are not defects or malfunctions. * The display condition of LCD module may be affected by the ambient temperature. * The LCD module uses cold cathode tube for backlighting. Optical characteristics, like luminance or uniformity, will change during time. * Uneven brightness and/or small spots may be noticed depending on different display patterns.
22
Data Sheet EN0439EJ1V0DS00
11.2max.
11.2max. CN2
50.3 2.50.2 (2.9) (12.9) (8.1)
2430.5 2350.3 (215.4) (Bezel opening) (211.2) (Active area) 11.2max. (4.8) 7.20.3 (9.3) (3.9)
(2.8)
(4)
(5.7) CN2 (5) 14.60.3 (4.7) 2-R1.75
(29.4)
170.3 (5.1)
2- 2.5 2.50.2 50.3 (13) (88.3)
OUTLINE DRAWING: Front View (Unit: mm)
(6.3) Module center (3.15) (1.8)
CAUTION
HIGH VOLTAGE
(88.3)
185.10.5
166.60.3
(82) (97.5) (84.5)
+0.7
Data Sheet EN0439EJ1V0DS00
105-0.3 (161.8) (Bezel opening)
(158.4) (Active area) 132.60.3
Active area center
(3.7)
4-CPIMS x M2 x L4 (4.7)
50.3 2.50.2
2.50.2 50.3 8.0typ. 8.0typ.
CN1 : DF9C-31P-1V
Remark
2- 3.5
(2.8)
(5.1) (8.1) (2.9) (3.9)
(5.7)
(4)
(15) 250.5 Inverter (t = 10.2max.) CN3 : IL-Z-3PL-SMTY (JAE) CN1: LZ-5P-SL-SMT (JAE) 104PWBR1
8.0typ.
The torque to mounting screw should never exceed 0.294 N*m (3 kgf*cm).
NL6448AC33-29
23
24
(3.4) 6010 (5.6) (4.5) (2.4)
BHR-03VS-1 (JST) 1PIN : COLD, 2-3PIN : HOT
(5.3)
HIGH VOLTAGE
C A U TI O N
RISK OF ELECTRIC SHOCK. DISCONNECT THE ELECTRIC POWER BEFORE SERVICE.
OUTLINE DRAWING: Rear View (Unit: mm)
(9.7) (5.1)
Name 104DLM-31 S
Lot No.
(5) 83.30.3
(4.6)
(2.3)
(16.4)
Data Sheet EN0439EJ1V0DS00
-
THE TFT COLOR LCD PANEL CONTAINS COLD CATHODE FLUORESCENT LAMPS. PLEASE FOLLOW LOCAL ORDINANCES OR REGULATIONS FOR ITS DISPOSAL
(21.6)
CN1 : DF9C-31P-1V
(6.8) (5)
104PWBR1
NL6448AC33-29
(8)
(3.4) (4.5) (3.4)
K2000A403324 A9210423 A 2000A483324
MADE IN JAPAN
NL6448AC33-29
(5.3)
(6.6)
(2.4)
NL6448AC33-29
[MEMO]
Data Sheet EN0439EJ1V0DS00
25
NL6448AC33-29
[MEMO]
26
Data Sheet EN0439EJ1V0DS00
NL6448AC33-29
[MEMO]
Data Sheet EN0439EJ1V0DS00
27
NL6448AC33-29
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents. Copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its Electronic Components, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC Electronic Components, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
DATA SHEET


▲Up To Search▲   

 
Price & Availability of NLB6448AC33-29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X