Part Number Hot Search : 
BC850C 2050CT SFRU9024 A1180EUA SFRU9024 BCWL120 1585A BTP955M3
Product Description
Full Text Search
 

To Download MXO45HS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MXO45/MXO45HS
Metal DIP Clock Oscillator
Stability to 20 PPM +5.0Vdc Operation CMOS/TTL Compatible Operating Temperature to -40C to +85C Output Enable Option 14 Pin and 8 Pin Packages
Electrical Characteristics
Parameter
Output Frequency Range Stability (Note 1) (See Ordering Information) Supply Voltage Operating Supply Current
Symbol
fO f/f
Conditions
-
Min
1.0 -
Typical
-
Max
105.561 20,25,50 or 100 5.5 12 25 40 60 85 50 30 15 10 0.4 -16 +16 55 60 55 8 5 3 10 -
Unit
MHz ppm
V CC ICC 1.0 MHz to 7.0 MHz 7.1 MHz to 25 MHz 25.1 MHz to 50 MHz 50.1 MHz to 70 MHz 80.1 MHz to 105.561 MHz CL=50pF CL=50pF CL=50pF CL=30pF CL=15pF Vcc-0.4V Vcc-0.6V V CC = 4.5V VCC = 4.5V 45 40 45 CL=50pF CL=30pF CL=15pF See `Enable Truth Table' on Page 2 or 3 Peak - Peak 5 15 30 40 45 mA 4.5 5.0 V
Output Load CMOS TTL Output Voltage Levels Logic '1' Level Logic '0' Level Output Current Output Duty Cycle (50% Level) Rise & Fall Time (10% - 90% Level)
CL 1.0 MHz to 50 MHz 50.1 MHz to 70 MHz 70.1 MHz to 105.561 MHz 1.0 MHz to 105.561 MHz V OH V OH V OL IOH IOL SYM CMOS Load TTL Load CMOS or TTL Load V OH = 3.9V V OL = 0.4V PF TTL
V
mA
1.0 MHz to 50 MHz 50.1 MHz to 70 MHz 70.1 MHz to 105.561 MHz tR, tF 1.0 MHz to 25 MHz 25.1 MHz to 70 MHz 70.1 MHz to 105.561 MHz
%
5 3 2 -
nS
Start Up Time Enable Function (Note 2) Phase Jitter tj 30 50 pS mS -
Notes: 1. Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging at an average operating temperature of 40 C. 2. Reference CTS Application Note 014-0002-0. CTS Communications Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 Document No. 008-0258-0 Page 1 of 3 Rev. A ECO# 16710
MXO45/MXO45HS
Metal DIP Clock Oscillator
ORDERING INFORMATION - -
MXO
M
Package Type 45 = 14 Pin DIP/STD Output 45T = 14 Pin DIP/Tristate Output 45HS = 8 Pin DIP/STD Output 45HST = 8 Pin DIP/Tristate Output Frequency Stability 6 = 20 ppm 5 = 25 ppm 3 = 50 ppm 2 = 100 ppm Example P/N: MXO45 - 3C - 32M7680 or MXO45HS - 3C - 32M7680
Frequency in MHz M - Indicates decimal point. Frequency shall be recorded with 4 significant digits minimum to the right of the "M". Operating Temperature Range C = -20C to +70C I = -40C to +85C
MECHANICAL SPECIFICATIONS DIP 14
20.574 .810 5.080 MAX .200 6.350 .508 .250 .020 .432/.508 .017/.020 .711 .330 .028 .013 1.524 TYP. .060 1.524 TYP. .060 7.620 .127 .300 .005
MAX
DENOTES PIN 1
FOR REFERENCE ONLY. THE NUMBERS ARE NOT MARKED ON BOTTOM.
1
7
12.954 .510
MAX
14
8
MXO45 32M7680 CTS 3C * YYWW **
KEY:
MM INCH
15.240 .127 .600 .005
Marking Notes:
1. Frequency marked with 4 significant digits after the "M" 2. CTS XX - stability/temp. code. 3. ** - Manufacturing site code
PIN CONNECTIONS
Pin 1 7 8 14 Symbol EOH GND Output V CC Function Output Enable or NC Circuit and Package Ground RF Output Supply Voltage
Enable Truth Table
Pin 1 "1" "0" Open Pin 8 Output High Imp. Output
CTS Communications Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 Document No. 008-0258-0 Page 2 of 3 Rev. A ECO# 16710
MXO45/MXO45HS
Metal DIP Clock Oscillator
DIP 8
DENOTES PIN 1 5.080 MAX .200 6.350 .508 .250 .020 .432/.508 .017/.020 2.540 .100 7.620 .127
MXO45HS 32M7680 CTS 3C * YYWW **
FOR REFERENCE ONLY. THE NUMBERS ARE NOT MARKED ON BOTTOM.
1
.660/1.016 .026/.040 12.954 .510 MAX
4
7.620 .127 .300 .005
8
5
KEY:
MM INCH
.300 .005 12.954 MAX .510
NOTE: 3 OR 4 STANDOFFS ALLOWED
Marking Notes:
1. Frequency marked with 4 significant digits after the "M" 2. CTS XX - stability/temp. code. 3. ** - Manufacturing site code
PIN CONNECTIONS
Pin 1 4 5 8 Symbol EOH GND Output V CC Function Output Enable or NC Circuit and Package Ground RF Output Supply Voltage
Enable Truth Table
Pin 1 "1" "0" Open Pin 5 Output High Imp. Output
ENVIRONMENTAL SPECIFICATIONS


Storage Temperature: Temperature Cycle: Mechanical Shock: Sinusoidal Vibration: Gross Leak: Fine Leak: High Temperature Operating Bias: Frequency Aging: Solderability:
-55C to +125C 400 cycles, -55C to +125C, 10 min dwell, 1 min transfer 1,500g's, 0.5mS, 1/2 sinewave, 3 shocks each direction, in 3 planes 0.06" D.A., 10 to 55 Hz and 20g's, 55 to 2,000 Hz, 3 cycles per plane No leak shall appear while immersed in an FC40 or equivalent liquid at 125C for 20 seconds Mass spectrometer leak rates less than 2x10-8 cc/sec air equivalent 2,000 hours at 125C, disregarding frequency shift < 5 ppm shift in 1,000 hours at 85C 90% coverage using: (no pre-conditioning required) A) R Flux B) Solder bath temperature of 245C 5C C) Solder composition 63% Sn/ 37% Pb
QUALITY AND RELIABILITY
Quality Systems meet or exceed the requirements of ISO 9000: 2000 standards. Reliability Audits are performed on this or similar products with results available upon request.
CTS Communications Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 Document No. 008-0258-0 Page 3 of 3 Rev. A ECO# 16710


▲Up To Search▲   

 
Price & Availability of MXO45HS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X