Part Number Hot Search : 
21013 PC1601H F1533A 330M3 SSH5N90A DTA115EM SMC5342B C3216X7
Product Description
Full Text Search
 

To Download MRF138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MRF138
VHF POWER MOSFET
N-Channel Enhancement Mode
DESCRIPTION:
The ASI MRF138 is a N-Channel enhancement mode MOSFET, intended for use in 28V applications up to 175 MHz.
PACKAGE STYLE .380 4L FLG
.112 x 45 A
B
FEATURES:
* PG = 17 dB Typ. at 30 W /30MHz * 30:1 Load VSWR Capability * OmnigoldTM Metalization System
F
S
D
O.125 NOM. FULL R J .125
G
C D E
S
MAXIMUM RATINGS
ID V(BR)DSS VDGR VGS PDISS TJ TSTG JC 6.0 A 65 V 65 V 40 V 115 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.52 C/W
DIM A B C D E F G H I J .240 / 6.10 .004 / 0.10 .085 / 2.16 .160 / 4.06 MINIMUM
inches / mm
I GH
MAXIMUM
inches / mm
.220 / 5.59 .785 / 19.94 .720 / 18.29 .970 / 24.64
.230 / 5.84
.730 / 18.54 .980 / 24.89 .385 / 9.78 .006 / 0.15 .105 / 2.67 .180 / 4.57 .280 / 7.11 .255 / 6.48
CHARACTERISTICS
SYMBOL
V(BR)DSS IDSS IGSS VGS(th) GFS Ciss Coss Crss PG D VGS = 0 V VDS = 28 V VDS = 0 V VDS = 10 V VDS = 10 V
TC = 25C
NONETEST CONDITIONS
IDS = 10 mA VGS = 0 V VGS = 20 V ID = 10 mA ID = 2.5 mA
MINIMUM TYPICAL MAXIMUM
65 ----1.0 0.8 ----------55 70 14 17 40 --5.0 0.1 6.0 ---
UNITS
V mA A V mho
VDS = 28 V VDD = 28 V PIN = 1.5 W
VGS = 0 V IDQ = 100 mA
f = 1.0 MHz POUT = 30 W f = 175 MHz
pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
a
REV.A
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
1/1


▲Up To Search▲   

 
Price & Availability of MRF138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X