![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MR5000 - MR5010 PRV : 50 - 1000 Volts Io : 50 Amperes FEATURES : * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop AUTOMOTIVE RECTIFIER DIODES 0.342 (8.69) 0.332 (8.43) 5 NOM 0.246 (6.25) 0.234 (5.94) 0.175 (4.45) 0.165 (4.19) MECHANICAL DATA : * * * * * * Case : Molded plastic Epoxy : UL94V-O rate flame retardant Terminals : Terminal are readily solderable Polarity : Cathode polarity band Mounting position : Any Weight : 1.8 grams 0.222 (5.64) 0.218 (5.54) Dimensions in inches and ( millimeter ) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Average Rectified Forward Current Tc = 150C Peak Forward Surge Current Single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 50 Amps. Maximum DC Reverse Current at rated DC Blocking Voltage Thermal Resistance (Note 1) Junction Temperature Range Storage Temperature Range Marking Code Ta = 25 C Ta = 100 C SYMBOL VRRM VRMS VDC IF(AV) MR 5000 50 35 50 MR 5001 100 70 100 MR 5002 200 140 200 MR 5004 400 280 400 50 MR 5006 600 420 600 MR 5008 800 560 800 MR 5010 1000 700 1000 UNIT Volts Volts Volts Amps. IFSM VF IR IR(H) RJC TJ TSTG 500 1.1 5.0 1.0 0.8 - 65 to + 175 - 65 to + 175 Amps. Volts A mA C/W C C Note : (1) Thermal resistance from junction to case. Single side cooled. UPDATE : OCTOBER 19, 2000 RATING AND CHARACTERISTIC CURVES ( MR5000 - MR5010 ) AVERAGE FORWARD OUTPUT CURRENT, AMPERES FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 50 500 FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT Ta = 25 C 400 40 30 300 20 200 10 100 0 120 130 140 150 160 170 180 190 0 1 2 4 6 10 20 40 60 100 CASE TEMPERATURE, ( C) NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL FORWARD CHARACTERISTICS 100 FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES 10 FORWARD CURRENT, AMPERES Ta = 100 C 10 1.0 Pulse Width = 300 s 2% Duty Cycle 1 0.1 TJ = 25 C Ta = 25 C 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.01 0 20 40 60 80 100 120 140 FORWARD VOLTAGE, VOLTS PERCENT OF RATED REVERSE VOLTAGE, (%) |
Price & Availability of MR5010
![]() |