Part Number Hot Search : 
ST9291N3 NX3261C SID9435 HSB83J 57737 SID9435 LF516RU VY1222M
Product Description
Full Text Search
 

To Download MR3506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MR3500 - MR3510
PRV : 50 - 1000 Volts Io : 35 Amperes
FEATURES :
* * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop
AUTOMOTIVE RECTIFIER DIODES
0.342 (8.69) 0.332 (8.43) 5 NOM
MECHANICAL DATA :
* * * * * * Case : Molded plastic Epoxy : UL94V-O rate flame retardant Terminals : Terminal are readily solderable Polarity : Cathode polarity band Mounting position : Any Weight : 1.8 grams
0.246 (6.25) 0.234 (5.94)
0.175 (4.45) 0.165 (4.19)
0.222 (5.64) 0.218 (5.54)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherw ise specified. Single phase, half w ave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Average Rectified Forward Current Tc = 150C Peak Forward Surge Current Single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 35 Amps. Maximum DC Reverse Current at rated DC Blocking Voltage Thermal Resistance (Note 1) Junction Temperature Range Storage Temperature Range Marking Code Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV)
MR 3500 50 35 50
MR 3501 100 70 100
MR 3502 200 140 200
MR 3504 400 280 400 35
MR 3506 600 420 600
MR 3508 800 560 800
MR 3510 1000 700 1000
UNIT
Volts Volts Volts Amps.
IFSM VF IR IR(H) RJC TJ TSTG
400 1.1 5.0 1.0 1.0 - 65 to + 175 - 65 to + 175
Amps. Volts A mA C/W C C
Note : (1) Thermal resistance from junction to case. Single side cooled.
UPDATE : OCTOBER 19, 2000
RATING AND CHARACTERISTIC CURVES ( MR3500 - MR3510 )
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
35
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
500
Ta = 25 C
400
28
21
300
14
200
7
100
0
120
130
140
150
160
170
180
190
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES FORWARD CURRENT, AMPERES
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
100
Ta = 100 C
10
1.0
Pulse Width = 300 s 2% Duty C y c le
1
TJ = 25 C
0.1
Ta = 25 C
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of MR3506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X