Part Number Hot Search : 
CRBV5 C8950 MC68HC9 SY5PA SC1152 03994 2SK12 P5630
Product Description
Full Text Search
 

To Download MBR1045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1035 THRU MBR1060
SCHOTTKY RECTIFIER
Reverse Voltage - 35 to 60 Volts
TO-220AC
0.185 (4.70) 0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) 0.055 (1.39) 0.045 (1.14) 0.175 (4.44)
Forward Current - 10.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.560 (14.22) 0.530 (13.46) 0.410 (10.41) 0.390 (9.91) PIN 1 0.160 (4.06) 0.140 (3.56) 0.560 (14.22) 0.530 (13.46) 2 0.635 (16.13) 0.625 (15.87) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54)
0.105 (2.67) 0.095 (2.41)
MECHANICAL DATA
0.037 (0.94) 0.027 (0.68) 0.022 (0.56) 0.014 (0.36) PIN 1 0.205 (5.20) 0.195 (4.95) PIN 2 CASE
Dimensions in inches and (millimeters)
Case: JEDEC TO-220AC molded plastic body Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 5 in. - lbs. max. Weight: 0.08 ounces, 1.81 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
MBR1035
MBR1045
MBR1050
MBR1060
UNITS
Maximum repetitive peak reverse voltage Maximum working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current
(SEE FIG. 1)
VRRM VRWM VDC I(AV) IFRM
35 35 35
45 45 45 10.0 20.0
50 50 50
60 60 60
Volts Volts Volts Amps Amps
Peak repetitive forward current at TC=135C (square wave 20 KHZ) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current (NOTE 1) Voltage rate of change (rated VR) Maximum instantaneous forward voltage at (NOTE 2) IF=10A, TC=25C IF=10A, TC=125C IF=20A, TC=25C IF=20A, TC=125C
IFSM IRRM dv/dt VF 0.57 0.84 0.72 1.0
150.0 0.5 10,000 0.80 0.70 0.95 0.85 0.10 15.0 2.0 -65 to +150 -65 to +175
Amps Amps Vs Volts
Maximum instantaneous reverse current at rated DC blocking voltage TC= 25C (NOTE 2) TC=125C Maximum thermal resistance, junction to case Operating junction temperature range Storage temperature range
NOTES: (1) 2.0s pulse width, f=1.0 KHZ (2) Pulse test: 300s pulse width, 1% duty cycle
IR RJC TJ TSTG
mA C/W C C
4/98
RATINGS AND CHARACTERISTIC CURVES MBR1035 THRU MBR1060
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
175
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES
12
RESISTIVE OR INDUCTIVE LOAD
150 125 100 75 50 25 0.1
AVERAGE FORWARD CURRENT, AMPERES
10 8 6 4 2
MBR1035 - MBR1045 MBR1050 & MBR1060
1
10
100
NUMBER OF CYCLES AT 60 HZ
0
0
50
100
150
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE, C
20
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
MBR1035 - MBR1045 MBR1050 & MBR1060
50
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=125C
1
10
TJ=125C
PULSE WIDTH=300s 1% DUTY CYCLE
1
TJ=25C
0.1
TJ=75C
0.1
0.01
TJ=25C MBR1035 - MBR1045 MBR1050 & MBR1060
0.01
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001 0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
4,000
JUNCTION CAPACITANCE, pF
TRANSIENT THERMAL IMPEDANCE, C/W
1,000
TJ=25C f=1.0 MHz Vsig=50mVp-p
10.0
MBR1035 - MBR1045 MBR1050 & MBR1060
1
100 0.1
1
10
100
REVERSE VOLTAGE, VOLTS
0.1 0.01
0.1
1
t, PULSE DURATION, sec.
10
100


▲Up To Search▲   

 
Price & Availability of MBR1045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X