Part Number Hot Search : 
0509S RFHA1025 APT34N80 SZ505B 1N5407 CLAMP BUZ16 QTAN0016
Product Description
Full Text Search
 

To Download M83532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QPL Active Delay Lines (TTL)
n Active 5 tap, 14-pin DIP delay lines qualified to MIL-D-83532. n Established reliability assured through a fully approved program n Standard
First QPL'd delay lines.
in
accordance with MIL-STD-790.* total delay values ranging from 25 to 500 ns and tap delay values from 5 to 100 ns. n Other military part numbers with non-standard delay values available upon request. n QPL JAN I.C.'s (in accordance with MIL-M-38510) incorporated in all active delay lines. n All units transfer molded for maximum reliability. n Pulse Specialty Components - the first delay line supplier to be QPL'd.
*Reliability Assurance Program for Electronic Parts Specifications
ACTIVE MIL-D-83532 QPL DELAY LINES (TTL LOGIC)
MILITA RY PAR T N O. T ECHNIT ROL PART NO. TAP D ELA YS (ns)
TR +* R
TD 5 D
25.0 50.0 75.0 100.0 125.0 150.0 200.0 250.0 500.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.0
TD 1 D
M83532/02A001A M83532/02A006A M83532/02A011A M83532/02A014A M83532/02A015A M83532/02A016A M83532/02A018A M83532/02A020A M83532/02A026A TTLDL0257JY TTLDL0507JY TTLDL0757JY TTLDL1007JY TTLDL1257JY TTLDL1507JY TTLDL2007JY TTLDL2507JY TTLDL5007JY 5.0 10.0 15.0 20.0 25.0 30.0 40.0 50.0 100.0
TD 2 D
10.0 20.0 30.0 40.0 50.0 60.0 80.0 100.0 200.0
TD 3 D
15.0 30.0 45.0 60.0 75.0 90.0 120.0 150.0 300.0
TD 4 D
20.0 40.0 60.0 80.0 100.0 120.0 160.0 200.0 400.0
NOTE: Additional slash numbers from 02A001A through 02A029A available upon request. *Measured @ Vcc = 5.0V, 25oC, with 50pf load to ground and 500 ohms to Vcc
TWO PEARL BUCK COURT
l
BRISTOL, PA 19007-6812 l TEL 215-781-6400 l
FAX 215-781-6403 l www.pulsespecialty.com
MECHANICAL OUTLINE
.810 MAX 14 13 12 11 10 9 8
SCHEMATIC
.400 MAX
1
2
3
4
5
6
7
STANDOFF .015 MIN HEIGHT
.360 MAX
Notes
.125 MIN .200 MAX .105 + .015 4 PLACES .100 + .010 NONCUMULATIVE .600 .020 + .002 .060 MAX. .300 +.010 .007 .012
n Only the pins specified in the schematics
are provided with each package.
n Pin numbers shown are for reference only
and are not necessarily marked on unit.
n Lead material is electro tin plated
(alloy 42) or solder dipped.
n All specifications are subject to change
without notice.
TWO PEARL BUCK COURT
l
BRISTOL, PA 19007-6812 l TEL 215-781-6400 l
FAX 215-781-6403 l www.pulsespecialty.com


▲Up To Search▲   

 
Price & Availability of M83532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X