Part Number Hot Search : 
LVA351A 2SC1507 74HC59 M52790FP M52790FP MBR20200 TA7715P 2SK152
Product Description
Full Text Search
 

To Download M5M5Y5636TG-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2001.June
Rev.0.0
MITSUBISHI LSIs
Advanced Information
Notice: This is not final specification. Some parametric limits are subject to change.
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
DESCRIPTION
The M5M5Y5636TG is a family of 18M bit synchronous SRAMs organized as 524288-words by 36-bit. It is designed to eliminate dead bus cycles when turning the bus around between reads and writes, or writes and reads. Mitsubishi's SRAMs are fabricated with high performance, low power CMOS technology, providing greater reliability. M5M5Y5636TG operates on a single 1.8V power supply and are 1.8V CMOS compatible.
FUNCTION
Synchronous circuitry allows for precise cycle control triggered by a positive edge clock transition. Synchronous signals include : all Addresses, all Data Inputs, all Chip Enables (E1#, E2, E3), Address Advance/Load (ADV), Byte Write Enables (BWa#, BWb#, BWc#, BWd#), Echo Clock outputs (CQ1, CQ1#, CQ2, CQ2#) and Read/Write (W#). Write operations are controlled by the eight Byte Write Enables (BWa# - BWd#) and Read/Write(W#) inputs. All writes are conducted with on-chip synchronous self-timed write circuitry. The Echo Clocks are delayed copies of the RAM clock, CLK. Echo Clocks are designed to track changes in output driver delays due to variance in die temperature and supply voltage. The ZQ pin supplied with selectable impedance drivers, allows selection between nominal drive strength (ZQ LOW) for multidrop bus application and low drive strength (ZQ floating or HIGH) point-to-point applications. The sense of two User-Programmable Chip Enable inputs (E2, E3), whether they function as active LOW or active HIGH inputs, is determined by the state of the programming inputs, EP2 and EP3. The Linear Burst order (LBO#) is DC operated pin. LBO# pin will allow the choice of either an interleaved burst, or a linear burst. All read, write and deselect cycles are initiated by the ADV Low input. Subsequent burst address can be internally generated as controlled by the ADV HIGH input.
FEATURES
* Fully registered inputs and outputs for pipelined operation * Fast clock speed: 250, 225, and 200 MHz * Fast access time: 2.6, 2.8, 3.2 ns * Single 1.8V +150/-100mV power supply VDD * Separate VDDQ for 1.8V I/O * Individual byte write (BWa# - BWd#) controls may be tied LOW * Single Read/Write control pin (W#) * Echo Clock outputs track data output drivers * ZQ mode pin for user-selectable output drive strength * 2 User programmable chip enable inputs for easy depth expansion * Linear or Interleaved Burst Modes * JTAG boundary scan support
APPLICATION
High-end networking products that require high bandwidth, such as switches and routers.
PACKAGE
Bump M5M5Y5636TG 209(11X19) bump BGA Body Size 14mm X 22mm Bump Pitch 1mm
PART NAME TABLE
Part Name M5M5Y5636TG -25 M5M5Y5636TG -22 M5M5Y5636TG -20 Frequency 250MHz 225MHz 200MHz Access 2.6ns 2.8ns 3.2ns Cycle 4.0ns 4.4ns 5.0ns Active Current (max.) 400mA 380mA 360mA Standby Current (max.) 20mA 20mA 20mA
1
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
BUMP LAYOUT(TOP VIEW) 209 bump BGA
1 A B C D E F G H J K L M N P R T U V W NC NC NC NC NC DQc DQc DQc DQc CQ2 NC NC NC NC DQPd DQd DQd DQd DQd
2 NC NC NC NC DQPc DQc DQc DQc DQc CQ2# NC NC NC NC NC DQd DQd DQd DQd
3 A6 BWc# NC VSS VDDQ VSS VDDQ VSS VDDQ CLK VDDQ VSS VDDQ VSS VDDQ VSS NC A5 TMS
4 E2 NC BWd# NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A3 A4 TDI
5 A7 A18 NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC NC A16 A2
6 ADV W# E1# MCL VDD ZQ EP2 EP3 MCH MCL MCH MCL MCH MCL VDD LBO# A15 A1 A0
7 A8 A17 NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC NC A13 A14
8 E3 BWb# NC NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A11 A12 TDO
9 A9 NC BWa# VSS VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ VSS NC A10 TCK
10 DQb DQb DQb DQb NC NC NC NC NC CQ1# DQa DQa DQa DQa DQPa NC NC NC NC
11 DQb DQb DQb DQb DQPb NC NC NC NC CQ1 DQa DQa DQa DQa NC NC NC NC NC
Note1. MCH means "Must Connect High". MCH should be connected to HIGH. Note2. MCL means "Must Connect Low". MCL should be connected to LOW.
2
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
BLOCK DIAGRAM
VDD VDDQ
A0 A1 A2~18 LBO#
19 19 ADDRESS REGISTER A1 D1 A0 D0 LINEAR/ INTERLEAVED BURST COUNTER Q1 A0' Q0 A1' 17
19
CLK
WRITE ADDRESS REGISTER1 WRITE ADDRESS REGISTER2 19
ADV DQa DQPa DQb DQPb DQc DQPc DQd DQPd
OUTPUT REGISTERS
256Kx36
BWa# BWb# BWc# BWd#
WRITE REGISTRY AND DATA COHERENCY CONTROL LOGIC
BYTE a | BYTE d WRITE DRIVERS
MEMORY ARRAY
W#
36
INPUT REGISTER1
INPUT REGISTER0
ECHO CLOCK OUTPUT REGISTERS
READ LOGIC CHIP ENABLE CONTROL LOGIC
ECHO CLOCK OUTPUT BUFFERS
E1# E2 E3 EP2 EP3 ZQ
OUTPUT SELECT
OUTPUT BUFFERS
CQ1 CQ1# CQ2 CQ2#
VSS
Note3. The BLOCK DIAGRAM does not include the Boundary Scan logic. See Boundary Scan chapter. Note4. The BLOCK DIAGRAM illustrates simplified device operation. See TRUTH TABLE, PIN FUNCTION and timing diagrams for detailed information.
3
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
PIN FUNCTION
Pin A0~A18 Name
Synchronous Address Inputs Synchronous Byte Write Enables
Function
These inputs are registered and must meet the setup and hold times around the rising edge of CLK. A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired. These active LOW inputs allow individual bytes to be written when a WRITE cycle is active and must meet the setup and hold times around the rising edge of CLK. BYTE WRITEs need to be asserted on the same cycle as the address. BWa are associated with addresses and apply to subsequent data. BWa# controls DQa, DQPa pins; BWb# controls DQb, DQPb pins; BWc# controls DQc, DQPc pins; BWd# controls DQd, DQPd pins. This signal registers the address, data, chip enables, byte write enables and burst control inputs on its rising edge. All synchronous inputs must meet setup and hold times around the clock's rising edge. This active LOW input is used to enable the device and is sampled only when a new external address is loaded (ADV is LOW). These pins are user-programmable chip enable inputs. The sense of the inputs, whether they function as active LOW or HIGH inputs, is determined by the state of the programming inputs, EP2 and EP3. These pins determine the sense of the user-programmable chip enable inputs, whether they function as active LOW or active HIGH inputs. When HIGH, this input is used to advance the internal burst counter, controlling burst access after the external address is loaded. When HIGH, W# is ignored. A LOW on this pin permits a new address to be loaded at CLK rising edge. The Echo Clocks are delayed copies of the main RAM clock, CLK. This pin allows selection between RAM nominal drive strength (ZQ low) for multi-drop bus applications and low drive strength (ZQ floating or high) point-to-point application. This active input determines the cycle type when ADV is LOW. This is the only means for determining READs and WRITEs. READ cycles may not be converted into WRITEs (and vice versa) other than by loading a new address. A LOW on the pin permits BYTE WRITE operations and must meet the setup and hold times around the rising edge of CLK. Full bus width WRITEs occur if all byte write enables are LOW. Byte "a" is DQa , DQPa pins; Byte "b" is DQb, DQPb pins; Byte "c" is DQc, DQPc pins; Byte "d" is DQd,DQPd pins. Input data must meet setup and hold times around CLK rising edge. This DC operated pin allows the choice of either an interleaved burst or a linear burst. If this pin is HIGH or NC, an interleaved burst occurs. When this pin is LOW, a linear burst occurs, and input leak current to this pin. Core Power Supply Ground I/O buffer Power supply
BWa#, BWb#, BWc#, BWd#
CLK E1# E2, E3 EP2, EP3 ADV CQ1, CQ1#, CQ2, CQ2# ZQ
Clock Input Synchronous Chip Enable Synchronous Chip Enable Chip Enable Program Pin Synchronous Address Advance/Load Echo Clock Outputs Output Impedance Control Synchronous Read/Write
W#
DQa,DQPa,DQb,DQPb, DQc,DQPc,DQd,DQPd LBO# VDD VSS VDDQ TDI TDO TCK TMS MCH MCL NC
Synchronous Data I/O Burst Mode Control VDD VSS VDDQ
Test Data Input Test Data Output
These pins are used for Boundary Scan Test.
Test Clock Test Mode Select Must Connect High Must Connect Low No Connect
These pins should be connected to HIGH These pins should be connected to LOW These pins are not internally connected and may be connected to ground.
4
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Read Operation Pipelined Read
Read operation is initiated when the following conditions are satisfied at the rising edge of clock: All three chip enables (E1#, E2 and E3) are active, the write enable input signal (W#) is deasserted high, and ADV is asserted low. The address presented to the address inputs is latched into the address register and presented to the memory core and control logic. The control logic determines that a read access is in progress and allows the requested data to propagate to the input of the output register. At the next rising edge of clock the read data is allowed to propagate through the output register and onto the output pins.
CLK E1# ADV W# BWx# ADD DQ CQ
Read A Deselect Read B Read C Read D Read E A B Q(A) C D Q(B) E Q(C)
5
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Write Operation Double Late Write
Write operation occurs when the following conditions are satisfied at the rising edge of clock: All three chip enables (E1#, E2 and E3) are active and the write enable input signal (W#) is asserted low. Double Late Write means that Data In is required on the third rising edge of clock. It is designed to eliminate dead bus cycles when turning the bus around between reads and writes, or writes and reads.
CLK E1# ADV W# BWx# ADD DQ CQ
Read A Write B Read C Write D Read E Read F A B C Q(A) D D(B) E Q(C) F D(D)
6
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Special Function Burst Cycles
The SRAM provides an on-chip burst address generator that can be utilized, if desired, to further simplify burst read or write implementations. The ADV control pin, when driven high, commands the SRAM to advance the internal address counter and use the counter generated address to read or write the SRAM. The starting address for the first cycle in a burst cycle series is loaded into the SRAM by driving the ADV pin low, into Load mode. Burst Read CLK E1# ADV W# BWx# ADD DQ CQ
Read A Burst Read A+1 Burst Read A+2 Burst Read A+3 Read B Burst Read B+1 A Q(A) Q(A+1) B Q(A+2) Q(A+3)
Burst Write CLK E1# ADV W# BWx# ADD DQ CQ
Write A Burst Write A+1 Burst Write A+2 Burst Write A+3 Burst Write A Write B A D(A) D(A+1) D(A+2) B D(A+3)
7
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
DC OPERATED TRUTH TABLE
Name LBO# Input Status HIGH or NC Operation Interleaved Burst Sequence
LOW Linear Burst Sequence Note5. LBO# is DC operated pin. Note6. NC means No Connection. Note7. See BURST SEQUENCE TABLE about interleaved and Linear Burst Sequence.
BURST SEQUENCE TABLE
(1) Interleaved Burst Sequence (when LBO# = HIGH or NC) Operation First access, latch external address Second access(first burst address) Third access(second burst address) Fourth access(third burst address) (2) Linear Burst Sequence (when LBO# = LOW) Operation First access, latch external address Second access(first burst address) Third access(second burst address) A18~A2 A18~A2 latched A18~A2 latched A18~A2 latched A18~A2 0,0 0,1 1,0 1,1 0,1 0,0 1,1 1,0 A1,A0 1,0 1,1 0,0 0,1 1,1 1,0 0,1 0,0
A18~A2 A18~A2 latched A18~A2 latched A18~A2 0,0 0,1 1,0 1,1 0,1 1,0 1,1 0,0
A1,A0 1,0 1,1 0,0 0,1 1,1 0,0 0,1 1,0
Fourth access(third burst address) latched A18~A2 Note8. The burst sequence wraps around to its initial state upon completion.
8
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Echo Clock
The SRAM features Echo Clocks, CQ1,CQ2, CQ1#, and CQ2# that track the performance of the output drivers. The Echo Clocks are delayed copies of the main RAM clock, CLK. Echo Clocks are designed to track changes in output driver delays due to variance in die temperature and supply voltage. The Echo Clocks are designed to fire with the rest of the data output drivers. The SRAM provide both in-phase, or true, Echo Clock outputs (CQ1 and CQ2) and inverted Echo Clock outputs (CQ1# and CQ2#). It should be noted that deselection of the SRAM via E2 and E3 also deselects the Echo Clock output drivers. The deselection of Echo Clock drivers is always pipelined to the same degree as output data. Deselection of the SRAM via E1# does not deactivate the Echo Clocks.
Programmable Enable
The SRAM features two user programmable chip enable inputs, E2 and E3. The sense of the inputs, whether they function as active low or active high inputs, is determined by the state of the programming inputs, EP2 and EP3. For example, if EP2 is held at HIGH, E2 functions as an active high enable. If EP2 is held to LOW, E2 functions as an active low chip enable input. Programmability of E2 and E3 allows for banks of depth expansion to be accomplished with no additional logic. By programming the enable inputs of four SRAMs in binary sequence (00,01,10,11) and driving the enable inputs with two address inputs, four SRAMs can be made to look like one larger SRAM to the system.
Example Four Bank Depth Schematic A0~A20 7 E1# CK W# DQa~DQd A0~A18 A19 A20
Bank0 A E3# E2# E1# CK W# DQ CQ A0~A18 A19 A20
Bank1 A E3 E2# E1# CK W# DQ CQ A0~A18 A19 A20
Bank2 A E3# E2 E1# CK W# DQ CQ A0~A18 A19 A20
Bank3 A E3 E2 E1# CK W# DQ CQ
CQ Bank Enable Truth Table EP2 Bank0 Bank1 Bank2 Bank3 LOW LOW HIGH HIGH
EP3 LOW HIGH LOW HIGH
E2 Active Low Active Low Active High Active High
E3 Active Low Active High Active Low Active High
9
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Echo Clock Control in Two Banks CLK ADD E1# E2# Bank1 E2 Bank2 DQ Bank1 CQ Bank1
CQ Bank1 + CQ Bank2 Q(A) Q(C) A B C D E F
CQ Bank2 DQ Bank2
Q(B) Q(D)
Note9. E1# does not deselect the Echo Clock Outputs. Echo Clock outputs are synchronously deselected by E2 or E3 being sampled false.
It should be noted that deselection of the SRAM via E2 and E3 also deselects the Echo Clock output drivers. The deselection of Echo Clock drivers is always pipelined to the same degree as output data. Deselection of the SRAM via E1# does not deactivate the Echo Clocks.
10
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Pipelined Read Bank Switch with E1# Deselect CLK ADD E1# E2# Bank1 E2 Bank2 DQ Bank1 CQ Bank1
CQ Bank1 + CQ Bank2 Q(A) A B C D E
CQ Bank2 DQ Bank2
Q(B) Q(C)
Note10. E1# does not deselect the Echo Clock Outputs. Echo Clock outputs are synchronously deselected by E2 or E3 being sampled false.
In some applications it may be appropriate to pause between banks; to deselect both SRAMs with E1# before resuming read operations. An E1# deselect at a bank switch will allow at least one clock to be issued from the new bank before the first read cycle in the bank. Although the following drawing illustrates a E1# read pause upon switching from Bank 1 to Bank 2, a write to Bank 2 would have the same effect, causing the SRAM in Bank 2 to issue at least one clock before it is needed.
Output Driver Impedance Control
The ZQ pin of SRAMs supplied with selectable impedance drivers, allows selection between SRAM nominal drive strength (ZQ low) for multi-drop bus applications and low drive strength (ZQ floating or high) point-to-point applications.
11
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
TRUTH TABLE
CLK L->H L->H L->H L->H L->H E1# (tn) E (tn) ADV (tn) W# (tn) BW# (tn) Previous Operation Current Operation Bank Deselect Bank Deselect (Continue) Deselect Deselect (Continue) Write Loads new address Stores DQx if BWx#=LOW Write (Abort) Loads new address No data stored Write Continue Increments address by 1 Stores DQx if BWx#=LOW Write Continue (Abort) Increments address by 1 No data stored Read Loads new address Read Continue Increments address by 1 DQ/CQ (tn) DQ/CQ (tn+1) High-Z High-Z High-Z / CQ High-Z / CQ DQ/CQ (tn+2)
X X H X L L X X L X
F X T X T T X X T X
L H L H L L H H L H
X X X X L L X X H X
X X X X T F T F X X
X
Bank Deselect
***
High-Z
--------Dn / CQ (tn) High-Z / CQ Dn / CQ (tn) High-Z / CQ
X
Deselect
***
High-Z / CQ
X X
Write
*** *** *** *** ***
Qn-1 / CQ (tn-1)
*** ***
Dn-1 / CQ (tn-1) Dn-1 / CQ (tn-1) Qn / CQ (tn) Qn / CQ (tn)
L->H
L->H
L->H L->H L->H
Write
X
Read
-----
Note11. If E2=EP2 and E3=EP3 then E="T" else E="F". Note12. If one or more BWx#=LOW then BW#="T" else BW#="F". Note13. "H" = input "HIGH"; "L" = input "LOW"; "X" = input "don't care"; "T" = input "true"; "F" = input "false". Note14. " *** " = indicates that the DQ input requirement / output state and CQ output state are determined by the previous operation. Note15. " --- " = indicates that the DQ input requirement / output state and CQ output state are determined by the next operation. Note16. DQs are tri-stated in response to Bank Deselect, Deselect and Write commands, one full cycle after the command is sampled. Note17. CQs are tri-stated in response to Bank Deselect commands only, one full cycle after the command is sampled. Note18. Up to three (3) Continue operations may be initiated after a Read or Write operation is initiated to burst transfer up to four (4) distinct pieces of data per single external address input. If a fourth (4) Continue operation is initiated, the internal address wraps back to the initial external (base) address.
WRITE TRUTH TABLE
W# BWa# BWb# BWc# BWd#
Function Read Write Byte "a" Write Byte "b" Write Byte "c" Write Byte "d" Write All Bytes
H L L L L L
X L H H H L
X H L H H L
X H H L H L
X H H H L L
L H H H H Write Abort / NOP Note19. X means "don't care". H means logic HIGH. L means logic LOW. Note20. All inputs must meet setup and hold times around the rising edge (LOW to HIGH) of CLK.
12
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
STATE DIAGRAM
X, F, L, X or X, X, H, X
L, T, L, H
Bank Deselect
L, T, L, L
H, T, L, X
X, F, L, X
Deselect
L, T, L, H L, T, L, L
H, T, L, X or X, X, H, X H, T, L, X L, T, L, L H, T, L, X
Read
X, F, L, X L, T, L, H X, X, H, X L, T, L, H
Write
X, F, L, X X, X, H, X L, T, L, L
L, T, L, H H, T, L, X X, F, L, X
L, T, L, L L, T, L, L L, T, L, H
Write Continue
Write Continue
H, T, L, X X, F, L, X
X, X, H, X
X, X, H, X
Key
Input Command Code Clock
n
n+1
n+2
n+3
f
Current State (n)
Transition Command Next State (n+1)
f
Current State Next State
f
f
f
Current State & Next State Definition for Read/Write Control State Diagram
Note21. The notation "X, X, X, X" controlling the state transitions above indicate the states of inputs E1#, E, ADV, and W# respectively. Note22. If (E2=EP2 and E3=EP3) then E="T" else E="F". Note23. "H" = input "HIGH"; "L" = input "LOW"; "X" = input "don't care"; "T" = input "true"; "F" = input "false".
13
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VDDQ VI VO PD TOPR TSTG(bias) Parameter Power Supply Voltage I/O Buffer Power Supply Voltage Input Voltage Output Voltage Maximum Power Dissipation (VDD) Operating Temperature Storage Temperature(bias) With respect to VSS Conditions Ratings -0.5*~2.5 -0.5*~2.5 -0.5~VDDQ+0.5(2.5V max.) ** -0.5~VDDQ+0.5(2.5V max.) ** 780 0~70 -10~85 Unit V V V V mW C C C
TSTG Storage Temperature -65~150 Note24. * This is -1.0V~3.6V when pulse width2ns, and -0.5V~2.5V in case of DC. ** This is -1.0V~VDDQ+1.0V(3.6V max.) when pulse width2ns, and -0.5V~VDDQ+0.5V in case of DC.
DC ELECTRICAL CHARACTERISTICS (1) Power Supplies
Symbol VDD VDDQ Parameter Power Supply Voltage I/O Buffer Power Supply Voltage Condition Limits Min 1.70 1.70 Max 1.95 1.95 Unit V V
(2) CMOS I/O DC Input Characteristics
Symbol VIH Parameter High-level Input Voltage Condition Limits Min 0.65*VDDQ Max VDDQ+0.3 0.35*VDDQ Unit V V
VIL Low-level Input Voltage -0.3* Note25. *VIL min is -1.0V and VIH max is VDDQ+1.0V(max. 3.6V) in case of AC (Pulse width 2ns).
(3) Input and Output Leakage Characteristics
Symbol Parameter Input Leakage Current IIL
(except EP2, EP3, LBO#, ZQ, MCH, MCL pins)
Condition VI = 0V~VDDQ VI = 0V~VDDQ VI/O = 0V~VDDQ
Limits Min Max 10 10 10
Unit A A A
Input Leakage Current of EP2, EP3, LBO#, ZQ, MCH, MCL pins
IOL
Output Leakage Current
14
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
(4) Selectable Impedance Output Driver DC Electrical Characteristics
Symbol VOHL VOLL VOHH Parameter Low Drive Output High Voltage Low Drive Output Low Voltage High Drive Output High Voltage IOHL = -4mA IOLL = 4mA IOHH = -8mA VDDQ-0.4V 0.4 Condition Limits Min VDDQ-0.4V 0.4 Max Unit V V V V
VOLH High Drive Output Low Voltage IOLH = 8mA Note26. ZQ=H; High Impedance output driver setting Note27. ZQ=L; Low Impedance output driver setting
(5) Operating Currents
Symbol Parameter
Device selected; Output open All other inputs VIVIL or VIVIH E1#VIH or (E2 or E3 False) Output open All other inputs VIVIL or VIVIH
Condition
4.0ns cycle (250MHz) 4.4ns cycle (225MHz) 5.0ns cycle (200MHz) 4.0ns cycle (250MHz) 4.4ns cycle (225MHz) 5.0ns cycle (200MHz)
Limits Min Max 400 380 360 140 110 100 20
Unit
ICC1
Power Supply Current : Operating
mA
ICC2
Power Supply Current :Chip Disable and Bank Deselect CMOS Standby Current
(CLK stopped standby mode)
mA
ICC3
Device deselected; Output open CLK frequency=0Hz All inputs VIVSS+0.1V or VIVDDQ-0.1V
mA
CAPACITANCE
Symbol CI Parameter Input Capacitance Condition
VI=GND, VI=25mVrms, f=1MHz VO=GND, VO=25mVrms, f=1MHz
Limits Min Typ Max 6 8
Unit pF pF
CO Input / Output (DQ) Capacitance Note28. This parameter is sampled.
THERMAL RESISTANCE
Symbol JA JC Parameter Thermal resistance Junction Ambient Thermal resistance Junction to Case TBD TBD Condition Limits Min Typ TBD TBD Max Unit pF pF
15
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
AC ELECTRICAL CHARACTERISTICS (Ta=0~70C, VDD=1.70~1.95V, unless otherwise noted) (1) MEASUREMENT CONDITION
Input pulse levels **************************************** VIH=VDDQ, VIL=0V Input rise and fall times ******************************* faster than or equal to 1V/ns Input timing reference levels *********************** VIH=VIL=VDDQ / 2 Output reference levels ******************************* VIH=VIL=VDDQ / 2 Output load ************************************************** Fig.1
Q ZO=50
30pF (Including wiring and JIG) 50 VT=VDDQ / 2 Fig.1 Output load
Input Waveform Output Waveform
VDDQ / 2 tplh VDDQ / 2 tphl
Input Waveform toff Vh Output Waveform (toff) Vl
VDDQ / 2 ton (ton)
Vh-(0.2(Vh-Vz)) Vz+(0.2(Vh-Vz)) Vz 0.2(Vz-Vl) Vz-(0.2(Vz-Vl))
Fig.2 Tdly measurement
Fig.3 Tri-State measurement
Note29.Valid Delay Measurement is made from the VDDQ/2 on the input waveform to the VDDQ/2 on the output waveform. Input waveform should have a slew rate of faster than or equal to 1V/ns. Note30.Tri-state toff measurement is made from the VDDQ/2 on the input waveform to the output waveform moving 20% from its initial to final Value VDDQ/2. Note:the initial value is not VOL or VOH as specified in DC ELECTRICAL CHARACTERISTICS table. Note31. Tri-state ton measurement is made from the VDDQ/2 on the input waveform to the output waveform moving 20% from its initial Value VDDQ/2 to its final Value. Note:the final value is not VOL or VOH as specified in DC ELECTRICAL CHARACTERISTICS table. Note32.Clocks,Data,Address and control signals will be tested with a minimum input slew rate of faster than or equal to 1V/ns.
16
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
(2)TIMING CHARACTERISTICS
250MHz -25 Min Max 4.0 1.5 1.5 2.6 0.5 0.5 0.5 1.25 1.25 0.5 0.5 0.5 0.5 0.6 0.6 0.6 1.35 1.35 0.5 0.5 0.5 0.5 Limits 225MHz -22 Min Max 4.4 1.6 1.6 2.8 0.7 0.7 0.7 1.55 1.55 0.5 0.5 0.5 0.5 200MHz -20 Min Max 5.0 1.8 1.8 3.2
Symbol
Parameter
Unit
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 Note33. Test conditions is specified with the output loading shown in Fig.1 unless otherwise noted. Note34. tKHQX1, tKHQZ, tKHCX1, tKHCZ are sampled. Note35. LBO#, EP2, EP3, ZQ is static and must not change during normal operation.
Clock tKHKH Clock Cycle Time tKHKL Clock HIGH Time tKLKH Clock LOW Time Output times tKHQV Clock HIGH to Output Valid tKHQX Clock HIGH to Output Invalid tKHQX1 Clock HIGH to Output in Low-Z tKHQZ Clock HIGH to Output in High-Z tCHCL Echo Clock HIGH Time tCLCH Echo Clock LOW Time tKHCH Clock HIGH to Echo Clock HIGH tKLCL Clock LOW to Echo Clock LOW tKHCX1 Clock HIGH to Echo Clock Low-Z tKHCZ Clock HIGH to Echo Clock High-Z tCHQV Echo Clock HIGH to Output Valid tCHQX Output Invalid to Echo Clock HIGH Setup Times tAVKH Address Valid to Clock HIGH tadvVKH ADV Valid to Clock HIGH tWVKH Write Valid to Clock HIGH tBxVKH Byte Write Valid to Clock HIGH (BWa#~BWd#) tEVKH Enable Valid to Clock HIGH (E1#,E2,E3) tDVKH Data In Valid Clock HIGH Hold Times tKHAX Clock HIGH to Address don't care tKHadvX Clock HIGH to ADV don't care tKHWX Clock HIGH to Write don't care tKHBxX Clock HIGH to Byte Write don't care (BWa#~BWd#) tKHEX Clock HIGH to Enable don't care (E1#,E2,E3) tKHDX Clock HIGH to Data In don't care
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
2.6
2.8
3.2
2.5 2.5 2.5 0.5 -0.5
2.7 2.7 2.7 0.5 -0.5
3.1 3.1 3.1 0.5 -0.5
0.8 0.8 0.8 0.8 0.8 0.8
1.0 1.0 1.0 1.0 1.0 1.0
1.2 1.2 1.2 1.2 1.2 1.2 0.5 0.5 0.5 0.5 0.5 0.5
17
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
Timing Parameter Key
tKHKH CLK tKHAX tAVKH ADD C tKHQV tKHQX1 DQ tCHQV tKHCH CQ tKHCX1 tCLCH tCHCL tKLCL QB tCHQX tKHCZ D tKHQZ tKHQX E tKHKL tKLKH
=CQ High-Z
tKHKH CLK tKHAX tAVKH ADD A tnVKH tKHnX E1#, E2, E3 W#, BWx#, ADV tDVKH tKHDX DQ QA Note36. tnVKH=tEVKH, tWVKH, tBxVKH, tadvVKH, etc. and tKHnX=tKHEX, tKHWX, tKHBxX, tKHadvX, etc. B C tKHKL tKLKH
18
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
JTAG PORT OPERATION Overview
The JTAG Port on this SRAM operates in a manner consistent with IEEE Standard 1149.1-1990, a serial boundary scan interface standard (commonly referred to as JTAG), but dose not implement all of the function required for 1149.1 compliance. Unlike JTAG implementations that have been common among SRAM vendors for the last several years, this implementation dose offer a form of EXTEST, known as Clock Assisted EXTEST, reducing or eliminating the "hand coding" that has been required to overcome the test program compiler errors caused by previous non-compliant implementation. The JTAG Port interfaces with conventional CMOS logic level signaling.
Disabling the JTAG port
It is possible to use this device without utilizing the JTAG port. The port is reset at power-up and will remain inactive unless clocked. To assure normal operation of the SRAM with the JTAG Port unused, the TCK, TDI and TMS pins may be left floating or tied to High. The TDO pin should be left unconnected.
JTAG Pin Description
Test Clock (TCK) The TCK input is clock for all TAP events. All inputs are captured on the rising edge of TCK and the Test Data Out (TDO) propagates from the falling edge of TCK. Test Mode Select (TMS) The TMS input is sampled on the rising edge of TCK. This is the command input for the TAP Controller state machine. An undriven TMS input will produce the same result as a logic one input level. Test Data In (TDI) The TDI input is sampled on the rising edge of TCK. This is the input side of the serial registers placed between the TDI and TDO pins. the register placed between the TDI and TDO pins is determined by the state of the TAP Controller state machine and the instruction that is currently loaded in the TAP Instruction Resister (refer to the TAP Controller State Diagram). An undriven TDI Input will produce the same result as a logic one input level. Test Data Out (TDO) The TDO output is active depending on the state of the TAP Controller state machine. Output changes in response to the falling edge of TCK. This is the output side of the serial registers placed between the TDI and TDO pins. Note: This device dose not have a TRST (TAP Reset) pin. TRST is optional in IEEE 1149.1. The Test-Logic-Reset state is entered while TMS is held high for five rising edges of TCK. The TAP Controller is also reset automatically at power-up.
JTAG Port Registers
Overview The various JTAG registers, referred to as Test Access Port or TAP Registers, are selected (one at a time) via the sequence of 1s and 0s applied to TMS as TCK is strobed. Each of TAP Registers are serial shift registers that capture serial input data on the rising edge of TCK and push serial data out on the next falling edge of TCK. When a register is selected, it is placed between the TDI and TDO pins. Instruction Register The Instruction Register holds the instructions that are executed by the TAP Controller when it is moved into the Run-Test/Idle, or the 19
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM various data register states. Instructions are 3 bits long. The Instruction Resister can be loaded when it is placed between the TDI and TDO pins. The Instruction Resister is automatically preloaded with the IDCODE instruction at power-up or whenever the controller is placed in the Test-Logic-Reset state. Bypass Register The Bypass resister is a single-bit register that can be placed between the TDI and TDO pins. It allows serial test data to be passed through the SRAM's JTAG Port to another device in the scan chain with as little delay as possible. Boundary Scan Register The Boundary Scan Register is a collection of flip flops that can be preset by the logic level found on the SRAM's input or I/O pins. The flip flops are then daisy chained together so the levels found can be shifted serially out of the JTAG Port's TDO pins. The Boundary Scan Register also includes a number of place holder flip flops (always set to a logic 1). The relationship between the device pins and the bits in the Boundary Scan Register is described in the Scan Order Table following. The Boundary Scan Register, under the control of the TAP Controller, is loaded with the contents of the SRAM's I/O ring when the controller is in the Capture-RD state and then is placed between the TDI and TDO pins when the controller is moved to the Shift-DR state. SAMPLE-Z, SAMPLE/PRELOAD and EXTEST instruction can be used to activate the Boundary Scan Register. Identification (ID) Register The ID register is a 32-bit register that is loaded with a device and vender specific 32-bit code when the controllers put in the Capture-DR state with the IDCODE Instruction loaded in the Instruction Register. The code is loaded from 32-bit on-chip ROM. It describes various attributes of the SRAM (see page 25). The register is then placed between the TDI and TDO pins when the controller is moved into the Shift-DR state. Bit 0 in the register is the LSB and the first to reach the TDO pin when shifting begins.
TAP Controller Instruction Set
Overview There are two classes of instructions defined in the Standard 1149.1-1990; standard (Public) instructions, and device specific (Private) instructions. Some Public instructions are mandatory for 1149.1 compliance. Optional Public instructions must be implemented in prescribed ways. Although the TAP Controller in this device follows the 1149.1 conventions, it is not 1194.1-compliant because one of the mandatory instructions, EXTEST, is uniquely implemented. The TAP on this device may be used to monitor all input and I/O pads. This device will not perform INTEST but can perform the preload portion of the SAMPLE/PRELOAD command. When the TAP controller is placed in the Capture-IR state, the two least significant bits of the instruction register are loaded with 01. When the TAP controller is moved to the Shift-IR state, the Instruction Register is placed between the TDI and TDO pins. In this state the desired instruction is serially loaded through the TDI input (while the previous contents are shifted out at the TDO output). For all instructions, the TAP executes newly loaded instructions only when the controller is moved to the Update-IR state. The TAP Instruction Set for this device is listed in the following table. Instruction Descriptions BYPASS When the BYPASS instruction is loaded in the Instruction Register, the Bypass Register is placed between the TDI and TDO pins. This occurs when the TAP Controller is moved to the Shift-DR state. This allows the board level scan path to be shortened to facilitate testing of other devices in the scan path. SAMPLE/PRELOAD SAMPLE/PRELOAD is a Standard1149.1 mandatory public instruction. When the SAMPLE/PRELOAD instruction is loaded in the Instruction Register, moving the TAP Controller into the Capture-DR state loads the data in the SRAM's input and I/O buffers into the Boundary Scan Register. Some Boundary Scan Register locations are not associated with an input or I/O pin, and are loaded with the default state identified in the BSDL file. Because the SRAM clock is independent from the TAP Clock (TCK) it is possible for the TAP to attempt to capture the I/O ring contents while the input buffers are in transition (i.e. in a metastable state). Although allowing the TAP to 20
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM sample metastable inputs will not harm the device, repeatable results cannot be expected. SRAM input signals must be stabilized for long enough to meet the TAP's input data capture set-up plus hold time (tTS plus tTH). The SRAM's clock inputs need not be paused for any other TAP operation except capturing the I/O ring contents into the Boundary Scan Register. Moving the controller to the Shift-DR state then places the Boundary Scan Register between the TDI and TDO pins. EXTEST-A EXTEST is an IEEE 1149.1 mandatory public instruction. It is to be executed whenever the Instruction Register is loaded with all logic 0s. The EXTEST command dose not block or override the SRAM's input pins; therefore, the SRAM's internal state is still determined by its input pins. Typically, the Boundary Scan Register is loaded with the desired pattern with the SAMPLE/PRELOAD command. Then the EXTEST command is used to output the Boundary Scan Register's contents, in parallel, on the SRAM's data output drivers on the falling edge of TCK when the controller is in the Update-IR state. Alternately, the Boundary Scan Register may loaded in parallel using the EXTEST command. When the EXTEST instruction is selected, the state of all SRAM's input and I/O pins, as well as the default values at Scan Register locations not associated with a pin, are transferred in parallel into the Boundary Scan Register on the rising edge of TCK in the Capture-DR state, the SRAM's output pins drive out the value of the Boundary Scan Register location with which each output pin is associated. The EXTEST implementation in this device dose not, without further user intervention, actually move the contents of the scan chain onto the SRAM's output pins. Therefore this device is not strictly 1149.1-compliant. To push data from the Boundary Scan Registers, in parallel, out onto the SRAM's I/O and output pins, the SRAM's main clock (CK) must be pulsed. A single CK transition is sufficient to transfer the data, but more transitions will do no harm. IDCODE The IDCODE instruction cause the ID ROM to be loaded into the ID register when the controller is in the Capture-DR state and places the ID Register between the TDI and TDO pins in the Shift-DR state. The IDCODE instruction is the default instruction loaded in at power-up and any time the controller is placed in the Test-Logic-Reset state. SAMPLE-Z If the SAMPLE-Z instruction is loaded in the Instruction Register, all SRAM outputs are forced to an inactive drive state (High-Z) and the Boundary Scan Register is placed between the TDI and TDO pins when the TAP Controller is moved to the Shift-DR state. RFU These instructions are reserved for future use. Do not use these instructions.
21
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
JTAG TAP BLOCK DIAGRAM
Bypass Register 0 Instruction Register 210 TDI Identification Register 31 30 29 . . . . . . . . 2 1 0 Boundary Scan Register .. .............. .. 2 1 0 TDO
TMS TCK Test Access Port (TAP) Controller
BOUNDARY SCAN ORDER
TBD
22
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
JTAG TAP CONTROLLER STATE DIAGRAM
Test-Logic-Reset 1 0 Run-Test/Idle 0 1 1 Select-DR-Scan 0 Capture-DR 0 Shift-DR 1 1 Exit1-DR 0 Pause-DR 1 Exit2-DR 1 Update-DR 1 0 0 0 1 1 1 Select-IR-Scan 0 Capture-IR 0 Shift-IR 1 Exit1-IR 0 Pause-IR 1 Exit2-IR 1 Update-IR 1 0 0 0 1
0
0
TAP CONTROLLER DC ELECTRICAL CHARACTERISTICS (Ta=0~70C, VDD=1.70~1.95V, unless otherwise noted)
Limits Unit Min Max VIHT Test Port Input High Voltage 0.65*VDDQ VDDQ+0.3 ** V VILT Test Port Input Low Voltage -0.3 ** 0.35*VDDQ V VOHT Test Port Output High Voltage IOH=-100A VDDQ-0.1 V VOLT Test Port Output Low Voltage IOL=+100A 0.1 V IINT TMS, TCK and TDI Input Leakage Current -10 10 A IOLT TDO Output Leakage Current Output Disable, VOUT=0V~VDDQ -10 10 A Note37. **Input Undershoot/Overshoot voltage must be -1.0V23
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
TAP CONTROLLER AC ELECTRICAL CHARACTERISTICS (Ta=0~70C, VDD=1.70~1.95V, unless otherwise noted) (1)MEASUREMENT CONDITION Input pulse levels **************************************** VIH=VDDQ, VIL=0V Input rise and fall times ******************************* faster than or equal to 1V/ns Input timing reference levels *********************** VIH=VIL=VDDQ / 2 Output reference levels *******************************VIH=VIL=VDDQ / 2 Output load ************************************************** Fig.4
Q ZO=50 50 VT=VDDQ / 2 Fig.4 Output load 30pF (Including wiring and JIG)
(2)TIMING CHARACTERISTICS
Symbol Parameter TCK Frequency TCK Cycle Time TCK High Pulse Width TCK Low Pulse Width TDI, TMS setup time TDI, TMS hold time TCK Low to TDO valid Limits Min Max 20 50 20 20 10 10 20 Unit MHz ns ns ns ns ns ns
tTF tTKC tTKH tTKL tTS tTH tTKQ
(3) TIMING
tTKC tTKH tTKL
TCK
tTS tTH
TMS
tTS tTH
TDI
tTKQ
TDO
24
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
JTAG TAP INSTRUCTION SET SUMMARY
Instruction EXTEST-A IDCODE SAMPLE-Z RFU SAMPLE/PRELOAD RFU RFU BYPASS Code 000 001 010 011 100 101 110 111 Description Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. This SRAM implements an Clock Assisted EXTEST function. Not 1149.1 Compliant. Preloads ID Register and places it between TDI and TDO Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. Forces all Data and Clock output drivers to High-Z Do not use this instruction; Reserved for Future Use. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. Do not use this instruction; Reserved for Future Use. Do not use this instruction; Reserved for Future Use. Places the BYPASS Register between TDI and TDO.
STRUCTURE OF IDENTIFICATION REGISTER
Revision Bit No.
M5M5Y5636
31 30 29 28 27
VDD
26 25 24
Device Information Capacity Function
23 22 21 20 19 18 17 16
Width
15 14
Gen.
13 12
JEDEC Vendor Code of MITSUBISHI
11 10 9 8 7 6 5 4 3 2 1 0
000001
MSB
001010
100011
000000
001110
01
LSB
Note38. Bit of Device Information "Gen.(Generation)" means
Bit No. 1st Generation 2nd Generation 3rd Generation Bit No. X16 X18 X32 X36 X64 X72 Bit No. Network SRAM PB Bit No. 1M or 1.15M 2M or 2.3M 4M or 4.5M 8M or 9M 16M or 18M 32M or 36M Bit No. 3.3V 2.5V 1.8V 1.5V 13 0 0 1 16 0 0 0 0 1 1 20 0 0 24 0 0 0 0 0 0 27 0 0 0 0 12 0 1 0 15 0 0 1 1 0 0 19 1 0 23 0 0 0 1 1 1 26 0 0 1 1 14 0 1 0 1 0 1 18 0 0 22 0 1 1 0 0 1 25 0 1 0 1 17 0 1 21 1 0 1 0 1 0
Note39. Bit of Device Information "Width" means
Note40. Bit of Device Information "Function" means
Note41. Bit of Device Information "Capacity" means
Note42. Bit of Device Information "VDD" means
25
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
PACKAGE OUTLINE 209(11x19) bump Ball Grid Array(BGA) Pin Pitch 1.0mm
Refer to JEDEC Standard MS-028, Variation BC, which can be seen at: http://www.jedec.org/download/search/MS-028C.pdf
26
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0
MITSUBISHI LSIs
M5M5Y5636TG - 25,22,20
18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
REVISION HISTORY * Jun/06/2001 REV.0.0 First revision
27
MITSUBISHI ELECTRIC
Advanced Information M5M5Y5636TG REV.0.0


▲Up To Search▲   

 
Price & Availability of M5M5Y5636TG-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X