Part Number Hot Search : 
278M00 1SMA5941 NCP21XV N306AD SMLG110 80NF10 BU400 SL900
Product Description
Full Text Search
 

To Download LCX032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCX032AK
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
Description The LCX032AK is a 1.1cm diagonal active matrix TFT-LCD panel addressed by polycrystalline silicon super thin film transistors with built-in peripheral driving circuit. This panel provides full-color representation in NTSC/PAL mode. RGB dots are arranged in a delta pattern featuring high picture quality of no fixed color patterns, which is inherent in vertical stripes and mosaic pattern arrangements. Features * The number of active dots: 113,578 (0.44 Type; 1.115cm in diagonal) * Horizontal resolution: 260 TV lines * High optical transmittance: 4.8% (typ.) * High contrast ratio with normally white mode: 200 (typ.) * Built-in H and V drivers (built-in input level conversion circuit, TTL drive possible) * High quality picture representation with RGB delta arranged color filters * Full-color representation * NTSC/PAL compatible * Up/down and/or right/left inverse display function * 4:3 and 16:9 aspect switching function * Power save mode (Through current reduction by stop of level shifter and scanner during power supply cutoff) Element Structure * Dots Total dots : 537 (H) x 222 (V) = 119,214 Active dots: 521 (H) x 218 (V) = 113,578 * Built-in peripheral driver using polycrystalline silicon super thin film transistors. Applications * Viewfinders * Super compact liquid crystal monitors etc.
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E99714A03
LCX032AK
Block Diagram
HCK2
BLUE
DWN
GREEN
2
HCK1
RGT
VCK
HST
VSS
16
15
14
13
EN
12
11
10
9
8
7
6
5
RED
STB
4
3
H Level Conversion Circuit
H Shift Register
V Level Conversion Circuit
V Shift Register
CS
LC
COM Pad
-2-
COM
1
VST
VDD
BLK
LCX032AK
Absolute Maximum Ratings (VSS = 0V) * H and V driver supply voltages VDD * Common pad voltage COM * H driver input pin voltage HST, HCK1, HCK2 RGT * V driver input pin voltage VST, VCK, DWN, EN, BLK * Power save mode input pin voltage STB * Video signal input pin voltage GREEN, RED, BLUE * Operating temperature Topr * Storage temperature Tstg
-1.0 to +17 -1.0 to +17 -1.0 to +17 -1.0 to +17 -1.0 to +17 -1.0 to +15 -10 to +70 -30 to +85
V V V V V V C C
Operating Conditions (VSS = 0V) Supply voltage VDD 11.4 to 14.0 V Input pulse voltage (Vp-p of all input pins except video signal input pins) Vin 2.6V (more than) Pin Description Pin No. 1 2 3 4 5 6 7 8 Symbol COM GREEN RED BLUE BLK HCK1 HCK2 HST Description Common voltage of panel Video signal (G) to panel Video signal (R) to panel Video signal (B) to panel Top/bottom block display pulse Clock pulse for H shift register drive Clock pulse for H shift register drive Start pulse for H shift register drive Pin No. 9 10 11 12 13 14 15 16 Symbol RGT DWN EN STB VCK VST Vss VDD Description Drive direction pulse for H shift register (H: normal, L: reverse) Drive direction pulse for V shift register (H: normal, L: reverse) Enable pulse for gate selection For power save mode control (L-power save mode) Clock pulse for V shift register drive Start pulse for V shift register drive GND (H, V drivers) Power supply for H and V drivers
-3-
LCX032AK
Input Equivalent Circuit To prevent static charges, protective diodes are provided for each pin except the power supply. In addition, protective resistors are added to all pins except video signal input. All pins are connected to Vss with a high resistance of 1M (typ.). The equivalent circuit of each input pin is shown below: (The resistor value: typ.) (1) Video signal input
VDD From H driver
Input 1M
Signal line
(2) HCK1, HCK2
VDD 250 250 HCK1 250 HCK2 1M 250 1M Level conversion circuit (2-phase input)
(3) HST
VDD 250 Input 1M 250 Level conversion circuit (singlephase input)
(4) RGT, VST, EN, VCK, DWN, STB
VDD 2.5k Input 1M 2.5k Level conversion circuit (singlephase input)
(5) BLK
VDD 2.5k Input 28k 1M 2.5k Level conversion circuit (singlephase input)
(6) COM
VDD
Input
1M
LC
-4-
LCX032AK
Level Conversion Circuit The LCX032AK has a built-in level conversion circuit in the clock input unit located inside the panel. The circuit voltage is stepped up to VDD inside the panel. This level conversion circuit meets the specifications of a 3.0V power supply of the externally-driven IC. 1. I/O characteristics of level conversion circuit
Output voltage (inside panel)
(For a single-phase input unit) An example of the I/O voltage characteristics of a level conversion circuit is shown in the figure to the right. The input voltage value that becomes half the output voltage (after voltage conversion) is defined as Vth. The Vth value varies depending on the VDD voltage. The Vth values under standard conditions are indicated in the table below. (HST, VST, EN, DWN, STB, RGT, VCK and BLK in the case of a single-phase input)
VDD
Example of single-phase I/O characteristics VDD 2
Vth Input voltage [V]
VDD = 12.0V Item Vth voltage of circuit Symbol Vth Min. 0.35 Typ. 1.50 Max. 2.60 Unit V
Output voltage (inside panel)
(For a differential input unit) An example of I/O voltage characteristics of a level conversion circuit for a differential input is shown in the figure to the right. Although the characteristics, including those of the Vth voltage, are basically the same as those for a single-phased input, the twophased input phase is defined. (Refer to clock timing conditions.)
VDD
Example of differential I/O characteristics VDD 2
Vth Input voltage [V]
2. Current characteristics at the input pin of level conversion circuit A slight pull-in current is generated at the input pin of the level conversion circuit. (The equivalent circuit is shown to the right.) The current volume increases as the voltage at the input pin decreases, and is maximized when the pin is grounded. (Refer to electrical characteristics.)
0 0 Input pin voltage [V] 10 VDD
output
Input pin current
HCK1 input
HCK2 input
Max. value Level conversion equivalent circuit
Pull-in current characteristics at the input pin
-5-
LCX032AK
Input Signals 1. Input signal voltage conditions (VSS = 0V, VDD = 11.4 to 14V) Item H driver input voltage (HST, HCK1, HCK2, RGT, STB) V driver input voltage (VST, VCK1, VCK2, DWN, EN) Common voltage of panel (Low) (High) (Low) (High) Symbol VHIL VHIH VVIL VVIH VCOM Min. -0.35 2.6 -0.35 2.6 Typ. 0.0 5.0 0.0 5.0 Max. 0.35 5.5 0.35 5.5 Unit V V V V V
VVC - 0.45 VVC - 0.3 VVC - 0.15
Item Video signal input range Video signal input white level
Symbol Vsig VsigL
Min. VSS + 1.3 0.5
Typ.
Max. VDD - 1.8
Unit V V
Note) Video signal shall be symmetrical to video signal center voltage VVC.
Supplement1) Video signal input range is set within the range shown below for VDD and VSS. Also, video signal white level is defined for VVC as shown below.
VDD VDD - 1.8
VsigL VVC
White level VsigL
Video signal input range Max. VDD - 1.8 [V] Min. VSS + 1.3 [V]
VSS + 1.3 VSS
Supplement2) When power save mode is used, use video signal and COM pin within the condition 0.15V to prevent DC applying to LCD.
-6-
LCX032AK
2. Clock timing conditions (Ta = 25C, Input voltage = 3.0V, VDD = 12.0V) Item Hst rise time HST Hst fall time Hst data set-up time Hst data hold time Hckn2 rise time HCK Hckn2 fall time Hck1 fall to Hck2 rise time Hck1 rise to Hck2 fall time Vst rise time VST Vst fall time Vst data set-up time Vst data hold time Vck rise time VCK Vck fall time En rise time EN En fall time Vck fall to En fall time Vck rise to En rise time BLK rise time BLK3 BLK fall time BLK pulse width BLK fall to CLR fall time Symbol trHst tfHst tdHst thHst trHckn tfHckn to1Hck to2Hck trVst tfVst tdVst thVst trVck tfVck trEn tfEn tdVck2 tdVck1 trBlk tfBlk twBlk toClr 600 1.0 700 800 -100 -100 0 0 -50 -50 32 -32 -15 -15 0 0 -170 -455 135 -135 Min. Typ. Max. 30 30 170 -50 30 30 15 15 100 100 50 -20 100 100 100 100 100 100 100 100 ms ns ns s ns Unit
2 Hckn means Hck1, Hck2. (fHckn = 1.84MHz, fVckn = 7.865kHz) 3 BLK pulse is used only for 16:9 mode. For 4:3 mode, connect to VSS.
-7-
LCX032AK
Item Hst rise time Hst fall time HST Symbol trHst
HST 10% trHst 4
Waveform
90% 90% 10% tfHst
Conditions * HCKn2 duty cycle 50% to1Hck = 0ns to2Hck = 0ns
tfHst
Hst data set-up time
tdHst
50% HST HCK1 50% 50%
50%
Hst data hold time
thHst
tdHst thHst 90% 10%
* HCKn2 duty cycle 50% to1Hck = 0ns to2Hck = 0ns
Hckn2 rise time Hckn2 fall time HCK
trHckn
90% 2 HCKn 10%
tfHckn
4
trHckn
tfHckn
* HCKn2 duty cycle 50% to1Hck = 0ns to2Hck = 0ns tdHst = 135ns thHst = -135ns
Hck1 fall to Hck2 rise time
50%
50%
to1Hck
HCK1
50%
50%
* tdHst = 135ns thHst = -135ns
Hck1 rise to Hck2 fall time
to2Hck
HCK2 to2Hck to1Hck
-8-
LCX032AK
Item Vst rise time Vst fall time VST Symbol trVst
VST 10% trVst 4
Waveform
90% 90% 10% tfVst
Conditions
* VCK duty cycle 50%
tfVst
Vst data set-up time
tdVst
50% VST 50% 50%
50%
* VCK duty cycle 50% Vst data hold time thVst
VCK tdVst 90% VCK 10% thVst 90% 10%
Vck rise time VCK Vck fall time
trVck
tfVck
* VCK duty cycle 50% tdVst = 32s thVst = -32s
trVck
tfVck
En rise time
trEn
EN
90%
10%
10%
90%
En fall time EN Vck rise to En rise time
tfEn
4
tfEn
trEn
* VCK duty cycle 50% to1Vck = 0ns to2Vck = 0ns
tdVck
VCK
50%
50%
50%
50%
Vck rise to En fall time
tdVck
EN tdVck 90% 10% tdVck 90% 10% tfBlk
* VCK duty cycle 50% to1Vck = 0ns to2Vck = 0ns
BLK rise time
trBlk
BLK fall time BLK BLK pulse width
tfBlk
4 BLK
trBlk
twBlk
50%
twBlk
50%
BLK fall to CLR fall time 4 Definitions:
toClr
CLR
50%
The right-pointing arrow ( The left-pointing arrow ( The black dot at an arrow (
) means +. ) means -. ) indicates the start of measurement. -9-
LCX032AK
Electrical Characteristics 1. Horizontal drivers Item Input pin capacitance HCKn HST Input pin current HCK1 HCK2 HST RGT STB Video signal input pin capacitance Symbol CHckn CHst IHck1 IHck2 IHst IRgt Istb Csig -500 -500 -300 -100 -100 Min.
(Ta = 25C, VDD = 12.0V, Input voltage = 3.0V)
Typ. 5 5 -250 -250 -100 -25 -25 50
Max. 10 10
Unit pF pF A A A A A pF
Condition
HCK1 = GND HCK2 = GND HST = GND RGT = GND STB = GND
2. Vertical drivers Item Input pin capacitance VCK VST VST EN DWN VCK BLK Symbol CVck CVst IVst IEn IDwn IVck IBlk Min. Typ. 5 5 Max. 10 10 Unit pF pF Condition
-100
-25
A
VST, EN, DWN, VCK, BLK = GND
3. Total power consumption of the panel Item Total power consumption of the panel (NTSC) Power consumption during power save Symbol PWR Min. Typ. 30 0.6 Max. 50 Unit mW mW
4. VCOM input resistance, Video signal input resistance Item VCOM - Vss input resistance Symbol Rcom Min. 0.5 0.5 Typ. 1 1 Max. 1.2 1.2 Unit M M
Video signal - Vss input resistance Rsig
- 10 -
LCX032AK
Electro-optical Characteristics Item Contrast ratio VDD = 12.0V Vsig = 6.0 4.0V 60C 25C 60C R X Y Chromaticity G X Y B X Y V90 V-T characteristics 25C 60C V50 25C 60C V10 Half tone color reproduction range ON time Response time OFF time Flicker Image retention time 25C 60C R vs. G B vs. G 0C 25C 0C 25C 60C 60 min. Symbol CR4.060 CR4.025 T Rx Ry Gx Gy Bx By V90-25 V90-60 V50-25 V50-60 V10-25 V10-60 V50RG V50BG ton0 ton25 toff0 toff25 F YT60 7 8 6 5 4 3 Measurement method 1 2 Min 70 70 3.8 0.580 0.300 0.250 0.550 0.105 0.070 1.1 1.0 1.5 1.5 2.2 2.1 -- -- -- -- -- -- -- --
(Ta = 25C, NTSC mode) Typ. 200 200 4.8 0.620 0.340 0.290 0.590 0.140 0.110 1.6 1.5 2.0 1.9 2.5 2.4 -0.10 0.10 30 20 65 20 -- -- Max. -- -- -- 0.660 0.380 0.330 0.630 0.175 0.150 2.2 2.1 2.5 2.5 3.2 3.1 -0.25 0.45 100 40 150 60 -40 20 dB s ms V V CIE standards % Unit --
Optical transmittance
- 11 -
LCX032AK
Basic measurement conditions (1) Driving voltage VDD = 12.0V VVC = 6.0V, VCOM = 5.7V (2) Measurement temperature 25C unless otherwise specified. (3) Measurement point One point in the center of screen unless otherwise specified. (4) Measurement systems Two types of measurement system are used as shown below. (5) RGB input signal voltage (Vsig) Vsig = 6.0 VAC [V] (VAC: signal amplitude) Measurement system I
3.5mm
Back Light
Luminance Meter
Measurement Equipment
LCD panel
Back light: color temperature 8500K, +0.004uV (25C) Back light spectrum (reference) is listed on another page.
Measurement system II
Optical fiber Light receptor lens Light Detector Measurement Equipment
Drive Circuit
LCD panel
Light Source
1. Contrast Ratio Contrast Ratio (CR4.0) is given by the following formula (1). CR4.0 = L4.0 (White) ...(1) L4.0 (Black)
L4.0 (White): Surface luminance of the TFT-LCD panel at VDD = 12.0V, VVC = 6.0V, VCOM = 5.7V and the RGB signal amplitude VAC = 0.5V. L4.0 (Black): Surface luminance of the panel at VAC = 4.0V.
- 12 -
LCX032AK
2. Optical Transmittance Optical Transmittance (T) is given by the following formula (2). T= L (White) x 100 [%] ...(2) Luminance of Back Light
L (White) is the same expression as defined in the "Contrast Ratio" section. 3. Chromaticity Chromaticity of the panels are measured by System I. Raster modes of each color are defined by the representations at the input signal amplitude conditions shown in the table below. System I uses Chromaticity of x and y on the CIE standards here. Signal amplitudes (VAC) supplied to each input R input R Raster G B 0.5 4.0 4.0 G input 4.0 0.5 4.0 B input 4.0 4.0 0.5 (Unit: V)
4. V-T Characteristics V-T characteristics, the relationship between signal amplitude and the transmittance of the panels, are measured by System II. V90, V50 and V10 correspond to the each voltage which defines 90%, 50% and 10% of transmittance respectively. (Transmittance at VAC = 0.5V is 100%.)
Transmittance [%]
90
50
10 V90 V50 V10
5. Half Tone Color Reproduction Range Half tone color reproduction range of the LCD panels is characterized by the differences between the V-T characteristics of R, G and B. The differences of these V-T characteristics are measured by System II. System II defines signal voltages of each R, G, B raster modes which correspond to 50% of transmittance, V50R, V50G and V50B respectively. V50RG and V50BG, the voltage differences between V50R and V50G, V50B and V50G, are simply given by the following formulas (3) and (4) respectively. V50RG = V50R - V50G ...(3) V50BG = V50B - V50G ...(4) - 13 -
VAC - Signal amplitude [V]
100
V50RG V50BG
Transmittance [%]
50 R raster
G raster B raster
0 V50R V50B V50G VAC - Signal amplitude [V]
LCX032AK
6. Response Time Response time ton and toff are defined by the formulas (5) and (6) respectively.
4.0V
Input signal voltage (waveform applied to the measured pixels)
ton = t1 - tON ...(5) toff = t2 - tOFF ...(6) t1: time which gives 10% transmittance of the panel. t2: time which gives 90% transmittance of the panel. The relationships between t1, t2, tON and tOFF are shown in the right figure.
0.5V
6.0V
0V
Optical transmittance output waveform 100% 90%
10% 0%
tON
t1 ton
tOFF
t2 toff
7. Flicker Flicker (F) is given by the formula (7). DC and AC (NTSC: 30Hz, rms, PAL: 25Hz, rms) components of the panel output signal for gray raster mode are measured by a DC voltmeter and a spectrum analyzer in System II. F (dB) = 20log AC { DC component }...(7) component R, G, B input signal condition for gray raster mode is given by Vsig = 6.0 V50 (V) where: V50 is the signal amplitude which gives 50% of transmittance in V-T characteristics.
8. Image Retention Time Apply the monoscope signal to the LCD panel for 60 minutes and then change this signal to the gray scale of Vsig = 6.0 VAC (VAC: 3 to 4V), judging by sight at VAC that hold the maximum image retention, measure the time till the residual image becomes indistinct. Monoscope signal conditions: Vsig = 6.0 4.0 or 6 2.0 (V) (shown in the right figure) VCOM = 5.7V
Black level 4.0V 2.0V 6.0V 2.0V 4.0V White level
0V Vsig waveform
- 14 -
LCX032AK
Example of Back Light Spectrum (Reference)
0.4
0.3
0.2
0.1
0
400
500
600 Wavelength 380 - 780 [nm]
700
- 15 -
LCX032AK
Description of Operation 1. Color Coding Color filters are coded in a delta arrangement. The shaded area is used for the dark border around the display.
Gate SW
Gate SW
Gate SW
Gate SW
Gate SW
Gate SW Green is not connected for only final stage.
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
218 2
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
G
B
R
2
B R G B R G B R Active area G B R G B R G B R G G B R G B R G B R G B R G B R G B R B R G B R G B R G B R G B R G B R G G B R G B R G B R G B R G B R G B R B R G B R G B R Photo-shielding G B R G B R G B R G 3 521 537 13
- 16 -
222
LCX032AK
2. LCD Panel Operations * Through current of the level shifter during power supply cutoff can be reduced by STB pin. (power save mode) Power save mode is set at STB = Low level. * A vertical driver, which consists of vertical shift registers, enable-gates and buffers, applies a selected pulse to every 218 gate lines sequentially in every horizontal scanning period. A vertical shift register scans the gate lines from the top to bottom of the panel at DWN = High level. * The selected pulse is delivered when the enable pin turns to High level. PAL mode images are displayed by controlling the enable and VCK pin. The enable pin should be High when not in use. * A horizontal driver, which consists of horizontal shift registers, gates and CMOS sample-and-hold circuits applies selected pulses to every 521 signal electrodes sequentially in a single horizontal scanning period. * Vertical and horizontal drivers address one pixel and then turn on Thin Film Transistors (TFTs; two TFTs) to apply a video signal to the dot. The same procedures lead to the entire 218 x 521 dots to display a picture in a single vertical scanning period. * Pixel dots are arranged in a delta pattern, where sets of RGB pixels are positioned with 1.5-dot shifted against adjacent horizontal line. 1.5-dot shift of a horizontal driver output pulse against horizontal synchronized signal is required to apply a video signal to each dot properly. 1H reversed displaying mode is required to apply video signal to the panel. * The video signal shall be input with polarity-inverted system in every horizontal cycle. * Timing diagrams of the vertical and the horizontal right-direction scanning (RGT = High level) display cycle are shown below:
- 17 -
LCX032AK
* This LCD panel provides the following functions. * Right/left inverse mode * Up/down inverse mode These modes are controlled by two signals, RGT and DWN. RGT H L Mode Right scan Left scan DWN H L Mode Down scan Up scan
(1) Vertical display cycle
VD VST Vertical display cycle 218H (13.84ms) VCK VST is sampled at first for VCK. 1 2 217 218
(2) Horizontal display cycle (right scan)
HD HST 175 HCK1 1 2 3 4 5 174 HCK2 Horizontal display cycle (47.3s) HST is sampled at first for HCK1. The horizontal display cycle consists of 521/3 = 174 clock pulses because of RGB simultaneous sampling. Refer to Description of Operation "3. RGB Simultaneous Sampling."
- 18 -
LCX032AK
3. RGB Simultaneous Sampling Horizontal driver samples R, G and B signal simultaneously, which requires the phase matching between R, G and B signals to prevent horizontal resolution from deteriorating. Thus phase matching between each signal is required using an external signal delaying circuit before applying video signal to the LCD panel. Two methods are applied for the delaying procedure: Sample and hold and Delay circuit. These two block diagrams are as follows. The LCX032AK has the right/left inverse function. The following phase relationship diagram indicates the phase setting for the right scan (RGT = High level). For the left scan (RGT = Low level), the phase setting shall be inverted between B and G signals.
(1) Sample and hold (right scan)
B
S/H CKB
S/H CKG S/H CKR S/H CKG S/H CKG
AC Amp
4
BLUE
R
AC Amp
3
RED
G
AC Amp
2
GREEN
(right scan)
HCKn
CKB
CKR
CKG
(2) Delay circuit (right scan)
B
Delay
Delay
AC Amp
4
BLUE
R
Delay
AC Amp
3
RED
G
AC Amp
2
GREEN
- 19 -
LCX032AK
LCX032AK
LCX032AK
Example of Color Filter Spectrum (Reference)
100 Color Filter Spectrum
R
80
G
B 60
Transmittance [%]
40 20
0 400 500 Wavelength [nm] 600 700
- 20 -
LCX032AK
Color Display System Block Diagram An example of single-chip display system is shown below.
+12V
+3V
+12V
RED
Y/C
GREEN
BLUE Y/color difference
VCOM BLK CXA3503R HST HCK1 HCK2 VST VCK EN STB Serial control DWN RGT LCD panel NTSC/PAL LCX032AK
Control circuit (microcomputer, etc.)
- 21 -
LCX032AK
Notes on Handling (1) Static charge prevention Be sure to take following protective measures. TFT-LCD panels are easily damaged by static charge. a) Use non-chargeable gloves, or simply use bare hands. b) Use an earth-band when handling. c) Do not touch any electrodes of a panel. d) Wear non-chargeable clothes and conductive shoes. e) Install conductive mat on the working floor and working table. f) Keep panels away from any charged materials. g) Use ionized air to discharge the panels. (2) Protection from dust and dirt a) Operate in clean environment. b) When delivered, a surface of a panel (Polarizer) is covered by a protective sheet. Peel off the protective sheet carefully not to damage the panel. c) Do not touch the surface of a panel. The surface is easily scratched. When cleaning, use a clean-room wiper with isopropyl alcohol. Be careful not to leave stain on the surface. d) Use ionized air to blow off dust at a panel. (3) Other handling precautions a) Do not twist or bend the flexible PC board especially at the connecting region because the board is easily deformed. b) Do not drop a panel. c) Do not twist or bend a panel or a panel frame. d) Keep a panel away from heat source. e) Do not dampen a panel with water or other solvents. f) Avoid to store or to use a panel in a high temperature or in a high humidity, which may result in panel damages.
- 22 -
LCX032AK
Package Outline
Unit: mm
12.5 0.3 8.5 0.05
Thickness of the connector 0.3 0.05
4 4
1.2 0.3
(21.7)
1
1. R 4-
37.1 0.9
2
5 5
3
15.4 0.15
6.1 0.25
(6.63)
0.5 0.15
3.0 0.3
4.0 0.5
0
Active area
6 6 Incident light 6
(8.97) 8.0 0.25 16.0 0.15
2.7 0.15
No 1
P 0.5 0.02 x 15 = 7.5 0.03 + 0.04 0.35 - 0.03 0.5 0.1
Description FPC Molding material Outside frame Reinforcing board
2 3 4
PIN 1
PIN 16
5 Reinforcing material 6 Polarizing film Mass 1g
Electrode (enlarged)
- 23 -
Sony Corporation


▲Up To Search▲   

 
Price & Availability of LCX032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X